Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR41828-AG6-R Datasheet(PDF) 7 Page - Unisonic Technologies

Part # LR41828-AG6-R
Description  Dual竊똋ow-Noise竊?00mA LDO REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR41828-AG6-R Datasheet(HTML) 7 Page - Unisonic Technologies

  LR41828-AG6-R Datasheet HTML 1Page - Unisonic Technologies LR41828-AG6-R Datasheet HTML 2Page - Unisonic Technologies LR41828-AG6-R Datasheet HTML 3Page - Unisonic Technologies LR41828-AG6-R Datasheet HTML 4Page - Unisonic Technologies LR41828-AG6-R Datasheet HTML 5Page - Unisonic Technologies LR41828-AG6-R Datasheet HTML 6Page - Unisonic Technologies LR41828-AG6-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
LR4XXYY
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
7 of 7
www.unisonic.com.tw
QW-R502-A39.a
TYPICAL APPLICATION CIRCUIT
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.


Similar Part No. - LR41828-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR41828G-AG6-R UTC-LR41828G-AG6-R Datasheet
178Kb / 7P
   Dual Low-Noise 200mA LDO REGULATOR
More results

Similar Description - LR41828-AG6-R

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
LR4XXYY ETL-LR4XXYY Datasheet
180Kb / 7P
   Dual竊똋ow-Noise竊?00mA LDO REGULATOR
logo
SHANGHAI BELLING CO., L...
BL9103 BELLING-BL9103 Datasheet
297Kb / 6P
   250mA竊똋ow Power Consumption LDO
logo
National Instruments Co...
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
   竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
   竊볩폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100E6 NI-PCHMB100E6_15 Datasheet
259Kb / 4P
   竊묕폁竊먲샥竊뚳폋竊먲폁竊
PCHMB100B12 NI-PCHMB100B12_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCHMB100B12A NI-PCHMB100B12A_15 Datasheet
201Kb / 3P
   竊묕폁竊?竊∽펽竊묕폃竊먲폁竊
PCFMB150E6 NI-PCFMB150E6_15 Datasheet
283Kb / 4P
   竊묕폊竊?竊∽펽竊뽳폁竊먲섬
PCHMB75B12 NI-PCHMB75B12_15 Datasheet
207Kb / 3P
   竊쀯폊 竊∽펽竊묕폃竊먲폁竊
PCHMB75B12A NI-PCHMB75B12A_15 Datasheet
207Kb / 3P
   竊쀯폊 竊∽펽竊묕폃竊먲폁竊
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com