Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LR9270HL-33-AF5-R Datasheet(PDF) 5 Page - Unisonic Technologies

Part # LR9270HL-33-AF5-R
Description  800mA LDO REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

LR9270HL-33-AF5-R Datasheet(HTML) 5 Page - Unisonic Technologies

  LR9270HL-33-AF5-R Datasheet HTML 1Page - Unisonic Technologies LR9270HL-33-AF5-R Datasheet HTML 2Page - Unisonic Technologies LR9270HL-33-AF5-R Datasheet HTML 3Page - Unisonic Technologies LR9270HL-33-AF5-R Datasheet HTML 4Page - Unisonic Technologies LR9270HL-33-AF5-R Datasheet HTML 5Page - Unisonic Technologies LR9270HL-33-AF5-R Datasheet HTML 6Page - Unisonic Technologies LR9270HL-33-AF5-R Datasheet HTML 7Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
LR9270
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
5 of 7
www.unisonic.com.tw
QW-R502-A62.a
ELECTRICAL CHARACTERISTICS(Cont.)
LR9270H-xx
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Input Voltage
VIN
6.0
V
Supply Current
ISS
VIN-VOUT=1.0V, VCE=VIN
80
160
µA
Standby Current
ISTB
VIN=6.0V, VCE=GND
0.1
1.0
µA
Output Voltage
VOUT
VIN-VOUT=1.0V, IOUT=100mA
x0.98
x1.02
V
Output Current
IOUT
VIN-VOUT=1.0V
800
mA
Load Regulation
∆VOUT/∆IOUT VIN-VOUT=1.0V, 1mA≤IOUT≤300mA
30
100
mV
Dropout Voltage
VDIF
IOUT=300mA
VOUT=1.5
0.35
0.45
V
VOUT=1.6
0.30
0.35
V
VOUT=1.7
0.25
0.30
V
VOUT=1.8≤VOUT≤2.0
0.20
0.25
V
VOUT=2.1≤VOUT≤2.4
0.15
0.20
V
VOUT=2.5≤VOUT≤4.0
0.12
0.18
V
Line Regulation
∆VOUT/∆VIN IOUT=100mA, VOUT+0.5V≤VIN≤8.0V
0.05
0.30
%/V
Ripple Rejection
RR
f=1kHz,Ripple 0.5Vp-p
50
dB
Output Voltage
Temperature Coefficient
∆VOUT/∆T
-40°C≤TOPT≤ 85°C
±100
ppm
/°C
Short Current Limit
ILIM
VOUT=0V
40
mA
Pull-down resistance for CE
pin
RPD
1.25
2.5
5
MΩ
CE Input Voltage “H”
VCEH
1.5
V
CE Input Voltage “L”
VCEL
0.25
V
Thermal Shutdown Detector
Threshold Temperature
TTSD
Junction Temperature
150
°C
Thermal Shutdown Released
Temperature
TTSR
Junction Temperature
120
°C


Similar Part No. - LR9270HL-33-AF5-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
LR9270HL-33-AF5-R UTC-LR9270HL-33-AF5-R Datasheet
232Kb / 7P
   800mA LDO REGULATOR
More results

Similar Description - LR9270HL-33-AF5-R

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1170 RICOH-R1170 Datasheet
215Kb / 22P
   800mA LDO REGULATOR
logo
Unisonic Technologies
LR9270 UTC-LR9270_17 Datasheet
232Kb / 7P
   800mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1170X NISSHINBO-R1170X Datasheet
283Kb / 22P
   800mA LDO REGULATOR
logo
RICOH electronics devic...
R1170X RICOH-R1170X Datasheet
261Kb / 16P
   800mA LDO REGULATOR????
logo
Unisonic Technologies
LR1170 UTC-LR1170 Datasheet
178Kb / 6P
   800MA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
SC1117 FUMAN-SC1117 Datasheet
481Kb / 8P
   800mA LDO Regulator IC
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM85301HA-S ELM-TECH-ELM85301HA-S Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
ELM85 ELM-TECH-ELM85_17 Datasheet
992Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
logo
Lowpower Semiconductor ...
LP1116 POWER-LP1116 Datasheet
649Kb / 6P
   800mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com