Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ABAC12W1735PN Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # ABAC12W1735PN
Description  38999 IN LINE RECEPTACLE
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ABAC12W1735PN Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  ABAC12W1735PN Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
EXAMPLE PART NUMBER:
ABAC 12 W 17 35 S N
PRODUCT SERIES
SHELL STYLE
FINISH (TABLE 2)
SHELL SIZE (TABLE 1)
INSERT ARRANGEMENT
CONTACT TYPE
P = PIN CONTACTS
S = SOCKET CONTACTS
ORIENTATION
*CONSULT FACTORY FOR CUSTOM REQUIREMENTS
A
A
A
A T
T
T
TT
T
T
T G
G
G
GR
R
R
RO
O
O
OU
U
U
UP
P
P
P C
C
C
CO
O
O
OM
M
M
MP
P
P
PA
A
A
AN
N
N
NY
Y
Y
Y
A
A
A
AB
B
B
B C
C
C
CO
O
O
ON
N
N
NN
N
N
NE
E
E
EC
C
C
CT
T
T
TO
O
O
OR
R
R
RS
S
S
S L
L
L
LT
T
T
TD
D
D
D.
..
.
IF NOT , A NEW DRAWING NUMBER MUST
THE PART REMAINS INTERCHANGEABLE.
THIS DRAWING MAY ONLY BE ALTERED IF
ANGULAR
` 2~
HOLE DIAMETERS
` 0.05
ALL DECIMAL PLACES
` 0.1
MODIFICATIONS MUST BE CARRIED OUT USING CAD SYSTEM
TOLERANCES UNLESS OTHERWISE STATED
MATERIAL:
PROFILE OF A SURFACE
PROFILE OF A LINE
PARALLELISM
CYLINDRICITY
ROUNDNESS
FLATNESS
STRAIGHTNESS
CHARACTERISTIC
GEOMETRIC TOLERANCE SYMBOLS
A3
TOLERANCES. NOTES. ETC. SEE BS308
FOR EXPLANATION OF DIMENSIONS.
SQUARENESS
SYMMETRY
CONCENTRICITY
POSITION
RUN OUT
ANGULARITY
CHARACTERISTIC
M.M.C.
SYM
M
SYM
CHKD
DATE
DRAWN
BE TAKEN.
WORKED TO.
NOT TO BE
PURPOSES ONLY.
FOR QUOTATION
DRAWING
All Dimensions are in mm
DESCRIPTION OF LAST CHANGE
c ABConnectors Ltd. This document and the information contained herein may not be copied, used or disclosed, in whole
or in part, except with the prior written permission of AB CONNECTORS LTD., or if this document has been produced
under a contract with another party as expressly authorised under that contract. It is supplied without liability for errors or
omisions.
ISSUED BY
DATE
PRODUCT DRAWING NUMBER
TITLE:
Do not scale this drawing
Variations start at 001
FINISH
CODE
FINISH:
VARN
PROJECTION
ISSUE
38999 IN LINE RECEPTACLE
N/A
ABAC.CDS.0006
RW
31/01/2011
For Reference Only
ABAC.CDS.0006
= CRITICAL CHARACTERISTIC ◊ = SIGNIFICANT CHARACTERISTIC (SEE AB-W07-03-01 FOR DESCRIPTION)
A MAX
ØB MAX
TABLE 1: CONNECTOR DIMENSIONS
SHELL SIZE
A MAX
ØB MAX
THREAD DETAIL
9
33
21
M12x1-6g
11
33
23.7
M15x1-6g
13
33
29.3
M18x1-6g
15
33
31.3
M22x1-6g
17
33
35.67
M25x1-6g
19
33
38.4
M28x1-6g
21
33
41.67
M31x1-6g
23
33
44.9
M34x1-6g
25
33
47.97
M37x1-6g
TABLE 2: FINISH
REF
FINISH DESCRIPTION
QB
ZINC COBALT BLACK PASSIVATE
W
OLIVE DRAB CADMIUM
Q
ZINC COBALT GREEN PASSIVATE
F
ELECTROLESS NICKEL
ISSUE: A
BY: RAW
RN: N/A
DATE: 31/01/2011
PRE PRODUCTION
PROPOSAL
(9.00)
THREAD DETAIL


Similar Part No. - ABAC12W1735PN

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ABAC11W1535PN ETC2-ABAC11W1535PN Datasheet
380Kb / 1P
   BULKHEAD CONNECTOR
ABAC11W1535PPN ETC2-ABAC11W1535PPN Datasheet
380Kb / 1P
   BULKHEAD CONNECTOR
ABAC11W1535SN ETC2-ABAC11W1535SN Datasheet
380Kb / 1P
   BULKHEAD CONNECTOR
ABAC11W1535SSN ETC2-ABAC11W1535SSN Datasheet
380Kb / 1P
   BULKHEAD CONNECTOR
ABAC13W1735PN ETC2-ABAC13W1735PN Datasheet
117Kb / 1P
   BOX MOUNTING RECEPTACLE
More results

Similar Description - ABAC12W1735PN

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
M28876-5 GLENAIR-M28876-5 Datasheet
192Kb / 1P
   In-Line Receptacle
152_004 GLENAIR-152_004 Datasheet
156Kb / 1P
   In-Line Receptacle
880-026R GLENAIR-880-026R Datasheet
427Kb / 2P
   In-Line Receptacle
802-010-01 GLENAIR-802-010-01 Datasheet
172Kb / 1P
   In-Line Receptacle
050_304 GLENAIR-050_304 Datasheet
734Kb / 8P
   MIL-DTL-38999 type receptacle connector
IPT01A18-11SZC GLENAIR-IPT01A18-11SZC Datasheet
221Kb / 2P
   In-Line Receptacle Connector
IPT01A18-11SZCPH16 GLENAIR-IPT01A18-11SZCPH16 Datasheet
225Kb / 2P
   In-Line Receptacle Connector
IPT01E18-11SZCSR GLENAIR-IPT01E18-11SZCSR Datasheet
222Kb / 2P
   In-Line Receptacle Connector
IPT01G18-11SZC GLENAIR-IPT01G18-11SZC Datasheet
224Kb / 2P
   In-Line Receptacle Connector
IPT01J18-11SZC GLENAIR-IPT01J18-11SZC Datasheet
222Kb / 2P
   In-Line Receptacle Connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com