Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UR1170LL-S08-T Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UR1170LL-S08-T
Description  800MA LDO REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UR1170LL-S08-T Datasheet(HTML) 2 Page - Unisonic Technologies

  UR1170LL-S08-T Datasheet HTML 1Page - Unisonic Technologies UR1170LL-S08-T Datasheet HTML 2Page - Unisonic Technologies UR1170LL-S08-T Datasheet HTML 3Page - Unisonic Technologies UR1170LL-S08-T Datasheet HTML 4Page - Unisonic Technologies UR1170LL-S08-T Datasheet HTML 5Page - Unisonic Technologies UR1170LL-S08-T Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
UR1170
Preliminary
CMOS IC
UNISONICTECHNOLOGIESCO.,LTD
2 of 6
www.unisonic.com.tw
QW-R502-A31.a
PIN CONFIGURATION
PIN DESCRIPTION
PIN NO.
PIN NAME
DESCRIPTION
1, 2
VOUT
Voltage Regulator Output Pin
3
CE or CE
Chip Enable Pin Voltage Regulator Output Pin
4
GND
Ground Pin
5, 6
VDD
Input Pin
7, 8
NC
No Connection
BLOCK DIAGRAM
VDD
6
5
VDD
3
4
2
1
CE
GND
VOUT
VOUT
-
+
Vref
Current Limit
and OTP


Similar Part No. - UR1170LL-S08-T

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UR1171 UTC-UR1171 Datasheet
173Kb / 5P
   1.5A LDO REGULATOR
UR1171AHG-S08-R UTC-UR1171AHG-S08-R Datasheet
173Kb / 5P
   1.5A LDO REGULATOR
UR1171AHG-S08-T UTC-UR1171AHG-S08-T Datasheet
173Kb / 5P
   1.5A LDO REGULATOR
UR1171AHL-S08-R UTC-UR1171AHL-S08-R Datasheet
173Kb / 5P
   1.5A LDO REGULATOR
UR1171AHL-S08-T UTC-UR1171AHL-S08-T Datasheet
173Kb / 5P
   1.5A LDO REGULATOR
More results

Similar Description - UR1170LL-S08-T

ManufacturerPart #DatasheetDescription
logo
RICOH electronics devic...
R1170 RICOH-R1170 Datasheet
215Kb / 22P
   800mA LDO REGULATOR
logo
Unisonic Technologies
LR9270 UTC-LR9270_17 Datasheet
232Kb / 7P
   800mA LDO REGULATOR
logo
Nisshinbo Micro Devices...
R1170X NISSHINBO-R1170X Datasheet
283Kb / 22P
   800mA LDO REGULATOR
logo
RICOH electronics devic...
R1170X RICOH-R1170X Datasheet
261Kb / 16P
   800mA LDO REGULATOR????
logo
Unisonic Technologies
LR9270 UTC-LR9270 Datasheet
199Kb / 7P
   800mA LDO REGULATOR
logo
SHENZHEN FUMAN ELECTRON...
SC1117 FUMAN-SC1117 Datasheet
481Kb / 8P
   800mA LDO Regulator IC
logo
Silan Microelectronics ...
SA1117B SILAN-SA1117B Datasheet
215Kb / 8P
   800mA LDO VOLTAGE REGULATOR
logo
ELM Technology Corporat...
ELM85301HA-S ELM-TECH-ELM85301HA-S Datasheet
137Kb / 12P
   CMOS 800mA LDO voltage regulator
ELM85 ELM-TECH-ELM85_17 Datasheet
992Kb / 14P
   CMOS 600mA/800mA LDO voltage regulator
logo
Lowpower Semiconductor ...
LP1116 POWER-LP1116 Datasheet
649Kb / 6P
   800mA,Ultra-low Noise LDO Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com