Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIPXIE-6363 Datasheet(PDF) 6 Page - National Instruments Corporation

Part # NIPXIE-6363
Description  NI X Series Multifunction Data Acquisition
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXIE-6363 Datasheet(HTML) 6 Page - National Instruments Corporation

Back Button NIPXIE-6363 Datasheet HTML 2Page - National Instruments Corporation NIPXIE-6363 Datasheet HTML 3Page - National Instruments Corporation NIPXIE-6363 Datasheet HTML 4Page - National Instruments Corporation NIPXIE-6363 Datasheet HTML 5Page - National Instruments Corporation NIPXIE-6363 Datasheet HTML 6Page - National Instruments Corporation NIPXIE-6363 Datasheet HTML 7Page - National Instruments Corporation NIPXIE-6363 Datasheet HTML 8Page - National Instruments Corporation NIPXIE-6363 Datasheet HTML 9Page - National Instruments Corporation NIPXIE-6363 Datasheet HTML 10Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
6/20
www.ni.com
Sampling rate
Maximum
2.00 MS/s single channel, 1.00 MS/s multi-channel (aggregate)
Minimum
No minimum
Timing accuracy
50 ppm of sample rate
Timing resolution
10 ns
Input coupling
DC
Input range
±10 V, ±5 V, ±2 V, ±1 V, ±0.5 V, ±0.2 V, ±0.1 V
Maximum working voltage for analog inputs (signal + common mode)
±11 V of AI GND
CMRR (DC to 60 Hz)
100 dB
Input impedance
Device on
AI+ to AI GND
>10 GΩ in parallel with 100 pF
AI– to AI GND
>10 GΩ in parallel with 100 pF
Device off
AI+ to AI GND
820 Ω
AI– to AI GND
820 Ω
Input bias current
±100 pA
Crosstalk (at 100 kHz)
Adjacent channels
–75 dB
Non-adjacent channels
–95 dB
Small signal bandwidth (–3 dB)
1.7 MHz
Input FIFO size
4,095 samples
Scan list memory
4,095 entries
Data transfers
NI PCIe/PXIe-6361/6363
DMA (scatter-gather), programmed I/O
NI USB-6361/6363
USB Signal Stream, programmed I/O
Overvoltage protection (AI <0..31>, AI SENSE, AI SENSE 2)
Device on
±25 V for up to two AI pins
Device off
±15 V for up to two AI pins
Input current during overvoltage condition
±20 mA max/AI pin
Settling Time for Multichannel Measurements
Range
±60 ppm of Step (±4 LSB for Full Scale Step) ±15 ppm of Step (±1 LSB for Full Scale Step)
±10 V, ±5 V, ±2 V, ±1 V 1 μs
1.5 μs
±0.5 V
1.5 μs
2 μs
±0.2 V, ±0.1 V
2 μs
8 μs
Typical Performance Graphs


Similar Part No. - NIPXIE-6363

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXIE-6361 NI-NIPXIE-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPXIE-6366 NI-NIPXIE-6366 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIPXIE-6368 NI-NIPXIE-6368 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
More results

Similar Description - NIPXIE-6363

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIUSB-6343 NI-NIUSB-6343 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIUSB-6351 NI-NIUSB-6351 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIUSB-6353 NI-NIUSB-6353 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIPCIE-6361 NI-NIPCIE-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPCIE-6320 NI-NIPCIE-6320 Datasheet
516Kb / 15P
   NI X Series Multifunction Data Acquisition
NIPXIE-6358 NI-NIPXIE-6358 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIUSB-6361 NI-NIUSB-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIUSB-6363 NI-NIUSB-6363 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIUSB-6366 NI-NIUSB-6366 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIPXIE-6356 NI-NIPXIE-6356 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com