Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIPXIE-6363 Datasheet(PDF) 4 Page - National Instruments Corporation

Part # NIPXIE-6363
Description  NI X Series Multifunction Data Acquisition
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXIE-6363 Datasheet(HTML) 4 Page - National Instruments Corporation

  NIPXIE-6363 Datasheet HTML 1Page - National Instruments Corporation NIPXIE-6363 Datasheet HTML 2Page - National Instruments Corporation NIPXIE-6363 Datasheet HTML 3Page - National Instruments Corporation NIPXIE-6363 Datasheet HTML 4Page - National Instruments Corporation NIPXIE-6363 Datasheet HTML 5Page - National Instruments Corporation NIPXIE-6363 Datasheet HTML 6Page - National Instruments Corporation NIPXIE-6363 Datasheet HTML 7Page - National Instruments Corporation NIPXIE-6363 Datasheet HTML 8Page - National Instruments Corporation NIPXIE-6363 Datasheet HTML 9Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
4/20
www.ni.com
Back to Top
Back to Top
NI PXIe-6361
Requires: 1 Cable , 1 Connector Block ;
781055-01
Cable: Shielded - SHC68-68-EPM Cable (2m)
**Also Available: [Unshielded]
192061-02
Connector Block: Spring-Screw_Terminals - SCB-68A
**Also Available: [BNC_Terminals, Custom]
782536-01
NI PCIe-6363
NI PCIe-6363
Requires: 2 Cables , 2 Connector Blocks ;
781051-01
Connector 0:
Cables: Shielded - SHC68-68-EPM Cable (2m)
**Also Available: [Unshielded]
192061-02
Connector Blocks: Spring-Screw_Terminals - SCB-68A
**Also Available: [BNC_Terminals]
782536-01
Connector 1:
Cables: Shielded - SHC68-68-EPM Cable (2m)
**Also Available: [Unshielded]
192061-02
Connector Blocks: Spring-Screw_Terminals - SCB-68A
**Also Available: [BNC_Terminals]
782536-01
NI PXIe-6363
NI PXIe-6363
Requires: 1 Cable , 1 Connector Block ;
781056-01
Connector 0:
Cable: Shielded - SHC68-68-EPM Cable (2m)
**Also Available: [Unshielded]
192061-02
Connector Block: Spring-Screw_Terminals - SCB-68A
**Also Available: [BNC_Terminals]
782536-01
Connector 1:
Cable: Shielded - SHC68-68-EPM Cable (2m)
**Also Available: [Unshielded]
192061-02
Connector Block: Spring-Screw_Terminals - SCB-68A
**Also Available: [BNC_Terminals]
782536-01
Software Recommendations
LabVIEW Professional
Development System for
Windows
Advanced software tools for large project
development
Automatic code generation using DAQ
Assistant and Instrument I/O Assistant
Tight integration with a wide range of
hardware
Advanced measurement analysis and digital
signal processing
Open connectivity with DLLs, ActiveX, and
.NET objects
Capability to build DLLs, executables, and
MSI installers
SignalExpress for Windows
Quickly configure projects without
programming
Control over 400 PC-based and stand-alone
instruments
Log data from more than 250 data acquisition
devices
Perform basic signal processing, analysis,
and file I/O
Scale your application with automatic
LabVIEW code generation
Create custom reports or easily export data
to LabVIEW, DIAdem or Microsoft Excel
NI LabWindows™/CVI for
Windows
Real-time advanced 2D graphs and charts
Complete hardware compatibility with IVI,
VISA, DAQ, GPIB, and serial
Analysis tools for array manipulation, signal
processing statistics, and curve fitting
Simplified cross-platform communication with
network variables
Measurement Studio .NET tools (included in
LabWindows/CVI Full only)
The mark LabWindows is used under a
license from Microsoft Corporation.
NI Measurement Studio
Professional Edition
Customizable graphs and charts for WPF,
Windows Forms, and ASP.NET Web Forms
UI design
Analysis libraries for array operations, signal
generation, windowing, filters, signal
processing
Hardware integration support with native
.NET data acquisition and instrument control
libraries
Automatic code generation for all NI-DAQmx
data acquisition hardware
Intelligent and efficient data-logging libraries
for streaming measurement data to disk
Support for Microsoft Visual Studio .NET
2012/2010/2008
Support and Services
System Assurance Programs


Similar Part No. - NIPXIE-6363

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXIE-6361 NI-NIPXIE-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPXIE-6366 NI-NIPXIE-6366 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIPXIE-6368 NI-NIPXIE-6368 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
More results

Similar Description - NIPXIE-6363

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIUSB-6343 NI-NIUSB-6343 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIUSB-6351 NI-NIUSB-6351 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIUSB-6353 NI-NIUSB-6353 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIPCIE-6361 NI-NIPCIE-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPCIE-6320 NI-NIPCIE-6320 Datasheet
516Kb / 15P
   NI X Series Multifunction Data Acquisition
NIPXIE-6358 NI-NIPXIE-6358 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIUSB-6361 NI-NIUSB-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIUSB-6363 NI-NIUSB-6363 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIUSB-6366 NI-NIUSB-6366 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIPXIE-6356 NI-NIPXIE-6356 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com