Electronic Components Datasheet Search |
|
74242 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers |
|
74242 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers |
|
1 / 1 page www.wihatools.com Wiha Quality Tools Germany 185 Dura Bits, Slotted, 1/4” Item Each No. mm Inch mm Inch mm Bit 710 10 0.6 .024 4.5 .177 25 $5.48 710 11 0.8 .030 5.5 .216 25 $5.48 710 12 1.0 .039 5.5 .216 25 $5.48 710 13 1.2 .039 6.5 .255 25 $5.48 710 Dura Bits, Phillips, 1/4” Item Each No. Size mm lbs. Bit 711 11 1 25 .02 $4.66 711 12 2 25 .02 $4.66 711 13 3 25 .02 $4.66 711 Dura Phillips Power Bits. 1/4” Hex Drive, Length 2.0”/50mm Item Each No. Size mm lbs. Bit 741 41 1 50 .04 $6.34 741 42 2 50 .04 $6.34 741 43 3 50 .04 $6.34 741 Dura Pozidriv® Power Bits. 1/4” Hex Drive, Length 2.0”/50mm Item Each No. Size mm lbs. Bit 742 41 1 50 .04 $6.16 742 42 2 50 .04 $6.16 742 43 3 50 .04 $6.16 742 Dura Bits, Pozidriv, 1/4” Item Each No. Size mm lbs. Bit 712 11 1 25 .02 $4.52 712 12 2 25 .02 $4.52 712 13 3 25 .02 $4.52 712 Dura Bits, , 1/4” Item Each No. Size mm lbs. Bit 715 74 T10 25 .02 $7.12 715 76 T15 25 .02 $7.12 715 78 T20 25 .02 $7.12 715 80 T25 25 .02 $7.12 715 82 T30 25 .02 $7.12 715 84 T40 25 .03 $7.12 715 Dura Torsion Insert and Power Bits Diamond Bits, Slotted, 1/4” Item Each No. mm Inch mm Inch mm Bit 710 20 4.5 .177 0.6 .024 25 $5.16 710 21 5.5 .216 0.8 .030 25 $5.16 710 22 5.5 .216 1.0 .039 25 $5.16 710 23 6.5 .255 1.2 .039 25 $5.16 710 24 8.0 .315 1.2 .063 25 $5.16 Diamond Bits, Phillips, 1/4” Item Each No. Size mm lbs. Bit 711 81 1 25 .02 $4.48 711 82 2 25 .02 $4.48 711 83 3 25 .02 $4.48 711 Diamond Phillips Power Bits. 1/4” Hex Drive, Length 2.0”/50mm Item Each No. Size mm lbs. Bit 741 61 1 50 .03 $5.98 741 62 2 50 .03 $5.98 741 63 3 50 .04 $5.98 741 Diamond Bits, Pozidriv®, 1/4” Item Each No. Size mm lbs. Bit 712 21 1 25 .02 $4.36 712 22 2 25 .02 $4.36 712 23 3 25 .02 $4.36 712 Diamond Bits, , 1/4” Item Each No. Size mm lbs. Bit 715 16 T10 25 .02 $6.54 715 17 T15 25 .02 $6.54 715 18 T20 25 .02 $6.54 715 19 T25 25 .02 $6.54 715 21 T30 25 .02 $6.54 715 22 T40 25 .03 $6.54 715 Diamond Torsion Insert and Power Bits With the Dura bit Wiha has again proved it’s power of innovation. The extra hard, elastic Quattro Torsion bit is equipped with an extremely wear resistant tungsten carbide coating that grips the screw head. Positive location in the screw head with decrease of: • necessary pressure forces • working time • costs • wear & tear of bits & screw heads • anti-cam-out effect Diamond bits supplement Wiha’s range of high-quality special bits. When used with machines, the increased tool life of the Wiha Diamond bit reduces cost. Reduction of: • pressure forces to be applied • wear and tear of bit and screw head • working time • working costs • Cam-out effect • High wear resistance • Micro particle coating with sapphire and diamond contents • Optimized torsion zone 710 The ideal bit even for the most difficult of applications Torsion Zone Torsion Zone Carbide Coated Diamond Coated I N D E X Go To Image Index Go To Numerical Index SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP SHOP PREVIOUS NEXT |
Similar Part No. - 74242 |
|
Similar Description - 74242 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |