Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIPXI-6232 Datasheet(PDF) 10 Page - National Instruments Corporation

Part # NIPXI-6232
Description  Industrial M Series Multifunction DAQ ??16-Bit, 짹10 V/짹20 mA Analog I/O, 5 V/24 V Digital I/O
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPXI-6232 Datasheet(HTML) 10 Page - National Instruments Corporation

Back Button NIPXI-6232 Datasheet HTML 6Page - National Instruments Corporation NIPXI-6232 Datasheet HTML 7Page - National Instruments Corporation NIPXI-6232 Datasheet HTML 8Page - National Instruments Corporation NIPXI-6232 Datasheet HTML 9Page - National Instruments Corporation NIPXI-6232 Datasheet HTML 10Page - National Instruments Corporation NIPXI-6232 Datasheet HTML 11Page - National Instruments Corporation NIPXI-6232 Datasheet HTML 12Page - National Instruments Corporation NIPXI-6232 Datasheet HTML 13Page - National Instruments Corporation NIPXI-6232 Datasheet HTML 14Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10/14
www.ni.com
NI 6232 (source output)
Open to close
0.45 μs
Close to open
2.15 μs
NI 6233 (sink output)
Open to close
0.4 μs
Close to open
0.4 μs
General-Purpose Counter/Timers
Number of counter/timers
2
Resolution
32 bits
Counter measurements
Edge counting, pulse, semi-period, period, two-edge separation
Position measurements
X1, X2, X4 quadrature encoding with Channel Z reloading; two-pulse
encoding
Output applications
Pulse, pulse train with dynamic updates, frequency division,equivalent
time sampling
Internal base clocks
80 MHz, 20 MHz, 0.1 MHz
External base clock frequency
0 MHz to 20 MHz
Base clock accuracy
50 ppm
Inputs
Gate, Source, HW_Arm, Aux, A, B, Z, Up_Down
Routing options for inputs
Any input PFI, RTSI, PXI_TRIG, PXI_STAR, many internal signals
FIFO
2 samples
Data transfers
Dedicated scatter-gather DMA controller for each counter/timer;
interrupts; programmed I/O
Frequency Generator
Number of channels
1
Base clocks
10 MHz, 100 kHz
Divisors
1 to 16
Base clock accuracy
50 ppm
Output can be available on any output PFI or RTSI terminal.
Phase-Locked Loop (PLL)
Number of PLLs
1
Reference signal
PXI_STAR, PXI_CLK10, RTSI <0..7>
Output of PLL
80 MHz Timebase; other signals derived from 80 MHz Timebase
including 20 MHz and 100 kHz Timebases
External Digital Triggers
Source
Any input PFI, RTSI, PXI_TRIG, PXI_STAR
Polarity
Software-selectable for most signals
Analog input function
Start Trigger, Reference Trigger, Pause Trigger, Sample Clock,
Convert Clock, Sample Clock Timebase
Analog output function
Start Trigger, Pause Trigger, Sample Clock, Sample Clock Timebase
Counter/timer functions
Gate, Source, HW_Arm, Aux, A, B, Z, Up_Down
Device-to-Device Trigger Bus
PCI devices
RTSI <0..7>1
PXI devices
PXI_TRIG <0..7>, PXI_STAR
Output selections
10 MHz Reference Clock; frequency generator output; many internal
signals
Debounce filter settings
125 ns, 6.425 μs, 2.54 ms, disabled; high and low transitions
selectable per input
1 In other sections of this document,
refers to RTSI <0..7> for PCI devices or PXI_TRIG <0..7> for PXI devices.
RTSI
Bus Interface
PCI or PXI
3.3 V or 5 V signal environment


Similar Part No. - NIPXI-6232

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXI-6238 NI-NIPXI-6238 Datasheet
587Kb / 14P
   Industrial M Series Multifunction DAQ ??16-Bit, 짹10 V/짹20 mA Analog I/O, 5 V/24 V Digital I/O
More results

Similar Description - NIPXI-6232

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPXI-6238 NI-NIPXI-6238 Datasheet
587Kb / 14P
   Industrial M Series Multifunction DAQ ??16-Bit, 짹10 V/짹20 mA Analog I/O, 5 V/24 V Digital I/O
PXI-6509 NI-PXI-6509 Datasheet
229Kb / 5P
   Low-Cost Industrial Digital I/O-5 V TTL/CMOS
NI6521 NI-NI6521 Datasheet
245Kb / 5P
   Low-Cost Industrial Digital I/O - 150 V
logo
List of Unclassifed Man...
USB-1602HS ETC-USB-1602HS Datasheet
749Kb / 7P
   High-Speed Multifunction DAQ with Synchronous I/O
Rev 2, August 2017
logo
National Instruments Co...
777690-01 NI-777690-01 Datasheet
385Kb / 9P
   Digital I/O, 24 or 96 Lines, 5 V TTL/CMOS
logo
Schneider Electric
140DDM39000 SCHNEIDER-140DDM39000 Datasheet
122Kb / 5P
   discrete I/O module Modicon Quantum - 16 I - 24 V DC - 8 O solid state
Apr 12, 2022
logo
National Instruments Co...
NI6510 NI-NI6510 Datasheet
151Kb / 6P
   Low-Cost Industrial Digital I/O-30 V, Bank Isolated
logo
Schneider Electric
TWDLMDA40DTK SCHNEIDER-TWDLMDA40DTK Datasheet
156Kb / 7P
   extendable PLC base Twido 24 V - 24 I 24 V DC - 16 O solid state
Sep 17, 2021
SR3XT61B SCHNEIDER-SR3XT61B_V01 Datasheet
307Kb / 6P
   Discrete I/O extension module, Zelio Logic, 6 I/O, 24 V AC
Mar 23, 2022
SR3XT101B SCHNEIDER-SR3XT101B_V01 Datasheet
341Kb / 6P
   Discrete I/O extension module, Zelio Logic, 10 I/O, 24 V AC
Mar 23, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com