Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NI7831R Datasheet(PDF) 11 Page - National Instruments Corporation

Part # NI7831R
Description  NI R Series Multifunction RIO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NI7831R Datasheet(HTML) 11 Page - National Instruments Corporation

Back Button NI7831R Datasheet HTML 7Page - National Instruments Corporation NI7831R Datasheet HTML 8Page - National Instruments Corporation NI7831R Datasheet HTML 9Page - National Instruments Corporation NI7831R Datasheet HTML 10Page - National Instruments Corporation NI7831R Datasheet HTML 11Page - National Instruments Corporation NI7831R Datasheet HTML 12Page - National Instruments Corporation NI7831R Datasheet HTML 13Page - National Instruments Corporation NI7831R Datasheet HTML 14Page - National Instruments Corporation NI7831R Datasheet HTML 15Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11/17
www.ni.com
Slew rate
10 V/μs
Noise
150 μV
, DC to 1 MHz
rms
Glitch energy at midscale transition
±200 mV for 3 μs
Digital I/O
Number of channels
NI 781xR
160
NI 7830R
56
NI 7831R/7833R/7841R/7842R/7851R/7852R/7853R/7854R
96
Compatibility
TTL
Digital logic levels
Level
Min
Max
Input low voltage (
)
V
IL
Input high voltage (
)
V
IH
0.0 V
2.0 V
0.8 V
5.5 V
Output low voltage (
), where
= –4 mA
V
OL
I
OUT
Output high voltage (
), where
= 4 mA
V
OH
I
OUT
0 V
2.4 V
0.4 V
3.3 V
Output current
Source
4.0 mA
Sink
4.0 mA
Input leakage current
±10 μA
Power-on state
Programmable, by line
Protection
Input
NI 781xR/783xR
–0.5 to 7.0 V, single line
NI 784xR/785xR
–20.0 to 20.0 V, single line
Output
Short-circuit (up to eight lines may be shorted at a time)
Minimum pulse width
Input
25 ns
Output
12.5 ns
Minimum sampling period
5 ns
Reconfigurable FPGA
NI 7811R/7830R/7831R
FPGA type
Virtex-II V1000
Number of flip-flops
10,240
Number of 4-input LUTs
10,240
Number of 18 × 18 multipliers
40
Embedded block RAM
720 kbits
NI 7813R/7833R
FPGA type
Virtex-II V3000
Number of flip-flops
28,672
Number of 4-input LUTs
28,672
Number of 18 × 18 multipliers
96


Similar Part No. - NI7831R

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI7831R NI-NI7831R Datasheet
194Kb / 8P
   R Series Intelligent DAQ-Data Acquisition and Control with Onboard Processing
More results

Similar Description - NI7831R

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPCIE-7851R NI-NIPCIE-7851R Datasheet
377Kb / 17P
   NI R Series Multifunction RIO
NIPCIE-7852R NI-NIPCIE-7852R Datasheet
377Kb / 17P
   NI R Series Multifunction RIO
logo
Virginia Panel Corporat...
510109487 VPC-510109487 Datasheet
349Kb / 1P
   WDA W/PBC NI-6585 FLEX RIO
logo
National Instruments Co...
NIUSB-6343 NI-NIUSB-6343 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIUSB-6351 NI-NIUSB-6351 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIUSB-6353 NI-NIUSB-6353 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIPXIE-6363 NI-NIPXIE-6363 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPCIE-6361 NI-NIPCIE-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPCIE-6320 NI-NIPCIE-6320 Datasheet
516Kb / 15P
   NI X Series Multifunction Data Acquisition
NIPXIE-6358 NI-NIPXIE-6358 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com