Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR605CT Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # MUR605CT
Description  6A SCHOTTKY RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

MUR605CT Datasheet(HTML) 1 Page - Digitron Semiconductors

  MUR605CT Datasheet HTML 1Page - Digitron Semiconductors MUR605CT Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
MUR605CT-MUR620CT
6A SCHOTTKY RECTIFIER
MAXIMUM RATINGS
MUR
Rating
Symbol
605CT
610CT
615CT
620CT
Unit
Peak repetitive reverse voltage
Working peak reverse voltage
DC blocking voltage
VRRM
VRWM
VR
50
100
150
200
V
Average rectified forward current (Rated VR)
IF(AV)
6.0 @ TC = 130°C
A
Non-repetitive peak surge current
(surge applied at rated load conditions, halfwave, single
phase, 60Hz)
IFSM
75
A
Operating and storage junction temperature range
TJ, Tstg
-65 to +175
°C
Maximum thermal resistance
Junction to case
R
ӨJC
7.0
°C/W
ELECTRICAL CHARACTERISTICS (TC = 25°C unless otherwise noted)
MUR
Parameter
Symbol
605CT
610CT
615CT
620CT
Unit
Maximum instantaneous forward voltage (1)
(IF = 3.0A, TC = 150°C)
(IF = 3.0A, TC = 25°C)
VF
0.895
0.975
V
Maximum instantaneous reverse current (1)
(Rated dc voltage, TC = 150°C)
(Rated dc voltage, TC = 25°C)
IR
250
5.0
µA
Maximum reverse recovery time
(IF = 1.0A, di/dt = 50A/µs)
trr
35
ns
Note 1: Pulse test: Pulse width = 300µs, duty cycle = 2.0%.
MECHANICAL CHARACTERISTICS
Case
TO-220AB
Marking
Alpha-numeric
Pin out
See below
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20121128
TO-220AB
Inches
Millimeters
Min
Max
Min
Max
A
0.570
0.620
14.480
15.750
B
0.380
0.405
9.660
10.280
C
0.160
0.190
4.070
4.820
D
0.025
0.035
0.640
0.880
F
0.142
0.147
3.610
3.730
G
0.095
0.105
2.420
2.660
H
0.110
0.155
2.800
3.930
J
0.018
0.025
0.460
0.640
K
0.500
0.562
12.700
14.270
L
0.045
0.060
1.150
1.520
N
0.190
0.210
4.830
5.330
Q
0.100
0.120
2.540
3.040
R
0.080
0.110
2.040
2.790
S
0.045
0.055
1.150
1.390
T
0.235
0.255
5.970
6.470
U
-
0.050
-
1.270


Similar Part No. - MUR605CT

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
MUR605CT MCC-MUR605CT Datasheet
92Kb / 2P
   6 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
Shanghai Lunsure Electr...
MUR605CT CHENYI-MUR605CT Datasheet
344Kb / 2P
   6Amp super fast glass passivated rectifier 50to600 volts
logo
Kersemi Electronic Co.,...
MUR605CT KERSEMI-MUR605CT Datasheet
814Kb / 2P
   6 Amp Super Fast Glass Passivated Rectifier 50 to 600 Volts
logo
New Jersey Semi-Conduct...
MUR605CT NJSEMI-MUR605CT Datasheet
94Kb / 1P
   Glass passivated chip
More results

Similar Description - MUR605CT

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDT660VD1 DIODES-SDT660VD1 Datasheet
421Kb / 5P
   6A TRENCH SCHOTTKY RECTIFIER
August 2019 Rev. 3 - 2
logo
Sanyo Semicon Device
SB60-05K SANYO-SB60-05K Datasheet
73Kb / 3P
   50V, 6A Rectifier
logo
Diodes Incorporated
DSR6U600P5 DIODES-DSR6U600P5 Datasheet
105Kb / 5P
   6A DIODESTAR RECTIFIER
logo
Sanyo Semicon Device
SB005W03 SANYO-SB005W03 Datasheet
51Kb / 2P
   50V, 6A Rectifier
SB60-05J SANYO-SB60-05J Datasheet
72Kb / 3P
   50V, 6A Rectifier
SB60-05H SANYO-SB60-05H Datasheet
79Kb / 3P
   50V, 6A Rectifier
logo
Diodes Incorporated
DSR6V600D1_1010 DIODES-DSR6V600D1_1010 Datasheet
97Kb / 4P
   6A DIODESTAR RECTIFIER
DSR6V600D1 DIODES-DSR6V600D1 Datasheet
97Kb / 4P
   6A DIODESTAR RECTIFIER
DS33404 Rev. 2 - 2
DSR6U600D1 DIODES-DSR6U600D1 Datasheet
97Kb / 4P
   6A DIODESTAR RECTIFIER
DS33405 Rev. 2 - 2
DSR6V600P5 DIODES-DSR6V600P5 Datasheet
106Kb / 5P
   6A DIODESTAR RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com