Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIPCIE6353 Datasheet(PDF) 5 Page - National Instruments Corporation

Part # NIPCIE6353
Description  NI X Series Multifunction Data Acquisition
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPCIE6353 Datasheet(HTML) 5 Page - National Instruments Corporation

  NIPCIE6353 Datasheet HTML 1Page - National Instruments Corporation NIPCIE6353 Datasheet HTML 2Page - National Instruments Corporation NIPCIE6353 Datasheet HTML 3Page - National Instruments Corporation NIPCIE6353 Datasheet HTML 4Page - National Instruments Corporation NIPCIE6353 Datasheet HTML 5Page - National Instruments Corporation NIPCIE6353 Datasheet HTML 6Page - National Instruments Corporation NIPCIE6353 Datasheet HTML 7Page - National Instruments Corporation NIPCIE6353 Datasheet HTML 8Page - National Instruments Corporation NIPCIE6353 Datasheet HTML 9Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
5/15
www.ni.com
Back to Top
Visit ni.com/training for more information.
Extended Warranty
NI offers options for extending the standard product warranty to meet the life-cycle requirements of your project. In addition, because NI understands that your requirements may
change, the extended warranty is flexible in length and easily renewed. For more information, visit ni.com/warranty.
OEM
NI offers design-in consulting and product integration assistance if you need NI products for OEM applications. For information about special pricing and services for OEM
customers, visit ni.com/oem.
Alliance
Our Professional Services Team is comprised of NI applications engineers, NI Consulting Services, and a worldwide National Instruments Alliance Partner program of more than
700 independent consultants and integrators. Services range from start-up assistance to turnkey system integration. Visit ni.com/alliance.
Detailed Specifications
Specifications listed below are typical at 25 °C unless otherwise noted. Refer to the
for more information about NI PCIe-6320/6321/6323 devices.
X Series User Manual
Analog Input
Number of channels
NI 6320/6321
8 differential or 16 single ended
NI 6323
16 differential or 32 single ended
ADC resolution
16 bits
DNL
No missing codes guaranteed
INL
Refer to the AI Absolute Accuracy Table
Sampling rate
Maximum
250 kS/s single channel, 250 kS/s multi-channel (aggregate)
Minimum
No minimum
Timing accuracy
50 ppm of sample rate
Timing resolution
10 ns
Input coupling
DC
Input range
±10 V, ±5 V, ±1 V, ±0.2 V
Maximum working voltage for analog inputs (signal + common mode)
±11 V of AI GND
CMRR (DC to 60 Hz)
100 dB
Input impedance
Device on
AI+ to AI GND
>10 GΩ in parallel with 100 pF
AI– to AI GND
>10 GΩ in parallel with 100 pF
Device off
AI+ to AI GND
1200 Ω
AI– to AI GND
1200 Ω
Input bias current
±100 pA
Crosstalk (at 100 kHz)
Adjacent channels
–75 dB
Non-adjacent channels
–90 dB
Small signal bandwidth (–3 dB)
700 kHz


Similar Part No. - NIPCIE6353

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPCIE-1430 NI-NIPCIE-1430 Datasheet
145Kb / 4P
   Dual-Channel Camera Link Image Acquisition
NIPCIE-4065 NI-NIPCIE-4065 Datasheet
427Kb / 6P
   Low-Cost 6 1⁄2-Digit Multimeters
NIPCIE-6323 NI-NIPCIE-6323 Datasheet
516Kb / 15P
   NI X Series Multifunction Data Acquisition
NIPCIE-6341 NI-NIPCIE-6341 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIPCIE-6343 NI-NIPCIE-6343 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
More results

Similar Description - NIPCIE6353

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIUSB-6343 NI-NIUSB-6343 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIUSB-6351 NI-NIUSB-6351 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIUSB-6353 NI-NIUSB-6353 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIPXIE-6363 NI-NIPXIE-6363 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPCIE-6361 NI-NIPCIE-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPXIE-6358 NI-NIPXIE-6358 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIUSB-6361 NI-NIUSB-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIUSB-6363 NI-NIUSB-6363 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIUSB-6366 NI-NIUSB-6366 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIPXIE-6356 NI-NIPXIE-6356 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com