Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NIPCIE-6341 Datasheet(PDF) 7 Page - National Instruments Corporation

Part # NIPCIE-6341
Description  NI X Series Multifunction Data Acquisition
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NIPCIE-6341 Datasheet(HTML) 7 Page - National Instruments Corporation

Back Button NIPCIE-6341 Datasheet HTML 3Page - National Instruments Corporation NIPCIE-6341 Datasheet HTML 4Page - National Instruments Corporation NIPCIE-6341 Datasheet HTML 5Page - National Instruments Corporation NIPCIE-6341 Datasheet HTML 6Page - National Instruments Corporation NIPCIE-6341 Datasheet HTML 7Page - National Instruments Corporation NIPCIE-6341 Datasheet HTML 8Page - National Instruments Corporation NIPCIE-6341 Datasheet HTML 9Page - National Instruments Corporation NIPCIE-6341 Datasheet HTML 10Page - National Instruments Corporation NIPCIE-6341 Datasheet HTML 11Page - National Instruments Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7/18
www.ni.com
Timing accuracy
50 ppm of sample rate
Timing resolution
10 ns
Output range
±10 V
Output coupling
DC
Output impedance
0.2 Ω
Output current drive
±5 mA
Overdrive protection
±15 V
Overdrive current
15 mA
Power-on state
±20 mV
Power-on/off glitch
NI PCIe/PXIe-6341/6343
2 V for 500 ms
NI USB-6341/6343
1.5 V for 1.2 s 1
Output FIFO size
8,191 samples shared among channels used
Data transfers
NI PCIe/PXIe-6341/6343
DMA (scatter-gather), programmed I/O
NI USB-6341/6343
USB Signal Stream, programmed I/O
AO waveform modes:
Non-periodic waveform
Periodic waveform regeneration mode from onboard FIFO
Periodic waveform regeneration from host buffer including dynamic update
Settling time, full scale step 15 ppm (1 LSB)
6 μs
Slew rate
15 V/μs
Glitch energy
Magnitude
100 mV
Duration
2.6 μs
Calibration (AI and AO)
Recommended warm-up time
15 minutes
Calibration interval
1 year
AI Absolute Accuracy Table
Nominal Range
Residual Gain Error
(ppm of Reading)
Gain
Tempco
(ppm/°C)
Reference
Tempco
(ppm/°C)
Residual Offset
Error (ppm of
Range)
Offset Tempco
(ppm of
Range/°C)
INL Error
(ppm of
Range)
Random
Noise, σ (μV
)
rms
Absolute Accuracy
at Full Scale (μV)
*
Positive
Full
Scale
Negative
Full
Scale
10
–10
65
7.3
5
13
23
60
270
2260
5
–5
72
7.3
5
13
23
60
135
1170
1
–1
78
7.3
5
17
26
60
28
250
0.2
– 0.2
105
7.3
5
27
39
60
9
60
Absolute Accuracy Formulas
AbsoluteAccuracy = Reading · (GainError) + Range · (OffsetError) + NoiseUncertainty
GainError = ResidualGainError + GainTempco · (TempChangeFromLastInternalCal) + ReferenceTempco · (TempChangeFromLastExternalCal)
OffsetError = ResidualOffsetError + OffsetTempco · (TempChangeFromLastInternalCal) + INL_Error
NoiseUncertainty = (RandomNoise · 3) / √ 10,000, for a coverage factor of 3 σ and averaging 10,000 points.
*Absolute accuracy at full scale on the analog input channels is determined using the following assumptions:
TempChangeFromLastExternalCal = 10 °C
TempChangeFromLastInternalCal = 1 °C


Similar Part No. - NIPCIE-6341

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIPCIE-6343 NI-NIPCIE-6343 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
More results

Similar Description - NIPCIE-6341

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NIUSB-6343 NI-NIUSB-6343 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIUSB-6351 NI-NIUSB-6351 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIUSB-6353 NI-NIUSB-6353 Datasheet
655Kb / 19P
   NI X Series Multifunction Data Acquisition
NIPXIE-6363 NI-NIPXIE-6363 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPCIE-6361 NI-NIPCIE-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIPCIE-6320 NI-NIPCIE-6320 Datasheet
516Kb / 15P
   NI X Series Multifunction Data Acquisition
NIPXIE-6358 NI-NIPXIE-6358 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIUSB-6361 NI-NIUSB-6361 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIUSB-6363 NI-NIUSB-6363 Datasheet
1Mb / 20P
   NI X Series Multifunction Data Acquisition
NIUSB-6366 NI-NIUSB-6366 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
NIPXIE-6356 NI-NIPXIE-6356 Datasheet
1Mb / 18P
   NI X Series Multifunction Data Acquisition
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com