Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9265 Datasheet(PDF) 3 Page - National Instruments Corporation

Part # 9265
Description  4-Channel, 100 kS/s, 16-Bit, 0 to 20 mA Analog Output Module
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

9265 Datasheet(HTML) 3 Page - National Instruments Corporation

  9265 Datasheet HTML 1Page - National Instruments Corporation 9265 Datasheet HTML 2Page - National Instruments Corporation 9265 Datasheet HTML 3Page - National Instruments Corporation 9265 Datasheet HTML 4Page - National Instruments Corporation 9265 Datasheet HTML 5Page - National Instruments Corporation 9265 Datasheet HTML 6Page - National Instruments Corporation 9265 Datasheet HTML 7Page - National Instruments Corporation 9265 Datasheet HTML 8Page - National Instruments Corporation 9265 Datasheet HTML 9Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3/9
www.ni.com
The NI 9933 includes a screw-terminal connector with strain relief as well as a D-Sub solder-cup backshell for creating custom cable assemblies for any module with a 37-pin
D-Sub connector.
The NI 9934 includes a screw-terminal connector with strain relief as well as a D-Sub solder-cup backshell for creating custom cable assemblies for any module with a 25-pin
D-Sub connector.
The NI 9935 includes a screw-terminal connector with strain relief as well as a D-Sub solder-cup backshell for creating custom cable assemblies for any module with a 15-pin
D-Sub connector.
The NI 9936 consists of 10-position screw-terminal plugs for any 10-position screw-terminal module.


Similar Part No. - 9265

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
9265 BELDEN-9265 Datasheet
180Kb / 3P
   Composite ENG, EFP and CCTV
05-05-2023
9265-0101000 BELDEN-9265-0101000 Datasheet
180Kb / 3P
   Composite ENG, EFP and CCTV
05-05-2023
9265-010500 BELDEN-9265-010500 Datasheet
180Kb / 3P
   Composite ENG, EFP and CCTV
05-05-2023
logo
Meder Electronic
9265851054 MEDER-9265851054 Datasheet
120Kb / 2P
   Reed sensor
More results

Similar Description - 9265

ManufacturerPart #DatasheetDescription
logo
WAGO Kontakttechnik Gmb...
753-553 WAGO-753-553 Datasheet
609Kb / 12P
   4-channel analog output; 0 ??20 mA
750-553 WAGO-750-553 Datasheet
588Kb / 12P
   4-channel analog output; 0 ??20 mA
753-552 WAGO-753-552 Datasheet
570Kb / 12P
   2-channel analog output; 0 ??20 mA
750-552 WAGO-750-552 Datasheet
525Kb / 12P
   2-channel analog output; 0 ??20 mA
753-555 WAGO-753-555 Datasheet
583Kb / 12P
   4-channel analog output; 4 ??20 mA
logo
Analog Devices
AD420 AD-AD420 Datasheet
144Kb / 11P
   Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV. F
logo
WAGO Kontakttechnik Gmb...
750-563-040-000 WAGO-750-563-040-000 Datasheet
581Kb / 12P
   2-channel analog output; 0/4 ??20 mA; 16 bits; 6 ... 18 VDC; Extreme
750-563 WAGO-750-563 Datasheet
581Kb / 12P
   2-channel analog output; 0/4 ??20 mA; 16 bits; 6 ... 18 VDC; Extreme
750-552-025-000 WAGO-750-552-025-000 Datasheet
525Kb / 12P
   2-channel analog output; 0 ??20 mA; Ext. Temperature
753-554 WAGO-753-554 Datasheet
577Kb / 12P
   2-channel analog output; 4 ??20 mA
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com