Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NI9236 Datasheet(PDF) 6 Page - National Instruments Corporation

Part # NI9236
Description  8-Channel Strain Gage Modules
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

NI9236 Datasheet(HTML) 6 Page - National Instruments Corporation

Back Button NI9236 Datasheet HTML 2Page - National Instruments Corporation NI9236 Datasheet HTML 3Page - National Instruments Corporation NI9236 Datasheet HTML 4Page - National Instruments Corporation NI9236 Datasheet HTML 5Page - National Instruments Corporation NI9236 Datasheet HTML 6Page - National Instruments Corporation NI9236 Datasheet HTML 7Page - National Instruments Corporation NI9236 Datasheet HTML 8Page - National Instruments Corporation NI9236 Datasheet HTML 9Page - National Instruments Corporation NI9236 Datasheet HTML 10Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6/10
www.ni.com
Accuracy, NI 9236
Measurement Conditions
Percent of Reading
(Gain Error)
2
Percent of Range
(Offset Error)
3 4
30 days after cal. (±5 °C) 1 year after cal. (±5 °C)
Calibrated typ (25 °C, ±5 °C)
0.02%
0.08%
0.14%
Calibrated max (–40 to 70 °C)
0.07%
0.16%
0.39%
Uncalibrated typ (25 °C, ±5 °C)
0.15%
0.79%
Uncalibrated max (–40 to 70 °C) 0.53%
1.67%
Stability, NI 9236
Gain drift
6 ppm/°C
Offset drift
1.7 μV/V/°C
Channel-to-channel matching (calibrated)
Input Signal Frequency (
)
ƒ
in
Gain
Phase
Typical Maximum
Maximum
0 to 1 kHz
0.08%
0.11%
0.34°/kHz · ƒ
in
0 to 4 kHz
0.17%
0.32%
Phase nonlinearity
ƒ
in = 0 to 1 kHz
±0.002°
ƒ
in = 0 to 4 kHz
±0.1°
Input delay
38.2/
+ 11 μs
ƒ
s
Passband
Frequency
0.45 · ƒ
s
Flatness (
= 10 kS/s)
ƒ
s
33 mdB max
Stopband
Frequency
0.55 · ƒ
s
Rejection
100 dB
Alias-free bandwidth
0.45 · ƒ
s
Oversample rate
64 · ƒ
s
Rejection at oversample rate
(
= 10 kS/s)
5 ƒ
s
80 dB @ 640 kHz
Input noise
ƒ
s = 1 kS/s
NI 9235
0.38 μV/V
rms
NI 9236
0.25 μV/V
rms
ƒ
s = 10 kS/s
NI 9235
0.85 μV/V
rms
NI 9236
0.5 μV/V
rms
SFDR (1 kHz, –60 dBFS)
NI 9235
110 dB
NI 9236
115 dB
THD (1 kHz, –20 dBFS)
NI 9235
–90 dB
NI 9236
–95 dB
Crosstalk (
= 1 kHz)
ƒ
in
–100 dB


Similar Part No. - NI9236

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI9236 NI-NI9236 Datasheet
479Kb / 5P
   8-Channel Strain Gage Modules
NI9236 NI-NI9236 Datasheet
240Kb / 8P
   High-Speed Bridge Module for Load/Pressure/Strain/Torque Measurements
More results

Similar Description - NI9236

ManufacturerPart #DatasheetDescription
logo
National Instruments Co...
NI9235 NI-NI9235 Datasheet
479Kb / 5P
   8-Channel Strain Gage Modules
logo
Red Lion Controls. Inc
GMSG REDLION-GMSG Datasheet
473Kb / 2P
   Strain Gage Module
logo
Intronics Power, Inc.
2B34 INTRONICS-2B34 Datasheet
949Kb / 4P
   Four Channel RTD/Strain Gage Conditioner
logo
List of Unclassifed Man...
2B34 ETC1-2B34 Datasheet
52Kb / 1P
   Four Channel RTD/Strain Gage Conditioner
logo
Vishay Siliconix
2120B VISHAY-2120B Datasheet
95Kb / 1P
   Strain Gage Signal Conditioner/Amplifier
Revision 21-Nov-03
logo
Analog Devices
3B16-CUSTOM AD-3B16-CUSTOM Datasheet
350Kb / 8P
   Narrow Bandwidth Strain Gage Input
REV. 0
3B18-00 AD-3B18-00 Datasheet
335Kb / 8P
   Wide Bandwidth Strain Gage Input
REV. 0
logo
National Instruments Co...
NISCXI-1520 NI-NISCXI-1520 Datasheet
320Kb / 9P
   SCXI Universal Strain Gage Input
logo
Analog Devices
3B18 AD-3B18_15 Datasheet
340Kb / 8P
   Wide Bandwidth Strain Gage Input
REV. 0
3B16 AD-3B16_15 Datasheet
358Kb / 8P
   Narrow Bandwidth Strain Gage Input
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com