Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

52748 Datasheet(PDF) 8 Page - Tyco Electronics

Part # 52748
Description  COPALUM Terminals and Splices (For Solid & Stranded Aluminum or Copper Wire)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

52748 Datasheet(HTML) 8 Page - Tyco Electronics

Back Button 52748 Datasheet HTML 4Page - Tyco Electronics 52748 Datasheet HTML 5Page - Tyco Electronics 52748 Datasheet HTML 6Page - Tyco Electronics 52748 Datasheet HTML 7Page - Tyco Electronics 52748 Datasheet HTML 8Page - Tyco Electronics 52748 Datasheet HTML 9Page - Tyco Electronics 52748 Datasheet HTML 10Page - Tyco Electronics 52748 Datasheet HTML 11Page - Tyco Electronics 52748 Datasheet HTML 12Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Catalog 82020
Revised 11-02
Butt Splices (Continued)
8
COPALUM Terminals and Splices
(For Solid & Stranded Aluminum or Copper Wire)
Dimensions are in inches and
Dimensions are shown for
Technical Support
www.tycoelectronics.com
millimeters unless otherwise
reference purposes only.
USA: 1-800-522-6752
specified. Values in brackets
Specifications subject to change.
Canada: 1-905-475-6222
are metric equivalents.
Mexico: 01-800-733-8926
Wire Size Range:
Aluminum – AWG 250 to 500 MCM
[127 to 253 mm2], CMA 231,000 to 600,000
Copper – AWG 4/0 to 400 MCM
[105 to 203 mm2], CMA 190,000 to 478,000
Wire Size
Dim.
Part Numbers
[mm2]
L
Tooling for
Circular Mils
Max.
Power Unit 69120
Splice
Aluminum
Copper
Head
Die Insert*
250 MCM
4/0
2.093
69082
68034
52560
[127]
[105]
53.16
231000-300000
190000-231000
300 MCM
250 MCM
2.217
69082
68035
52561
[152]
[127]
56.31
300000-380000
231000-300000
400 MCM
300 MCM
2.467
69082
68036
52562
[203]
[152]
62.66
380000-478000
300000-380000
500 MCM
400 MCM
2.811
69082
68037
52563
[253]
[203]
71.4
478000-600000
380000-478000
*Bar crimp tooling.
Important:
Butt splices will accept the same wire size at either end for aluminum-to-aluminum applica-
tions. However, for aluminum-to-copper applications, when using bar crimp tooling, the
size of the copper wire should be stepped down using one smaller wire size to compen-
sate for the differences in the physical properties between copper and aluminum. For the
correct butt splice to use, refer to the CMA ranges listed with each part number.
When two or more wires are used in either end of a butt splice, the combined cross-
section area must be within the CMA range listed.
Warning: Not approved for reconnection of residential aluminum
branch circuit wiring. (Refer to Catalog #82205.)


Similar Part No. - 52748

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
5274-04A MOLEX-5274-04A Datasheet
79Kb / 1P
   KK 3.96 WAFER ASSY RIGHT ANGLE WITH LOCK
52745-0497 MOLEX7-52745-0497 Datasheet
491Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Top Contact Style, 4 Circuits, Lead-free, Gold (Au) Contact Plating, High Barrier Packaging
52745-0697 MOLEX7-52745-0697 Datasheet
491Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Top Contact Style6 Circuits, Lead-free, Gold (Au) Contact Plating, High Barrier Packaging
52745-0797 MOLEX7-52745-0797 Datasheet
491Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Top Contact Style7 Circuits, Lead-free, Gold (Au) Contact Plating, High Barrier Packaging
52745-0897 MOLEX7-52745-0897 Datasheet
491Kb / 7P
   0.50mm (.020") Pitch FFC/FPC Connector, Right Angle, SMT, ZIF, Top Contact Style8 Circuits, Lead-free, Gold (Au) Contact Plating, High Barrier Packaging
More results

Similar Description - 52748

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
   COPALUM Sealed Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
   COPALUM Sealed Terminals and Splices
68010 MACOM-68010 Datasheet
653Kb / 9P
   Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
   Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
408-2674 TEC-408-2674 Datasheet
631Kb / 4P
   These dies crimp SOLISTRAND terminals on solid or stranded copper wire sizes 8 and 6.
logo
Tyco Electronics
408-2353 MACOM-408-2353 Datasheet
317Kb / 12P
   Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
277151-7 MACOM-277151-7 Datasheet
82Kb / 1P
   WIRE TERMINAL, RING TONGUE, SEALED COPALUM 55.5MM ALUMINUM 34.3MM COPPER
53041 MACOM-53041 Datasheet
153Kb / 6P
   Standard Terminals and Splices
320569 MACOM-320569 Datasheet
258Kb / 30P
   Standard Terminals and Splices
52747 MACOM-52747 Datasheet
52Kb / 1P
   SPLICE,PARALLEL,COPALUM,STRANDED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com