Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

52587 Datasheet(PDF) 4 Page - Tyco Electronics

Part # 52587
Description  COPALUM Terminals and Splices (For Solid & Stranded Aluminum or Copper Wire)
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

52587 Datasheet(HTML) 4 Page - Tyco Electronics

  52587 Datasheet HTML 1Page - Tyco Electronics 52587 Datasheet HTML 2Page - Tyco Electronics 52587 Datasheet HTML 3Page - Tyco Electronics 52587 Datasheet HTML 4Page - Tyco Electronics 52587 Datasheet HTML 5Page - Tyco Electronics 52587 Datasheet HTML 6Page - Tyco Electronics 52587 Datasheet HTML 7Page - Tyco Electronics 52587 Datasheet HTML 8Page - Tyco Electronics 52587 Datasheet HTML 9Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Catalog 82020
Revised 11-02
Testing Data
4
COPALUM Terminals and Splices
(For Solid & Stranded Aluminum or Copper Wire)
Dimensions are in inches and
Dimensions are shown for
Technical Support
www.tycoelectronics.com
millimeters unless otherwise
reference purposes only.
USA: 1-800-522-6752
specified. Values in brackets
Specifications subject to change.
Canada: 1-905-475-6222
are metric equivalents.
Mexico: 01-800-733-8926
Test Results of Insulation Piercing
Crimp Terminations
Current Cycling: Under oil at 1375 amperes, AC
Products Tested: COPALUM splices, wire size 250 MCM [127 mm2]
Pressure Type Wire/Connector Reference Chart
AMP Wire Range
UL Listed File E13288
Connector Marking
Copper Wire Size
Strip Length
and Aluminum Wire Size
Nominal
AWG
mm2
AWG
mm2
AWG
mm2
AWG
mm2
inch
mm2
12-10
3-6
10-16
1.25-6
Solid Aluminum
16-14
1.25-2
18-14
0.8-2
5/16
7.94
Solid or Stranded
14-10
2-6
Copper or Aluminum
Solid or
12-10
3-6
14-10
2-6
3/8
9.53
Stranded Copper
8
8
10-8
5-8
6
14
8-6
8-14
7/16
11.11
4
21
6-4
14-21
19/32
15.08
2
35
4-2
21-35
1/0
50
2-1/0
35-50
8-500 MCM
8-253
8-500 MCM
8-253
2/0
70
1/0-2/0
50-70
3/4
19.05
Solid or Stranded
Stranded Aluminum
3/0
85
2/0-3/0
70-85
Aluminum or Copper
or Copper
4/0
105
3/0-4/0
85-105
25/32
19.64
250 MCM
127
4/0-250 MCM
105-127
1-3/16
30.16
300 MCM
152
250-300 MCM
127-152
1-5/16
33.34
400 MCM
203
300-400 MCM
152-203
1-7/16
36.51
500 MCM
253
400-500 MCM
203-253
1-9/16
39.69
Notes: Perforated liner must be present in wire barrel.
Thermal Shock: 0.5 hr. @ +150°C & –55°C per cycle; 15 amperes,
DC
Products Tested: COPALUM terminals wire size 8 AWG
[8 mm2] (terminal-to-terminal readings include two terminations
plus 4 in. [101.6 mm] of conductor length).
Current Cycling: 100 cycles @ 35 amperes, AC; each cycle con-
sisting of 15 min. “on current” and 15 min. “off current”
Thermal Shock: 0.5 hr. @ +150°C and 0.17 hr. in ice water per
cycle; 5 amperes, DC
Products Tested: COPALUM parallel splices, wire size 8 AWG
[8 mm2] using two 14 AWG [2 mm2] solid aluminum conductors
(unstripped) and one 14 AWG [2 mm2] stranded copper wire con-
ductor (stripped). Graph curves represent individual conductor
readings.
Test Results of
Bar Crimp Terminations


Similar Part No. - 52587

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
5258 BOURNS-5258 Datasheet
2Mb / 2P
   5200 Series - Hash Choke
5258-RC BOURNS-5258-RC Datasheet
2Mb / 2P
   5200 Series - Hash Choke
5258-RC BOURNS-5258-RC Datasheet
2Mb / 2P
   5200 Series - Hash Choke
5258-RC BOURNS-5258-RC Datasheet
2Mb / 2P
   Hash Choke
logo
TE Connectivity Ltd
52584 TEC-52584 Datasheet
335Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results

Similar Description - 52587

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
55840-1 MACOM-55840-1 Datasheet
46Kb / 1P
   COPALUM Sealed Terminals and Splices
55995-2 MACOM-55995-2 Datasheet
47Kb / 1P
   COPALUM Sealed Terminals and Splices
68010 MACOM-68010 Datasheet
653Kb / 9P
   Crimping Die Assemblies for COPALUM Sealed Terminals and Splices
logo
TE Connectivity Ltd
408-32087 TEC-408-32087 Datasheet
1Mb / 17P
   Crimping Die Assemblies and Supports for COPALUM Lite Sealed Terminals and Splices
408-2674 TEC-408-2674 Datasheet
631Kb / 4P
   These dies crimp SOLISTRAND terminals on solid or stranded copper wire sizes 8 and 6.
logo
Tyco Electronics
408-2353 MACOM-408-2353 Datasheet
317Kb / 12P
   Crimping Die Assemblies for COPALUM Terminals and Splices and HF- 30 Pin and Socket Contacts
277151-7 MACOM-277151-7 Datasheet
82Kb / 1P
   WIRE TERMINAL, RING TONGUE, SEALED COPALUM 55.5MM ALUMINUM 34.3MM COPPER
53041 MACOM-53041 Datasheet
153Kb / 6P
   Standard Terminals and Splices
320569 MACOM-320569 Datasheet
258Kb / 30P
   Standard Terminals and Splices
52747 MACOM-52747 Datasheet
52Kb / 1P
   SPLICE,PARALLEL,COPALUM,STRANDED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com