Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70106 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # 70106
Description  Product Information Bulletin DRAGONtape
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

70106 Datasheet(HTML) 4 Page - OSRAM GmbH

  70106 Datasheet HTML 1Page - OSRAM GmbH 70106 Datasheet HTML 2Page - OSRAM GmbH 70106 Datasheet HTML 3Page - OSRAM GmbH 70106 Datasheet HTML 4Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Ordering Guide
DRAGONtape
/
OS
/
DT6
/
W2-865
DRAGONtape
OSRAM
ID number
Color code- Color Temperature
W2-865= White, 6500 K
W2-854= White, 5400 K
W2-847= White, 4700 K
W2-833= White, 3300 K
A1= Red, Y1= Yellow
V1= Verde, B1= Blue
DRAGONtape and OPTOTRONIC are registered trademarks of OSRAM GmbH used under license. OSRAM is a registered
trademark of OSRAM GmbH. Golden DRAGON is a trademark of OSRAM GmbH used under license.
OSRAM SYLVANIA
National Customer
Service and Sales Center
18725 N. Union Street
Westfield, IN 46074
Industrial & Commercial
Phone: 1-800-255-5042
Fax:
1-800-255-5043
National Accounts
Phone: 1-800-562-4671
Fax:
1-800-562-4674
OEM/Specialty Markets
Phone: 1-800-762-7191
Fax:
1-800-762-7192
Display/Optic
Phone: 1-888-677-2627
Fax:
1-800-762-7192
In Canada
OSRAM SYLVANIA LTD.
Headquarters
2001 Drew Road
Mississauga, ON L5S 1S4
Industrial & Commercial
Phone: 1-800-263-2852
Fax:
1-800-667-6772
Special Markets
Phone: 1-800-265-2852
Fax:
1-800-667-6772
Visit our website: www.sylvania.com
LED Module Dimensions
**CRI>70 for the 3300K. All other white color temperatures have a CRI>80. Due to the special conditions of the manufacturing processes of LED, the typical data of technical
parameters can only reflect statistical figures and do not necessarily correspond to the actual parameters of each single product which could differ from the typical data.
Ordering and Specification Information
Ordering
Number
Current
LED
Viewing
Wavelength
Luminous
Lumens
Number
Abbreviation
Color
of LEDs
(mA)
Load (W)
Angle (°)
(CCT K)
Flux (lumens)
(ft)
70106
DRAGONtape/OS/DT6/W2-847
White
6
350
7.2
120
4700 K
150
300
70099
DRAGONtape/OS/DT6/W2-854
White
6
350
7.2
120
5400 K
150
300
70100
DRAGONtape/OS/DT6/W2-865
White
6
350
7.2
120
6500 K
150
300
70151**
DRAGONtape/OS/DT6/W2-833
White
6
350
7.2
120
3300 K
120
240
70101
DRAGONtape/OS/DT6/A1
Red
6
350
4.8
120
617 nm
108
216
70117
DRAGONtape/OS/DT6/Y1
Yellow
6
350
4.8
120
587 nm
108
216
70118
DRAGONtape/OS/DT6/V1
Verde
6
350
7.2
120
505 nm
150
300
70119
DRAGONtape/OS/DT6/B1
Blue
6
350
7.2
120
465 nm
48
96
Wiring Diagrams
+
+
-
-
H
H
N
N
+
-
-
+
-
+
-
+
Power Supply Ordering Information
OPTOTRONIC® OT9/100 – 120/350 E or OT9/10-24/350 DIM E
LED
Max No. of
Load
Item No.
Color
Modules per Supply
Watts
70106
White
1
7.2
70099
White
1
7.2
70100
White
1
7.2
70151
White
1
7.2
70101
Red
1.5
7.2
70117
Yellow
1.5
7.2
70118
Verde
1
7.2
70119
Blue
1
7.2


Similar Part No. - 70106

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
70106 OSRAM-70106 Datasheet
127Kb / 4P
   DRAGONtape
logo
FIBOX Enclosing innovat...
7010610 FIBOX-7010610 Datasheet
53Kb / 1P
   Earth screw
02.08.2023
7010635 FIBOX-7010635 Datasheet
42Kb / 1P
   Cover screw
02.08.2023
More results

Similar Description - 70106

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GTL-OS-70099 GILWAY-GTL-OS-70099 Datasheet
504Kb / 4P
   Product Information Bulletin
GTL-OS-70072 GILWAY-GTL-OS-70072 Datasheet
167Kb / 2P
   Product Information Bulletin LINEARlight OPTICS
GTL-OS-70044 GILWAY-GTL-OS-70044 Datasheet
325Kb / 4P
   Product Information Bulletin LINEARlight LED Modules
GTL-OS-70108 GILWAY-GTL-OS-70108 Datasheet
369Kb / 4P
   Product Information Bulletin DRAGONpuck LED Module
GTL-OS-70080 GILWAY-GTL-OS-70080 Datasheet
561Kb / 4P
   Product Information Bulletin LINEARlight Colormix LED Module
GTL-OS-70082 GILWAY-GTL-OS-70082 Datasheet
581Kb / 4P
   Product Information Bulletin LINEARlight Flex Top Colormix
logo
OSRAM GmbH
FO115 OSRAM-FO115 Datasheet
20Kb / 2P
   Product Information Bulletin 64635 HLX Tungsten-Halogen Lamp
FO112 OSRAM-FO112 Datasheet
33Kb / 2P
   Product Information Bulletin CAX Mains-Voltage Halogen Lamp
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A_15 Datasheet
23Kb / 1P
   product bulletin
28953-PBD-001-A MA-COM-28953-PBD-001-A_15 Datasheet
29Kb / 2P
   product bulletin
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com