Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70104 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 70104
Description  LINEARlight FLEX TOPLED Flexible White or Colored LED Strips
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

70104 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  70104 Datasheet HTML 1Page - List of Unclassifed Manufacturers 70104 Datasheet HTML 2Page - List of Unclassifed Manufacturers 70104 Datasheet HTML 3Page - List of Unclassifed Manufacturers 70104 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Power Supply Information
Ordering Information
LINEARlight FLEX TOPLED
/
617
/
A
Module Name
Wavelength
Color Code
A = Amber Red, Y = Yellow,
T = True Green, B = Blue
Ordering Guide
OPTOTRONIC®6W
OPTOTRONIC20W
OPTOTRONIC75W
OPTOTRONIC96W
OPTOTRONIC240W
(51501)
(51512)
(51513,51514)
(51511,51599)
(51515)
LEDItem
No.of
Max.
No.of
Max.
No.ofreels Max.
No.ofreels Max.
No.ofreels
Max.
Number
Color
Coupons* Length(ft)
Coupons* Length(ft) (coupons)*** Length(ft)** (coupons)
Length(ft)
(coupons)
Length(ft)
70266
White
4
1.8
13
6.0
0.9 (52)
23.9
1.1 (66)
30.25
0.9 (55)
3x 25.21
70105
White
4
1.8
13
6.0
0.9 (52)
23.9
1.1 (66)
30.25
0.9 (55)
3x 25.21
70291
White
4
1.8
13
6.0
0.9 (52)
23.9
1.1 (66)
30.25
0.9 (55)
3x 25.21
70089
White
4
1.8
13
6.0
0.9 (52)
23.9
1.1 (66)
30.25
0.9 (55)
3x 25.21
70104
White
4
1.8
13
6.0
0.9 (52)
23.9
1.1 (66)
30.25
0.9 (55)
3x 25.21
70135
Amber Red
5
2.3
16
7.3
1
27.5
1.3 (80)
36.66
1.1 (66)
3x 30.25
70061
Yellow
5
2.3
16
7.3
1
27.5
1.3 (80)
36.66
1.1 (66)
3x 30.25
70063
True Green
5
2.3
16
7.3
1
27.5
1.3 (80)
36.66
1.1 (66)
3x 30.25
70064
Blue
5
2.3
16
7.3
1
27.5
1.3 (80)
36.66
1.1 (66)
3x 30.25
* A coupon is a sub-section of 10 LINEARlight FLEX TOPLEDs with a length of 5.5”.
** Maximum length that can be powered from one end is 13.8 ft. To power entire length of 1 reel connect power feed to the center or to both ends of the reel.
*** For dimming LINEARlight FLEX TOPLEDs with OT DIM or OT RGB 1CH DIM, allow for an additional power consumption of 3 watts for a 70 watt LED load.
Packaging notes – Order Quantity / Dimensions: 1 reel /7.5” x 7.25” x 1.1”
Minimum and Maximum Ratings
Parameter
Symbol
Values
Operating Temperature at Tc Point
T
op
-30... +75°C (-22 to +167°F)
Storage Temperature
T
stg
-40... +85°C (-22 to +185°F)
Voltage Range
V
max
23...25
Maximum Reverse Voltage
V
R
25 V (OV for 70266 and 70291)
Notes:
1. Exceeding maximum ratings may damage the LED module and cause potential safety hazards.
2. Elevated operating temperatures can be expected to negatively impact the service life in terms of lumen output.
Catalog #
Type
Project
Comments
Prepared by
Date
Specification Data
Item
Ordering
Module
No. of
Power
Voltage
Current per
Color**
Initial Lumens
Number
Abbreviation
Length (ft)
LEDs
(W)
(Vdc)
module (A)
(wavelength)
per module (lm)*
Lumens/ft
Watts/ft
70266
LNRFLXTP/LM10A/W3F-727 27.5 FT
27.5
600
86.4
24
3.6
2700K
1720
63
3
70105
LNRFLXTP/LM10A/W2-847 27.5 FT
27.5
600
86.4
24
3.6
4700K
1290
47
3
70291
LNRFLXTP/LM10A/W3F-854 27.5 FT
27.5
600
86.4
24
3.6
5400K
2000
73
3
70089
LNRFLXTP/LM10A/W2-854 27.5 FT
27.5
600
86.4
24
3.6
5400K
1290
47
3
70104
LNRFLXTP/LM10A/W2-865 27.5 FT
27.5
600
86.4
24
3.6
6500K
1290
47
3
70135
LNRFLXTP/617/LM10A/A1 27.5 FT
27.5
600
72
24
3
617 nm
1620
59
2.6
70061
LNRFLXTP/587/LM10A/Y1 27.5 FT
27.5
600
72
24
3
587 nm
1290
47
2.6
70063
LNRFLXTP/525/LM10A/T1 27.5 FT
27.5
600
72
24
3
525 nm
1200
44
2.6
70064
LNRFLXTP/470/LM10A/B1 27.5 FT
27.5
600
72
24
3
469 nm
170
6
2.6
* All data is related to entire module measured at Tc point of 25°C. Data reflects statistical mean values. Actual data may differ depending on variances in the manufacturing process. End users need to take
into account the lumen depreciation as the temperature rises with various thermal management solutions installed .
**CRI >70 for all 3300K. All other white color temperatures have a CRI >80.


Similar Part No. - 70104

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
70104-0004 MOLEX3-70104-0004 Datasheet
156Kb / 3P
   2.54mm (.100") Pitch, SL??Single Row Wire-to-Wire Panel Mount, 5 Circuits
70104-0005 MOLEX3-70104-0005 Datasheet
156Kb / 3P
   2.54mm (.100") Pitch, SL??Single Row Wire-to-Wire Panel Mount, 6 Circuits
70104-0006 MOLEX3-70104-0006 Datasheet
156Kb / 3P
   2.54mm (.100") Pitch, SL??Single Row Wire-to-Wire Panel Mount, 7 Circuits
70104-0007 MOLEX3-70104-0007 Datasheet
156Kb / 3P
   2.54mm (.100") Pitch, SL??Single Row Wire-to-Wire Panel Mount, 8 Circuits
70104-0009 MOLEX3-70104-0009 Datasheet
156Kb / 3P
   2.54mm (.100") Pitch, SL??Single Row Wire-to-Wire Panel Mount, 10 Circuits
More results

Similar Description - 70104

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GTL-OS-70061 GILWAY-GTL-OS-70061 Datasheet
488Kb / 4P
   Product Information Bulletin LINEARlight FLEX TOPLED Flexible LED Strip
logo
OSRAM GmbH
70138 OSRAM-70138 Datasheet
312Kb / 4P
   LINEARlight POWER FLEX Flexible High Light Output LED Modules
logo
Gilway Technical Lamp
GTL-OS-70066 GILWAY-GTL-OS-70066 Datasheet
484Kb / 4P
   Product Information Bulletin LINEARlight FLEX SIDELED Flexible LED Strip
logo
OSRAM GmbH
LM10A OSRAM-LM10A Datasheet
180Kb / 4P
   LINEARlight Flex
logo
Siemens Semiconductor G...
LWT676 SIEMENS-LWT676 Datasheet
77Kb / 7P
   Hyper TOPLED White LED
logo
OSRAM GmbH
LM11A OSRAM-LM11A Datasheet
113Kb / 4P
   LINEARlight Flex
LF05A OSRAM-LF05A Datasheet
109Kb / 4P
   LINEARlight Flex
LF06P2 OSRAM-LF06P2 Datasheet
469Kb / 6P
   LINEARLIGHT POWER FLEX
logo
Marktech Corporate
LM1-PWN-01-N1 MARKTECH-LM1-PWN-01-N1 Datasheet
58Kb / 2P
   Ultra Bright White TOPLED LED
logo
OSRAM GmbH
LM10L OSRAM-LM10L Datasheet
130Kb / 4P
   LINEARlight Colormix Flex
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com