Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TNA091AE Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # TNA091AE
Description  MPU/MCU
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TNA091AE Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button TNA091AE Datasheet HTML 2Page - Renesas Technology Corp TNA091AE Datasheet HTML 3Page - Renesas Technology Corp TNA091AE Datasheet HTML 4Page - Renesas Technology Corp TNA091AE Datasheet HTML 5Page - Renesas Technology Corp TNA091AE Datasheet HTML 6Page - Renesas Technology Corp TNA091AE Datasheet HTML 7Page - Renesas Technology Corp TNA091AE Datasheet HTML 8Page - Renesas Technology Corp TNA091AE Datasheet HTML 9Page - Renesas Technology Corp TNA091AE Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
RENESAS TECHNICAL UPDATE
TN-
A/E
Date: April 3, 2014
Page 10 of 10
Page 1143 of 1209
Descriptions in 35.9.10.11, Set the Access Window in the User Area are corrected as follows:
Before correction
(1) When setting the access window, set 00h in the access window, set the start address of the area that can be
programmed the by self-programming library in the access window start address LH and access window start
address HL, and set the end address of the area that can be programmed by the self-programming library in the
access window end address LH and access window end address HL.
When clearing the access window settings, set FFh in the access window, access window start address LH, access
window start address HL, the access window end address LH, and the access window end address HL.
When the MCU writes the addresses, the MCU sends a response (06h). If the MCU fails to receive, the MCU sends
an error response (F4h).
After correction
(1) Send the access window program command (74h) to set the access window or clear the access window settings.
When setting the access window, set 00h in the access window, set the start address of the area that can be
programmed by the self-programming in the access window start address LH and access window start
address HL, and set the end address of the area that can be programmed by the self-programming in the
access window end address LH and access window end address HL.
When clearing the access window settings, set FFh in the access window, access window start address LH, access
window start address HL, the access window end address LH, and the access window end address HL.
When the MCU writes the addresses, the MCU sends a response (06h). If the MCU fails to receive, the MCU sends
an error response (F4h).


Similar Part No. - TNA091AE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TNA090AE RENESAS-TNA090AE Datasheet
178Kb / 2P
   MPU & MCU
More results

Similar Description - TNA091AE

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TNR8CA041AE RENESAS-TNR8CA041AE Datasheet
251Kb / 3P
   MPU/MCU
TNA089AE RENESAS-TNA089AE Datasheet
209Kb / 4P
   MPU & MCU
TNA086AE RENESAS-TNA086AE Datasheet
669Kb / 16P
   MPU/MCU
TNR8CA040AE RENESAS-TNR8CA040AE Datasheet
715Kb / 5P
   MPU/MCU
TNSH7A883AE RENESAS-TNSH7A883AE Datasheet
174Kb / 1P
   MPU/MCU
TNA086AE RENESAS-TNA086AE Datasheet
669Kb / 16P
   MPU/MCU
TNA090AE RENESAS-TNA090AE Datasheet
178Kb / 2P
   MPU & MCU
TNRLA023AE RENESAS-TNRLA023AE Datasheet
499Kb / 13P
   MPU/MCU
TNV85A003AE RENESAS-TNV85A003AE Datasheet
179Kb / 3P
   MPU/MCU
TNA087AE RENESAS-TNA087AE Datasheet
185Kb / 2P
   MPU & MCU
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com