Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RX63N Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # RX63N
Description  Renesas Starter Kit Sample
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX63N Datasheet(HTML) 7 Page - Renesas Technology Corp

  RX63N Datasheet HTML 1Page - Renesas Technology Corp RX63N Datasheet HTML 2Page - Renesas Technology Corp RX63N Datasheet HTML 3Page - Renesas Technology Corp RX63N Datasheet HTML 4Page - Renesas Technology Corp RX63N Datasheet HTML 5Page - Renesas Technology Corp RX63N Datasheet HTML 6Page - Renesas Technology Corp RX63N Datasheet HTML 7Page - Renesas Technology Corp RX63N Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
A-1
General Precautions in the Handling of MPU/MCU Products
The following usage notes are applicable to all MPU/MCU products from Renesas. For detailed usage notes on the
products covered by this document, refer to the relevant sections of the document as well as any technical updates that
have been issued for the products.
1. Handling of Unused Pins
Handle unused pins in accordance with the directions given under Handling of Unused Pins in the
manual.
⎯ The input pins of CMOS products are generally in the high-impedance state. In operation with an
unused pin in the open-circuit state, extra electromagnetic noise is induced in the vicinity of LSI, an
associated shoot-through current flows internally, and malfunctions occur due to the false
recognition of the pin state as an input signal become possible. Unused pins should be handled as
described under Handling of Unused Pins in the manual.
2. Processing at Power-on
The state of the product is undefined at the moment when power is supplied.
⎯ The states of internal circuits in the LSI are indeterminate and the states of register settings and
pins are undefined at the moment when power is supplied.
In a finished product where the reset signal is applied to the external reset pin, the states of pins
are not guaranteed from the moment when power is supplied until the reset process is completed.
In a similar way, the states of pins in a product that is reset by an on-chip power-on reset function
are not guaranteed from the moment when power is supplied until the power reaches the level at
which resetting has been specified.
3. Prohibition of Access to Reserved Addresses
Access to reserved addresses is prohibited.
⎯ The reserved addresses are provided for the possible future expansion of functions. Do not access
these addresses; the correct operation of LSI is not guaranteed if they are accessed.
4. Clock Signals
After applying a reset, only release the reset line after the operating clock signal has become stable.
When switching the clock signal during program execution, wait until the target clock signal has
stabilized.
⎯ When the clock signal is generated with an external resonator (or from an external oscillator)
during a reset, ensure that the reset line is only released after full stabilization of the clock signal.
Moreover, when switching to a clock signal produced with an external resonator (or by an external
oscillator) while program execution is in progress, wait until the target clock signal is stable.
5. Differences between Products
Before changing from one product to another, i.e. to a product with a different part number, confirm
that the change will not lead to problems.
⎯ The characteristics of an MPU or MCU in the same group but having a different part number may
differ in terms of the internal memory capacity, layout pattern, and other factors, which can affect
the ranges of electrical characteristics, such as characteristic values, operating margins, immunity
to noise, and amount of radiated noise. When changing to a product with a different part number,
implement a system-evaluation test for the given product.


Similar Part No. - RX63N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX63N RENESAS-RX63N_15 Datasheet
1Mb / 210P
   Renesas MCUs
More results

Similar Description - RX63N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX210B RENESAS-RX210B Datasheet
363Kb / 8P
   Renesas Starter Kit Sample
RX630 RENESAS-RX630 Datasheet
363Kb / 8P
   Renesas Starter Kit Sample
RX63T64 RENESAS-RX63T64 Datasheet
363Kb / 8P
   Renesas Starter Kit Sample
RX220 RENESAS-RX220 Datasheet
362Kb / 8P
   Renesas Starter Kit Sample
RX610 RENESAS-RX610 Datasheet
364Kb / 8P
   Renesas Starter Kit Sample
R20AN0277EJ0100 RENESAS-R20AN0277EJ0100 Datasheet
367Kb / 8P
   Renesas Starter Kit Sample Code
R20AN0278EJ0100 RENESAS-R20AN0278EJ0100 Datasheet
355Kb / 8P
   Renesas Starter Kit Sample Code
RSKRL78G14 RENESAS-RSKRL78G14 Datasheet
1Mb / 35P
   Renesas Starter Kit User?셲 Manual
R20UT2888EG0100 RENESAS-R20UT2888EG0100 Datasheet
359Kb / 6P
   Renesas Starter Kit LCD Application Board V2
logo
Broadcom Corporation.
ADNK-6000 BOARDCOM-ADNK-6000 Datasheet
65Kb / 1P
   Sample Kit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com