Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P5KE7.5A Datasheet(PDF) 3 Page - Digitron Semiconductors

Part # P5KE7.5A
Description  TRANSIENT VOLTAGE SUPPRESORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

P5KE7.5A Datasheet(HTML) 3 Page - Digitron Semiconductors

  P5KE7.5A Datasheet HTML 1Page - Digitron Semiconductors P5KE7.5A Datasheet HTML 2Page - Digitron Semiconductors P5KE7.5A Datasheet HTML 3Page - Digitron Semiconductors P5KE7.5A Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
P5KE5.0 – P5KE170A
TRANSIENT VOLTAGE SUPPRESORS
P5KE5.0CA – P5KE170CA
5.0 thru 170 Volts/ 500 Watts
ELECTRICAL CHARACTERISTICS (Cont’d)
Breakdown
Voltage V(BR)
Min.
Max.
Test
Current
IT
Rated Stand
Off Voltage
VWM
Max. Reverse
Standby
Current
ID @ VWM
Max. Peak
Reverse
Voltage
VC Max. @ IPP
Max. Peak
Pulse
Current
IPP
Max. Temp.
Coefficient of V(BR)
-55°C to 175°C
αV(BR)
Part
Number
Volts
Volts
mA
Volts
μ ADC
Volts
Amp
%/°C
P5KE160A
178.0
197.0
1
160
1
259.0
1.9
.108
P5KE170
189.0
231.0
1
170
1
304.0
1.6
.108
P5KE170A
189.0
209.0
1
170
1
275.0
1.8
.108
MECHANICAL CHARACTERISTICS
Case:
DO-41
Marking:
Body Painted, Alpha Numeric
Polarity:
Cathode Band
sales@digitroncorp.com
fax +1.908.245-0555
www.digitron.com
Rev. 20120710


Similar Part No. - P5KE7.5A

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
P5KE7.5A MCC-P5KE7.5A Datasheet
96Kb / 3P
   500 Watt Transient Voltage Suppressors 5.0 to 170 Volts
P5KE7.5A MCC-P5KE7.5A Datasheet
393Kb / 8P
   500WATTS TRANSIENT VOLTAGE SUPPRESSOR 5.0 TO 200 VOLTS
logo
New Jersey Semi-Conduct...
P5KE7.5A NJSEMI-P5KE7.5A Datasheet
201Kb / 4P
   5.0 thru 170 volts 500 Watts Transient Voltage Suppressors
logo
List of Unclassifed Man...
P5KE7.5A ETC2-P5KE7.5A Datasheet
331Kb / 4P
   Transient Voltage Suppressor
More results

Similar Description - P5KE7.5A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TVS305 MICROSEMI-TVS305 Datasheet
143Kb / 4P
   TRANSIENT VOLTAGE SUPPRESORS
logo
ON Semiconductor
NSPM0101 ONSEMI-NSPM0101 Datasheet
62Kb / 4P
   Transient Voltage
April, 2017 ??Rev. 0
1N6267A ONSEMI-1N6267A Datasheet
64Kb / 8P
   1500 Watt MosorbE Zener Transient Voltage Transient Voltage
June, 2002 ??Rev. 5
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
EIC discrete Semiconduc...
P4KE EIC-P4KE Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
P6KE EIC-P6KE Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
SA50 EIC-SA50 Datasheet
52Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Micro Commercial Compon...
SMDA03C-7 MCC-SMDA03C-7 Datasheet
131Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com