Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P600J Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # P600J
Description  GENERAL PURPOSE PLASTIC RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

P600J Datasheet(HTML) 1 Page - Digitron Semiconductors

  P600J Datasheet HTML 1Page - Digitron Semiconductors P600J Datasheet HTML 2Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
P600A-P600M
GENERAL PURPOSE PLASTIC RECTIFIER
MAXIMUM RATINGS AND THERMAL CHARACTERISTICS (@25°C unless otherwise specified)
Parameter
Symbols
P600A
P600B
P600D
P600G
P600J
P600K
P600M
Unit
Maximum repetitive peak reverse voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC blocking voltage
VDC
50
100
200
400
600
800
1000
V
Maximum average forward rectified current
@ TA = 60°C, 0.375” lead length
@ TL = 60°C, 0.125” lead length
IF(AV)
6.0
22
A
Peak forward surge current
8.3ms single half sine wave superimposed
on rated load
IFSM
400
A
Typical thermal resistance (1)
RθJA
RθJL
20
4.0
°C/W
Operating junction and storage
temperature range
TJ, Tstg
-50 to 150
°C
Note 1: Thermal resistance from junction to ambient and from junction to lead at 0.375” lead length, PC board mounted with 1.1” x 1.1” copper heatsinks
ELECTRICAL CHARACTERISTICS (@25°C ambient temperature unless otherwise specified)
Parameter
Symbols
P300A
P300B
P300D
P300G
P300J
P300K
P300M
Unit
Maximum instantaneous forward voltage at
6.0A
100A
VF
0.90
1.30
1.0
1.4
V
Maximum DC reverse
current
At rated DC blocking voltage
TA = 25°C
TA = 100°C
IR
5.0
1.0
µA
mA
Typical reverse recovery time at
IF = 0.5A, IR = 1.0A, Irr = 0.25A
trr
2.5
µs
Typical junction capacitance at 4.0V,
1 MHz
CJ
150
pF
MECHANICAL CHARACTERISTICS
Case
Digi I
Marking
Body painted, alpha numeric
Polarity
Cathode band
sales@digitroncorp.com
fax +1.908.245-0555
www.digitroncorp.com
Rev. 20121119


Similar Part No. - P600J

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P600J PANJIT-P600J Datasheet
50Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 6.0 Amperes)
logo
Vishay Siliconix
P600J VISHAY-P600J Datasheet
80Kb / 5P
   General Purpose Plastic Rectifier
Revision: 13-Aug-13
logo
Won-Top Electronics
P600J WTE-P600J Datasheet
43Kb / 4P
   6.0A STANDARD DIODE
logo
Gulf Semiconductor
P600J GULFSEMI-P600J Datasheet
180Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER VOLTAGE:50 TO 1000V CURRENT: 6.0A
logo
Transys Electronics
P600J TRSYS-P600J Datasheet
144Kb / 2P
   HIGH CURRENT PLASTIC SILICON RECTIFIER
More results

Similar Description - P600J

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
BY127 CHENYI-BY127 Datasheet
126Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
GOOD-ARK Electronics
1N5400 GOOD-ARK-1N5400 Datasheet
198Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
RL201 GOOD-ARK-RL201 Datasheet
227Kb / 3P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Wing Shing Computer Com...
1N4001 WINGS-1N4001 Datasheet
29Kb / 1P
   General Purpose Plastic Rectifier
logo
General Semiconductor
1N4001 GE-1N4001 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
1N5391 GE-1N5391 Datasheet
45Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Shenzhen Taychipst Elec...
GI500 TAYCHIPST-GI500 Datasheet
4Mb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
logo
Rugao Dachang Electroni...
RL201 DACHANG-RL201_15 Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier
10A05 DACHANG-10A05_15 Datasheet
117Kb / 2P
   General Purpose Plastic Rectifier
logo
Vishay Siliconix
1N4001 VISHAY-1N4001 Datasheet
82Kb / 5P
   General Purpose Plastic Rectifier
Revision: 23-Feb-11
logo
Jinan Jingheng (Group) ...
1N4001G JINANJINGHENG-1N4001G Datasheet
85Kb / 2P
   GENERAL PURPOSE PLASTIC RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com