Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCR2A5R6MCL1GS Datasheet(PDF) 1 Page - Nichicon corporation

Part # PCR2A5R6MCL1GS
Description  CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NICHICON [Nichicon corporation]
Direct Link  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

PCR2A5R6MCL1GS Datasheet(HTML) 1 Page - Nichicon corporation

  PCR2A5R6MCL1GS Datasheet HTML 1Page - Nichicon corporation PCR2A5R6MCL1GS Datasheet HTML 2Page - Nichicon corporation PCR2A5R6MCL1GS Datasheet HTML 3Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
CR
series
Chip Type, High Reliability
Specifications
Temperature Characteristics
(Max.Impedance Ratio)
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Tangent of loss angle (tan
δ)
ESR (1)
Leakage Current (
2)
Performance Characteristics
Item
– 55 to +125°C
6.3 to 100V
5.6 to 2700µF
± 20% at 120Hz, 20°C
Less than or equal to the specified value at 120Hz, 20°C
Less than or equal to the specified value at 100kHz, 20°C
After 2 minutes' application of rated voltage, leakage current is not more than 0.03CV or 3(µA), whichever is greater.
Z+125°C / Z+20°C
1.25
(100kHz)
Z
– 55°C / Z+20°C
1.25
Endurance
Shelf Life
ESR after Endurance (1)
Damp Heat
(Steady State)
Resistance to
Soldering Heat
Marking
The specifications listed at right shall be met when the
capacitors are restored to 20°C after D.C. bias plus rated
ripple current is applied for 4000 hours at 125°C, the peak
voltage shall not exceed the rated voltage.
The specifications listed at right shall be met when the capacitors are restored to 20°C after the rated voltage is applied for
1000 hours at 85°C, 85% RH.
Less than or equal to the specified value at 100kHz, -40°C
The specifications listed at right shall be met when the
capacitors are restored to 20°C after the rated voltage is
applied for 1000 hours at 85°C, 85% RH.
After soldering the capacitor under the soldering conditions
prescribed here, the capacitor shall meet the specifications listed at
right, provided that it's temperature profile is measured at the
capacitor top and the terminal.
Pre-heating shall be done at 150 to 200°C and for 60 to 180 sec.
The duration for over +230°C temperature at capacitor surface shall
not exceed 60 seconds.
In the case of peak temp, less than 250°C, reflow soldering shall be
two times maximum.
In the case of peak temp, less than 260°C, reflow soldering shall be
once.
Measurement for solder temperature profile shall be made at the
capacitor top and the terminal.
Navy blue print on the case top
Capacitance change
tan
δ
Leakage current (
2)
ESR (1)
Within ± 20% of initial capacitance value (
3)
150% or less of the initial specified value
150% or less of the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan
δ
Leakage current (
2)
ESR (1)
Within ± 20% of initial capacitance value (
3)
150% or less of the initial specified value
150% or less of the initial specified value
Less than or equal to the initial specified value
Capacitance change
tan
δ
Leakage current (
2)
ESR (1)
Within ± 10% of the initial capacitance value (
3)
130% or less than the initial specified value
130% or less than the initial specified value
Less than or equal to the initial specified value
High reliability, High voltage (to 100V).
Low ESR, High ripple current.
Long life of 4000 hours at 125°C.
SMD type : Lead free reflow soldering condition at
260°C peak complete correspondence.
Adapted to the RoHS directive (2011/65/EU).
Added ESR specification after the test at -40°C.
1 ESR should be measured at both of the terminal ends closest where the terminals protrude through the plastic platform.
2 Conditioning : If any doubt arises, measure the leakage current after the voltage treatment of applying DC rated voltage continuously to the capacitor for 120
minutes at 105°C.
3 Initial value : The value before test of examination of resistance to soldering.
P
1
C
2
R
3
1
4
V
5
1
6
5
7
1
8
M
9
C
10
L
11
1
12
G
13
S
14
Configuration
Taping code
Size code
Capacitance tolerance (
±20%)
Rated capacitance (150
µF)
Rated voltage (35V)
Series name
Type
φ6.3 × 8L, φ8 × 7L, φ8 × 10L, φ10 × 10L :
The vibration structure-resistant product is also available upon request, please ask for detail.
H
0.3 MAX.
C
±0.2
L
Series
Voltage (V:35V)
Plastic platform
Lot No.
Capacitance
Negative
Positive
+0.1
-0.4
Dimensions
Type numbering system (Example : 35V 150µF)
Dimension table in next page.
φD
L
A
B
C
E
H
5.0
5.9
6.0
5.3
5.3
1.6
0.5 to 0.8
Size
φ5 × 6L
6.3
5.9
7.3
6.6
6.6
2.1
0.5 to 0.8
φ6.3 × 6L
6.3
7.9
7.3
6.6
6.6
2.1
0.5 to 0.8
φ6.3 × 8L
8.0
6.9
9.0
8.3
8.3
3.2
0.8 to 1.1
φ8 × 7L
8.0
9.9
9.0
8.3
8.3
3.2
0.8 to 1.1
φ8 × 10L
8.0
11.9
9.0
8.3
8.3
3.2
0.8 to 1.1
φ8 × 12L
10.0
7.9
11.0
10.3
10.3
4.6
0.8 to 1.1
φ10 × 8L
10.0
9.9
11.0
10.3
10.3
4.6
0.8 to 1.1
φ10 × 10L
10.0
12.6
11.0
10.3
10.3
4.6
0.8 to 1.1
φ10×12.7L
(mm)
Code
j
V
6.3
A
10
C
16
D
20
E
25
V
35
H
50
J
63
K
80
2A
100
Voltage
CR
High Capacitance
Long Life Assurance
CX
CAT.8100C


Similar Part No. - PCR2A5R6MCL1GS

ManufacturerPart #DatasheetDescription
logo
HOKURIKU ELECTRIC INDUS...
PCR20 HOKURIKU-PCR20 Datasheet
429Kb / 2P
   Surge Current Type High Power Chip Resistor
logo
Riedon Powertron
PCR2010 RIEDON-PCR2010 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR2010 RIEDON-PCR2010 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR2010 RIEDON-PCR2010 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
PCR2010 RIEDON-PCR2010 Datasheet
187Kb / 3P
   Pulse Withstanding Chip Resistor
More results

Similar Description - PCR2A5R6MCL1GS

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
2SWZ270M1.9X7.3 RUBYCON-2SWZ270M1.9X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SWZ180MR09 RUBYCON-4SWZ180MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
10SWZ47MR25 RUBYCON-10SWZ47MR25 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR06 RUBYCON-2.5SWZ220MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ220MR09 RUBYCON-2.5SWZ220MR09 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
4SW150M2.7X7.3 RUBYCON-4SW150M2.7X7.3 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SW470MX RUBYCON-2.5SW470MX Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ270MR06 RUBYCON-2.5SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2SWZ270MR06 RUBYCON-2SWZ270MR06 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
6SW150MDR1X RUBYCON-6SW150MDR1X Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
2.5SWZ330MR15 RUBYCON-2.5SWZ330MR15 Datasheet
824Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS POLYMER ALUMINUM SOLID ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com