Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUR3040PT Datasheet(PDF) 1 Page - Thinki Semiconductor Co., Ltd.

Part # MUR3040PT
Description  30.0 Ampere Dual Common Anode Ultra Fast Recovery Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINKISEMI [Thinki Semiconductor Co., Ltd.]
Direct Link  http://www.thinkisemi.com
Logo THINKISEMI - Thinki Semiconductor Co., Ltd.

MUR3040PT Datasheet(HTML) 1 Page - Thinki Semiconductor Co., Ltd.

  MUR3040PT Datasheet HTML 1Page - Thinki Semiconductor Co., Ltd. MUR3040PT Datasheet HTML 2Page - Thinki Semiconductor Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
For capacitive load, derate current by 20%.
Single phase, half wave, 60Hz, resistive or inductive load.
Rating at 25oC ambient temperature unless otherwise specified.
NOTES :
-55 to +150
SYMBOL
VRRM
VRMS
VDC
IF(AV)
IFSM
VF
IR
Trr
CJ
TJ, TSTG
200
140
200
400
280
400
600
420
600
30.0
10
300
35
500
150
UNIT
V
V
V
V
A
A
uA
uA
oC
pF
nS
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Maximum Average Forward Rectified
Peak Forward Surge Current, 8.3ms single
Maximum Instantaneous Forward Voltage
Maximum DC Reverse Current @TJ=25
oC
Typical junction Capacitance (Note 2)
Operating Junction and Storage
Current TC=125
oC
Half sine-wave superimposed on rated load
(JEDEC method)
@ 15.0 A
At Rated DC Blocking Voltage @TJ=125
oC
Maximum Reverse Recovery Time (Note 1)
Temperature Range
(1) Reverse recovery test conditions IF = 0 5A IR = 1 0A Irr = 0.25A.
(2) Thermal Resistance junction to terminal.
(3) Measured at 1.0 MHz and applied reverse voltage of 4.0 Volts DC.
.199(5.05)
.142(3.6)
.126(3.2)
.030(0.75)
.050(1.25)
.225(5.7)
.225(5.7)
.640(16.25)
.175(4.45)
.125(3.2)
.110(2.8)
.017(0.45)
.045(1.15)
.204(5.2)
.204(5.2)
.095(2.4)
.620(15.75)
TO-3P/TO-247AD
Unit: inch (mm)
MUR3020PT
Features
Dual rectifier construction, positive center-tap
Plastic package has Underwriters Laboratory
Flammability Classification 94V0
Glass passivated chip junctions
Superfast recovery time, high voltage
Low forward voltage, high current capability
Low thermal resistance
Low power loss, high efficiency
High temperature soldering guaranteed:
260
oC, 0.16”(4.06mm)from case for 10 seconds
Mechanical Data
Cases: TO-3P/TO-247AD molded plastic
Terminals: Pure tin plated, lead free solderable per
MIL-STD-750. Method 2026
Polarity: As marked
Mounting position: Any
Mounting torque: 10in-lbs. Max.
Weight: 0.2 ounce, 5.6 gram approximately
Common Cathode
®
MUR3020PTA thru MUR3060PTA
Pb Free Plating Product
MUR3020PTA thru MUR3060PTA
30.0 Ampere Dual Common Anode Ultra Fast Recovery Rectifiers
Pb
Positive
Suffix "PT"
Common Anode
Negative
Suffix "PTA"
Tandem Polarity
Doubler
Suffix "PTD"
1.3
1.7
0.98
© 2006 Thinki Semiconductor Co.,Ltd.
http://www.thinkisemi.com/
Page 1/2
Rev.04/2014
.
.
MUR3020PTA
MUR3020PTD
MUR3040PT
MUR3040PTA
MUR3040PTD
MUR3060PT
MUR3060PTA
MUR3060PTD


Similar Part No. - MUR3040PT

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MUR3040PT MOTOROLA-MUR3040PT Datasheet
99Kb / 6P
   ULTRAFAST RECTIFIERS 30 AMPERES 200-400-600 VOLTS
logo
Digitron Semiconductors
MUR3040PT DIGITRON-MUR3040PT Datasheet
342Kb / 5P
   30A ULTRAFAST RECTIFIER
logo
Thinki Semiconductor Co...
MUR3040PT THINKISEMI-MUR3040PT Datasheet
418Kb / 2P
   30.0 Ampere Heatsink Dual Common Cathode Ultra Fast Recovery Rectifiers
Rev.07T
logo
Intersil Corporation
MUR3040PT INTERSIL-MUR3040PT Datasheet
32Kb / 3P
   15A, 400V - 600V Ultrafast Dual Diodes
logo
Inchange Semiconductor ...
MUR3040PT ISC-MUR3040PT Datasheet
88Kb / 3P
   Ultrafast Recovery Rectifier
More results

Similar Description - MUR3040PT

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
MUR3020PTR THINKISEMI-MUR3020PTR Datasheet
720Kb / 2P
   30.0 Ampere Dual Common Anode Ultra Fast Recovery Rectifiers
U30D60A THINKISEMI-U30D60A Datasheet
720Kb / 2P
   30.0 Ampere Dual Common Anode Ultra Fast Recovery Rectifiers
F30C20A THINKISEMI-F30C20A Datasheet
764Kb / 2P
   30.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
TUR3020PTA THINKISEMI-TUR3020PTA Datasheet
1,015Kb / 3P
   30.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Rectifiers
CP25P10FR THINKISEMI-CP25P10FR Datasheet
1,016Kb / 3P
   30.0 Ampere Heatsink Dual Common Anode Ultra Fast Recovery Rectifiers
MUR3020FCA THINKISEMI-MUR3020FCA_V01 Datasheet
305Kb / 2P
   30.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
Rev.07T
MUR3020FCTR THINKISEMI-MUR3020FCTR Datasheet
264Kb / 2P
   30.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
Rev.07T
MURF3020CTA THINKISEMI-MURF3020CTA Datasheet
761Kb / 2P
   30.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
MURF3020CTR THINKISEMI-MURF3020CTR Datasheet
761Kb / 2P
   30.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
DSEA29-02AC THINKISEMI-DSEA29-02AC Datasheet
274Kb / 2P
   30.0 Ampere Insulated Dual Common Anode Ultra Fast Recovery Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com