Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDU01G64H3BJ2SA-60R Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SDU01G64H3BJ2SA-60R
Description  1024MB DDR . unbuffered DDR1 UDIMM
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDU01G64H3BJ2SA-60R Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SDU01G64H3BJ2SA-60R Datasheet HTML 2Page - List of Unclassifed Manufacturers SDU01G64H3BJ2SA-60R Datasheet HTML 3Page - List of Unclassifed Manufacturers SDU01G64H3BJ2SA-60R Datasheet HTML 4Page - List of Unclassifed Manufacturers SDU01G64H3BJ2SA-60R Datasheet HTML 5Page - List of Unclassifed Manufacturers SDU01G64H3BJ2SA-60R Datasheet HTML 6Page - List of Unclassifed Manufacturers SDU01G64H3BJ2SA-60R Datasheet HTML 7Page - List of Unclassifed Manufacturers SDU01G64H3BJ2SA-60R Datasheet HTML 8Page - List of Unclassifed Manufacturers SDU01G64H3BJ2SA-60R Datasheet HTML 9Page - List of Unclassifed Manufacturers SDU01G64H3BJ2SA-60R Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Data Sheet
Rev.1.0
18.09.2012
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 6
CH-9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
eMail: info@swissbit.com
of 13
DC ELECTRICAL CHARACTERISTICS AND OPERATING CONDITIONS
(0°C
≤ TA ≤ + 70°C ; VDD = +2.5V ± 0.2V, VDDQ = +2.5V ± 0.2V) see Note 1 on Page 9
PARAMETER/ CONDITION
SYMBOL
MIN
MAX
UNITS
Supply Voltage
VDD
2.3
2.7
V
I/O Supply Voltage
VDDQ
2.3
2.7
V
I/O Reference Voltage
VREF
0.49 x VDDQ
0.51x VDDQ
V
I/O Termination Voltage (system)
VTT
VREF – 0.04
VREF + 0.04
V
Input High (Logic 1) Voltage
VIH (DC)
VREF + 0.15
VDD + 0.3
V
Input Low (Logic 0) Voltage
VIL (DC)
-0.3
VREF – 0.15
V
INPUT LEAKAGE CURRENT
Any input 0V ≤ VIN VDD, VREF pin 0V ≤ VIN ≤1.35V
(All other pins not under test = 0V)
II
-10
10
µA
OUTPUT LEAKAGE CURRENT
(DQS are disabled; 0V ≤ VOUT VDDQ)
IOZ
-10
10
µA
OUTPUT LEVELS:
High Current (VOUT = VDDQ-0.373V,minimum VREF,
minimum VTT )
Low Current (VOUT =0.373V, maximum VREF,
maximum VTT )
IOH
IOL
-16.8
16.8
-
-
mA
mA
AC INPUT OPERATING CONDITIONS
(0°C ≤ TA ≤ + 70°C ; VDD = +2.5V ± 0.2V, VDDQ = +2.5V ± 0.2V) see Note 1 on Page 9
PARAMETER/ CONDITION
SYMBOL
MIN
MAX
UNITS
Input High (Logic 1) Voltage
VIH (AC)
VREF + 0.310
-
V
Input Low (Logic 0) Voltage
VIL (AC)
-
VREF - 0.310
V
I/O Reference Voltage
VREF(AC)
0.49 x VDDQ
0.51x VDDQ
V
CAPACITANCE
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input/Output Capacitance: DQ, DQS
C10
4.0
5.0
pF
Input Capacitance: Command and Address
C11
18.0
27.0
pF
Input Capacitance: /S 0,1
C11
18.0
27.0
pF
Input Capacitance: CK, /CK
C12
10.0
14.0
pF
Input Capacitance: CKE
C13
18.0
27.0
pF


Similar Part No. - SDU01G64H3BJ2SA-60R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDU01G64H3BF2MT-50R ETC2-SDU01G64H3BF2MT-50R Datasheet
671Kb / 13P
   1024MB DDR ??unbuffered DDR1 UDIMM
SDU01G64H3BF2MT-60R ETC2-SDU01G64H3BF2MT-60R Datasheet
671Kb / 13P
   1024MB DDR ??unbuffered DDR1 UDIMM
More results

Similar Description - SDU01G64H3BJ2SA-60R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDU01G64H3BF2MT-50R ETC2-SDU01G64H3BF2MT-50R Datasheet
671Kb / 13P
   1024MB DDR ??unbuffered DDR1 UDIMM
SGU01G64A1BG1SA-BBR ETC2-SGU01G64A1BG1SA-BBR Datasheet
638Kb / 16P
   1024MB DDR3 . SDRAM UDIMM
logo
Micron Technology
MT5VDDT3272AG MICRON-MT5VDDT3272AG Datasheet
216Kb / 12P
   DDR SDRAM UDIMM
logo
List of Unclassifed Man...
SDU12864H1B62MT-50R ETC2-SDU12864H1B62MT-50R Datasheet
241Kb / 12P
   1024MB DDR . SDRAM DIMM
SDN01G64D1BJ2SA-50 ETC2-SDN01G64D1BJ2SA-50 Datasheet
638Kb / 14P
   1024MB DDR SDRAM SoDIMM
logo
Micron Technology
MT4LSDT1664AG MICRON-MT4LSDT1664AG Datasheet
734Kb / 28P
   SDRAM Unbuffered DIMM (UDIMM)
MT4LSDT1664AY MICRON-MT4LSDT1664AY Datasheet
734Kb / 28P
   SDRAM Unbuffered DIMM (UDIMM)
MT4LSDT464AG MICRON-MT4LSDT464AG Datasheet
734Kb / 28P
   SDRAM Unbuffered DIMM (UDIMM)
logo
List of Unclassifed Man...
SDN12864L1B62MT-50 ETC2-SDN12864L1B62MT-50 Datasheet
632Kb / 14P
   1024MB DDR SDRAM SO-DIMM
SGL04G72B1BD2SA-CCWRT-V ETC2-SGL04G72B1BD2SA-CCWRT-V Datasheet
609Kb / 18P
   4096MB DDR3 . SDRAM unbuffered ECC Mini-UDIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com