Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSMLG10A Datasheet(PDF) 4 Page - Microsemi Corporation

Part # MSMLG10A
Description  MSMLJ5.0A thru MSMLJ170CA, e3 and MSMLG5.0A thru MSMLG170CA, e3
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MSMLG10A Datasheet(HTML) 4 Page - Microsemi Corporation

  MSMLG10A Datasheet HTML 1Page - Microsemi Corporation MSMLG10A Datasheet HTML 2Page - Microsemi Corporation MSMLG10A Datasheet HTML 3Page - Microsemi Corporation MSMLG10A Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TECHNICAL DATA SHEET
Gort Road Business Park, Ennis, Co. Clare, Ireland.
6 Lake Street, Lawrence, MA 01841
Tel: +353 (0) 65 6840044, Fax: +353 (0) 65 6822298
Tel: 1-800-446-1158 / (978) 794-1666, Fax: (978) 6890803
Website: http://www.microsemi.com
_____________
___
__
RF01003 Rev B, Sept 2011
High Reliability Product Group
Page 4 of 4
_____________________________________________________________________
____________________________________________
GRAPHS
100
FIGURE 2
– Pulse waveform
(Waveform – See Figure 2)
Non-repetitive
10
1.0
0
1
μs
10
μsec
100
μsec
1ms
10ms
tp – Pulse Time – sec
FIGURE 1 –
Peak Pulse Power vs. Pulse Time
BV: Breakdown Voltage in Volts
FIGURE 4
Typical Capacitance vs. Breakdown
TL Lead Temperature
oC
FIGURE 3 –
Derating Curve


Similar Part No. - MSMLG10A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MSMLG10A MICROSEMI-MSMLG10A Datasheet
281Kb / 4P
   SURFACE MOUNT 3000 Watt Transient Voltage Suppressor
More results

Similar Description - MSMLG10A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3170 MAXIM-DS3170_11 Datasheet
2Mb / 230P
   DS3/E3 Single-Chip Transceiver Single-Chip Transceiver for DS3 and E3
Rev 2; 3/11
logo
Dallas Semiconductor
DS3112 DALLAS-DS3112 Datasheet
585Kb / 135P
   TEMPE T3/E3 Multiplexer 3.3V T3/E3 Framer and M13/E13/G.747 Mux
logo
Exar Corporation
XRT7250 EXAR-XRT7250 Datasheet
5Mb / 463P
   DS3/E3 FRAMER IC
logo
Gamewell-FCI by Honeywe...
IF600-RETROFIT GAMEWELL-FCI-IF600-RETROFIT Datasheet
710Kb / 2P
   Gamewell to E3 Series
logo
Maxim Integrated Produc...
DS3112 MAXIM-DS3112 Datasheet
2Mb / 133P
   TEMPE T3/E3 Multiplexer 3.3V T3/E3 Framer and M13/E13/G.747 Mux
REV: 092706
logo
Pulse A Technitrol Comp...
PE-65661 PULSE-PE-65661 Datasheet
115Kb / 4P
   T3/DS3/E3/STS-1 TRANSFORMERS Designed for T3, DS3, E3 and STS-1 Interfaces
logo
PMC-Sierra, Inc
PM7349 PMC-PM7349 Datasheet
56Kb / 2P
   Quad J2, E3 and DS-3 Framer
logo
Pulse A Technitrol Comp...
PE-65967T PULSE-PE-65967T Datasheet
125Kb / 4P
   T3/DS3/E3/STS-1 TRANSFORMERS Designed for T3, DS3, E3 and STS-1 Interfaces
logo
Maxim Integrated Produc...
DS3112RD MAXIM-DS3112RD Datasheet
846Kb / 12P
   DS3/E3 Multiplexer Reference Design
REV: 082103
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A Datasheet
23Kb / 1P
   Bt8330EPJC - DS3/E3 Framer Revision
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com