Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDN12864L1B62MT-60 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SDN12864L1B62MT-60
Description  1024MB DDR SDRAM SO-DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDN12864L1B62MT-60 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button SDN12864L1B62MT-60 Datasheet HTML 2Page - List of Unclassifed Manufacturers SDN12864L1B62MT-60 Datasheet HTML 3Page - List of Unclassifed Manufacturers SDN12864L1B62MT-60 Datasheet HTML 4Page - List of Unclassifed Manufacturers SDN12864L1B62MT-60 Datasheet HTML 5Page - List of Unclassifed Manufacturers SDN12864L1B62MT-60 Datasheet HTML 6Page - List of Unclassifed Manufacturers SDN12864L1B62MT-60 Datasheet HTML 7Page - List of Unclassifed Manufacturers SDN12864L1B62MT-60 Datasheet HTML 8Page - List of Unclassifed Manufacturers SDN12864L1B62MT-60 Datasheet HTML 9Page - List of Unclassifed Manufacturers SDN12864L1B62MT-60 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Data Sheet
Rev.1.1
04.02.2014
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page
6
CH-9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
email: info@swissbit.com
of
14
DC ELECTRICAL CHARACTERISTICS AND OPERATING CONDITIONS
(0°C
≤ TA ≤ + 70°C; VDD = +2.5V ± 0.2V, VDDQ = +2.5V ± 0.2V) see Note 1 on Page 9
PARAMETER/ CONDITION
SYMBOL
MIN
MAX
UNITS
Supply Voltage
VDD
2.3
2.7
V
I/O Supply Voltage
VDDQ
2.3
2.7
V
I/O Reference Voltage
VREF
0.49 x VDDQ
0.51x VDDQ
V
I/O Termination Voltage (system)
VTT
VREF – 0.04
VREF + 0.04
V
Input High (Logic 1) Voltage
VIH (DC)
VREF + 0.15
VDD + 0.3
V
Input Low (Logic 0) Voltage
VIL (DC)
-0.3
VREF – 0.15
V
INPUT LEAKAGE CURRENT
Any input 0V ≤ VIN VDD, VREF pin 0V ≤ VIN ≤1.35V
(All other pins not under test = 0V)
II
-16
16
µA
OUTPUT LEAKAGE CURRENT
(DQS are disabled; 0V ≤ VOUT VDDQ)
IOZ
-40
40
µA
OUTPUT LEVELS:
High Current (VOUT = VDDQ-0.373V,minimum VREF,
minimum VTT )
Low Current (VOUT =0.373V, maximum VREF,
maximum VTT )
IOH
IOL
-16.8
16.8
-
-
mA
mA
AC INPUT OPERATING CONDITIONS
(0°C
≤ TA ≤ + 70°C; VDD = +2.5V ± 0.2V, VDDQ = +2.5V ± 0.2V) see Note 1 on Page 9
PARAMETER/ CONDITION
SYMBOL
MIN
MAX
UNITS
Input High (Logic 1) Voltage
VIH (AC)
VREF + 0.310
-
V
Input Low (Logic 0) Voltage
VIL (AC)
-
VREF - 0.310
V
I/O Reference Voltage
VREF(AC)
0.49 x VDDQ
0.51x VDDQ
V
CAPACITANCE
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input/Output Capacitance: DQ, DQS
C10
4.0
5.0
pF
Input Capacitance: Command and Address
C11
18.0
27.0
pF
Input Capacitance: /S 0,1
C11
18.0
27.0
pF
Input Capacitance: CK, /CK
C12
10.0
14.0
pF
Input Capacitance: CKE
C13
18.0
27.0
pF


Similar Part No. - SDN12864L1B62MT-60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDN10-24-100C ETC-SDN10-24-100C Datasheet
405Kb / 7P
   SDN-C Compact DIN Rail Series
logo
Emerson Network Power
SDN10-24-100P EMERSON-NETWORKPOWER-SDN10-24-100P Datasheet
429Kb / 5P
   SDN-P™ DIN Rail Series
logo
List of Unclassifed Man...
SDN10-24-480C ETC-SDN10-24-480C Datasheet
405Kb / 7P
   SDN-C Compact DIN Rail Series
logo
Solid State Optronic
SDN135 SSOUSA-SDN135 Datasheet
450Kb / 11P
   Analog High Speed Optocoupler
SDN136 SSOUSA-SDN136 Datasheet
450Kb / 11P
   Analog High Speed Optocoupler
More results

Similar Description - SDN12864L1B62MT-60

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDU12864H1B62MT-50R ETC2-SDU12864H1B62MT-50R Datasheet
241Kb / 12P
   1024MB DDR . SDRAM DIMM
SGN01G64A2BG1MT-BBRT ETC2-SGN01G64A2BG1MT-BBRT Datasheet
557Kb / 15P
   1024MB DDR3 ??SDRAM SO-DIMM
SGN01G64D2BG1MT-BB[EW]RT ETC2-SGN01G64D2BG1MT-BB[EW]RT Datasheet
737Kb / 17P
   1024MB DDR3 . SDRAM SO-DIMM
SLN01G64C1CQ1SA-CC[EW]RT ETC-SLN01G64C1CQ1SA-CC[EW]RT Datasheet
652Kb / 17P
   1024MB DDR3L ??SDRAM SO-DIMM
SGN01G64D2BG1SA-BB[EW]RT ETC2-SGN01G64D2BG1SA-BB[EW]RT Datasheet
744Kb / 17P
   1024MB DDR3 ??SDRAM SO-DIMM
SGN01G64C1CQ1SA-CC[EW]RT ETC2-SGN01G64C1CQ1SA-CC[EW]RT Datasheet
722Kb / 17P
   1024MB DDR3 ??SDRAM SO-DIMM
java.util.regex.PatternSyntaxException: Unclosed character class near index 18 SDN03264G1CJ1SA-60[ ^

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com