Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDN06464L1BF1MT-60R Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # SDN06464L1BF1MT-60R
Description  512MB DDR SDRAM SO-DIMM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SDN06464L1BF1MT-60R Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  SDN06464L1BF1MT-60R Datasheet HTML 1Page - List of Unclassifed Manufacturers SDN06464L1BF1MT-60R Datasheet HTML 2Page - List of Unclassifed Manufacturers SDN06464L1BF1MT-60R Datasheet HTML 3Page - List of Unclassifed Manufacturers SDN06464L1BF1MT-60R Datasheet HTML 4Page - List of Unclassifed Manufacturers SDN06464L1BF1MT-60R Datasheet HTML 5Page - List of Unclassifed Manufacturers SDN06464L1BF1MT-60R Datasheet HTML 6Page - List of Unclassifed Manufacturers SDN06464L1BF1MT-60R Datasheet HTML 7Page - List of Unclassifed Manufacturers SDN06464L1BF1MT-60R Datasheet HTML 8Page - List of Unclassifed Manufacturers SDN06464L1BF1MT-60R Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
preliminary
Data Sheet
Rev.0.9
31.07.2013
Swissbit AG
Industriestrasse 4
Fon: +41 (0) 71 913 03 03
www.swissbit.com
Page 2
CH
– 9552 Bronschhofen
Fax: +41 (0) 71 913 03 15
email: info@swissbit.com
of 14
This Swissbit module family is industry standard 200-pin 8-byte Double Date rate synchronous SDRAM Small
Outline Dual-In-line Memory Modules (SO-DIMMs), which are organized as x64 high speed memory arrays
designed for use in non-parity applications. These SO-DIMMs are assembled in FBGA Technology. The passive
devices and the EEPROM are SMD components.
The SO-DIMMs use serial presence detects (SPD) implemented via serial EEPROM using the two-pin-I
2C protocol.
The first 128 bytes are utilized by the SO-DIMM manufacturer and the second 128 bytes are available to the end
user.
All Swissbit DDR1 SO-DIMMs provide a high performance, flexible 8-byte interface in a 67.6 mm long footprint.
All modules of the extended temperature grade have seen special tests during the manufacturing process to
ensure proper operation according to the field of operation as stated in the environmental conditions.
Module Configuration
Organization
DDR SDRAMs
used
Row
Addr.
Bank
Select
Col.
Addr.
Refresh
Module Dimensions
in mm
64M x 64
8 x 64M x 8
13
BA0, BA1
11
8k
67.60 x 31.75 x 3.80 max
Product Spectrum
Part Number
Module Density
Transfer Rate
Clock Cycle/Data bit rate
Latency
SDN06464L1BF1MT-60R
512MB
2.7 GB/s
6.0ns/333MT/s
2.5-3-3
SDN06464L1BF1MT-50R
512MB
3.2 GB/s
5.0ns/400MT/s
3.0-3-3
Pin Name
A0
– A9, A11 – A12
Address Inputs
A10/AP
Address Input/Autoprecharge
BA0, BA1
Bank Selects
DQ0
– DQ63
Data Input/Output
DM0
– DM7
Data Masks
RAS#
Row Address Strobe
CAS#
Column Address Strobe
WE#
Read / Write Enable
CKE0
Clock Enable
CK0
Clock Inputs, positive line
CK0#
Clock Inputs, negative line
DQS0
– DQS7
Data strobes


Similar Part No. - SDN06464L1BF1MT-60R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDN06464D1BJ1SA-50 ETC2-SDN06464D1BJ1SA-50 Datasheet
686Kb / 14P
   512MB DDR SDRAM SoDIMM
Rev.1.2 23.01.2013
SDN06464D1BJ1SA-50ER ETC2-SDN06464D1BJ1SA-50ER Datasheet
686Kb / 14P
   512MB DDR SDRAM SoDIMM
Rev.1.2 23.01.2013
SDN06464D1BJ1SA-50IR ETC2-SDN06464D1BJ1SA-50IR Datasheet
686Kb / 14P
   512MB DDR SDRAM SoDIMM
Rev.1.2 23.01.2013
SDN06464D1BJ1SA-50WR ETC2-SDN06464D1BJ1SA-50WR Datasheet
686Kb / 14P
   512MB DDR SDRAM SoDIMM
Rev.1.2 23.01.2013
SDN06464D1BJ1SA-60 ETC2-SDN06464D1BJ1SA-60 Datasheet
686Kb / 14P
   512MB DDR SDRAM SoDIMM
Rev.1.2 23.01.2013
More results

Similar Description - SDN06464L1BF1MT-60R

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HB54R5128KN-A75B ELPIDA-HB54R5128KN-A75B Datasheet
197Kb / 16P
   512MB DDR SDRAM SO DIMM
EBD52UC8AARA ELPIDA-EBD52UC8AARA Datasheet
197Kb / 17P
   512MB DDR SDRAM SO DIMM
logo
White Electronic Design...
WV3EG64M64ETSU-D4 WEDC-WV3EG64M64ETSU-D4 Datasheet
177Kb / 12P
   512MB - 64Mx64 DDR SDRAM, UNBUFFERED, SO-DIMM
logo
List of Unclassifed Man...
SDU06464B5B61MT-50R ETC2-SDU06464B5B61MT-50R Datasheet
206Kb / 12P
   512MB DDR ??SDRAM DIMM
SDN06464K1BF1MT-50 ETC2-SDN06464K1BF1MT-50 Datasheet
607Kb / 13P
   512MB DDR1 ??SDRAM SO-DIMM
logo
Elpida Memory
HB54A5128FN-A75B ELPIDA-HB54A5128FN-A75B Datasheet
192Kb / 17P
   512MB Unbuffered DDR SDRAM DIMM
EBE52UD6AJUA ELPIDA-EBE52UD6AJUA Datasheet
301Kb / 28P
   512MB DDR2 SDRAM SO-DIMM
logo
List of Unclassifed Man...
SEN06464H2CF1SA-30[EIW]R ETC2-SEN06464H2CF1SA-30[EIW]R Datasheet
420Kb / 14P
   512MB DDR2 ??SDRAM SO-DIMM
SEN06464H2CH1MT-30R ETC2-SEN06464H2CH1MT-30R Datasheet
409Kb / 14P
   512MB DDR2 ??SDRAM SO-DIMM
SEN06464H2CG1SA-30[EW]R ETC2-SEN06464H2CG1SA-30[EW]R Datasheet
558Kb / 16P
   512MB DDR2 . SDRAM SO-DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com