Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5300-07 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 5300-07
Description  High current, high self resonant frequency
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

5300-07 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  5300-07 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
306 E. Alondra Blvd. Gardena, CA 90247-1059 • Phone (310) 515-1720 • FAX (310) 515-1962
wwww.jwmiller.com
17.1
Conformal Coated RF Chokes
5300 Series
Part
Number
L (µH)
±10%
SRF
(MHz)
Min.
DCR
Max.
I sat.*
(mA)
I rated**
(mA)
5300-01
1.0
190
0.018
3000
3300
5300-02
1.2
170
0.019
2700
3200
5300-03
1.5
160
0.020
2500
3100
5300-04
1.8
150
0.023
2100
2900
5300-05
2.2
130
0.031
2000
2600
5300-06
2.7
120
0.033
1900
2500
5300-07
3.3
110
0.054
1700
1900
5300-08
3.9
100
0.060
1500
1800
5300-09
4.7
86
0.068
1400
1700
5300-10
5.6
64
0.074
1300
1600
5300-11
6.8
44
0.080
1200
1600
5300-12
8.2
32
0.087
1100
1500
5300-13
10
25
0.095
970
1500
5300-14
12
17
0.11
880
1400
5300-15
15
13
0.15
790
1200
5300-16
18
10
0.16
710
1100
5300-17
22
8.4
0.19
640
1000
5300-18
27
8.0
0.22
580
950
5300-19
33
7.6
0.24
530
910
5300-20
39
7.1
0.26
480
880
5300-21
47
6.0
0.35
430
760
5300-22
56
5.8
0.47
400
650
5300-23
68
4.3
0.53
370
610
5300-24
82
4.1
0.60
330
580
5300-25
100
3.9
0.67
300
550
5300-26
120
3.6
0.90
270
470
5300-27
150
3.2
1.2
250
410
5300-28
180
2.8
1.4
220
380
5300-29
220
2.3
1.9
200
320
5300-30
270
2.1
2.1
180
310
5300-31
330
1.9
2.4
170
290
5300-32
390
1.7
3.0
150
260
5300-33
470
1.4
3.4
140
240
5300-34
560
1.3
4.7
130
210
5300-35
680
1.2
6.4
110
180
5300-36
820
1.1
7.1
100
170
5300-37
1000
1.0
7.9
95
160
5300-38
1200
0.94
9.0
87
150
5300-39
1500
0.76
12.0
78
130
5300-40
1800
0.72
14.0
71
120
5300-41
2200
0.64
19.0
64
100
5300-42
2700
0.56
25.0
58
90
5300-43
3300
0.53
29.0
52
83
5300-44
3900
0.48
34.0
48
77
5300-45
4700
0.45
37.0
44
74
5300-46
5600
0.40
50.0
40
63
5300-47
6800
0.36
58.0
36
59
5300-48
8200
0.29
68.0
33
54
5300-49
10,000
0.27
75.0
30
52
Special Features
• High current, high self resonant frequency
• Low DCR
• Ferrite bobbin core
• Epoxy coated to protect winding from harsh
environments
• Low cost
• Color bands identification (Indicates Inductance
Value)
• Dielectric strength 500Vrms
• Operating temperature –55 to +105°C
• Test frequency : 1KHz, except 1.0 – 8.2uh @
7.96MHz
Notes
* Saturation current to cause 5% maximum
inductance drop
** Rated current to cause 35°C maximum
temperature rise
Also avialable as RoHS compliant.
0.50
Max.
0.020
0.16
Max.
1.0
Typ.
Dimensions: Inches


Similar Part No. - 5300-07

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
5300-07-RC BOURNS-5300-07-RC Datasheet
224Kb / 2P
   5300 Series Conformal Coated RF Choke
5300-07-RC BOURNS-5300-07-RC Datasheet
229Kb / 2P
   Conformal Coated RF Choke
5300-07-RC BOURNS-5300-07-RC Datasheet
224Kb / 2P
   5300 Series Conformal Coated RF Choke
More results

Similar Description - 5300-07

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
73F104AF-RC BOURNS-73F104AF-RC Datasheet
469Kb / 1P
   High Q, high self-resonant frequency
logo
List of Unclassifed Man...
4600 ETC-4600 Datasheet
44Kb / 1P
   High Q, high self-resonant frequency
logo
Bourns Electronic Solut...
70F107AP-RC BOURNS-70F107AP-RC Datasheet
504Kb / 2P
   High Q, high self-resonant frequency
logo
Murata Manufacturing Co...
TZW4Z1R5A001B00 MURATA-TZW4Z1R5A001B00 Datasheet
197Kb / 3P
   Extremely high self-resonant frequency
TZW4Z1R5A001R00 MURATA-TZW4Z1R5A001R00 Datasheet
197Kb / 3P
   Extremely high self-resonant frequency
logo
Bourns Electronic Solut...
4602-RC BOURNS-4602-RC Datasheet
108Kb / 1P
   High Q, high self-resonant frequency
logo
Murata Manufacturing Co...
TZW4Z010A001B00 MURATA-TZW4Z010A001B00 Datasheet
197Kb / 3P
   Extremely high self-resonant frequency
TZW4Z010A001R00 MURATA-TZW4Z010A001R00 Datasheet
197Kb / 3P
   Extremely high self-resonant frequency
logo
Wurth Elektronik GmbH &...
784787150 WURTH-784787150 Datasheet
589Kb / 7P
   Self Resonant Frequency
74406032068 WURTH-74406032068 Datasheet
324Kb / 5P
   Self Resonant Frequency
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com