Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-88565 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 5962-88565
Description  MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

5962-88565 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 5962-88565 Datasheet HTML 3Page - List of Unclassifed Manufacturers 5962-88565 Datasheet HTML 4Page - List of Unclassifed Manufacturers 5962-88565 Datasheet HTML 5Page - List of Unclassifed Manufacturers 5962-88565 Datasheet HTML 6Page - List of Unclassifed Manufacturers 5962-88565 Datasheet HTML 7Page - List of Unclassifed Manufacturers 5962-88565 Datasheet HTML 8Page - List of Unclassifed Manufacturers 5962-88565 Datasheet HTML 9Page - List of Unclassifed Manufacturers 5962-88565 Datasheet HTML 10Page - List of Unclassifed Manufacturers 5962-88565 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
STANDARD
MICROCIRCUIT DRAWING
SIZE
A
5962-88565
DEFENSE SUPPLY CENTER COLUMBUS
COLUMBUS, OHIO 43216-5000
REVISION LEVEL
F
SHEET
7
DSCC FORM 2234
APR 97
Device types
01 and 02
Case outlines
C and D
2
3
K
Terminal
number
Terminal symbol
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
OUT A
-IN A
+IN A
+VCC
+IN B
-IN B
OUT B
OUT C
-IN C
+IN C
-VCC
+IN D
-IN D
OUT D
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
-----
NC
OUT A
-IN A
+IN A
NC
+VCC
NC
+IN B
-IN B
OUT B
NC
OUT C
-IN C
+IN C
NC
-VCC
NC
+IN D
-IN D
OUT D
-----
-----
-----
-----
-----
-----
-----
-----
NC
OUT A
-IN A
NC
NC
+IN A
NC
+VCC
NC
+IN B
NC
NC
-IN B
OUT B
NC
OUT C
-IN C
NC
NC
+IN C
NC
-VCC
NC
+IN D
NC
NC
-IN D
OUT D
OUT A
-IN A
NC
NC
+IN A
+VCC
+IN B
NC
NC
NC
-IN B
OUT B
OUT C
-IN C
NC
NC
NC
+IN C
-VCC
+IN D
NC
NC
-IN D
OUT D
----
----
----
----
FIGURE 1. Terminal connections.


Similar Part No. - 5962-88565

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-88565012A AD-5962-88565012A Datasheet
3Mb / 16P
   Very Low Noise Quad Operational Amplifier
REV. B
5962-88565022A AD-5962-88565022A Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
More results

Similar Description - 5962-88565

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-88565022A AD-5962-88565022A Datasheet
61Kb / 13P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, QUAD OPERATIONAL AMPLIFIERS, MONOLITHIC SILICON
logo
List of Unclassifed Man...
JM38510 ETC2-JM38510 Datasheet
120Kb / 14P
   MICROCIRCUIT, LINEAR, RADIATION HARDENED, LOW NOISE, PRECISION OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Intersil Corporation
HS-5104ARH INTERSIL-HS-5104ARH_13 Datasheet
221Kb / 5P
   Radiation Hardened, Low Noise Quad Operational Amplifiers
logo
List of Unclassifed Man...
OP227GN ETC2-OP227GN Datasheet
100Kb / 9P
   MICROCIRCUIT, LINEAR, LOW NOISE OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
OP09EY ETC2-OP09EY Datasheet
66Kb / 10P
   MICROCIRCUIT, LINEAR, QUAD, OPERATIONAL AMPLIFIER, MONOLITHIC SILICON
logo
Intersil Corporation
HS-5104ARH INTERSIL-HS-5104ARH Datasheet
38Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH INTERSIL-HS-5104ARH_01 Datasheet
54Kb / 3P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-5104ARH-T INTERSIL-HS-5104ARH-T Datasheet
24Kb / 2P
   Radiation Hardened Low Noise Quad Operational Amplifier
HS-OP470ARH INTERSIL-HS-OP470ARH Datasheet
27Kb / 2P
   Radiation Hardened, Very Low Noise Quad Operational Amplifier
logo
Renesas Technology Corp
ISL70417SEH RENESAS-ISL70417SEH Datasheet
1Mb / 22P
   Radiation Hardened 40V Quad Precision Low Power Operational Amplifiers
Oct 24, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com