Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

735-470 Datasheet(PDF) 5 Page - Altech corporation

Part # 735-470
Description  AK 14 ??Polystyrene ??300x300mm (11.81x11.81in.)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTECH [Altech corporation]
Direct Link  http://www.altechcorp.com
Logo ALTECH - Altech corporation

735-470 Datasheet(HTML) 5 Page - Altech corporation

  735-470 Datasheet HTML 1Page - Altech corporation 735-470 Datasheet HTML 2Page - Altech corporation 735-470 Datasheet HTML 3Page - Altech corporation 735-470 Datasheet HTML 4Page - Altech corporation 735-470 Datasheet HTML 5Page - Altech corporation 735-470 Datasheet HTML 6Page - Altech corporation 735-470 Datasheet HTML 7Page - Altech corporation 735-470 Datasheet HTML 8Page - Altech corporation 735-470 Datasheet HTML 9Page - Altech corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
900 mm
(35.43 in)
132 mm
(5.20 in)
142 mm
(5.59 in)
Altech Corp.®• 35 Royal Road • Flemington, NJ 08822-6000 • Phone (908)806-9400 • FAX (908)806-9490 • www.altechcorp.com
94
AK
Ordering
Dimensions mm (in)
Std.
Information
Cat. No.
Type
Length
Width
Height
Pk.
Enclosure
735-470
AK70
900 mm (35.43 in.)
300 mm (11.81 in)
142 mm (5.59 in)
1
Accessories
Ordering
Std.
Information
Cat. No.
Type
Pk.
Key Lock
706-102
KL2
1
Mounting Plate – 240 x 112 mm
795-001
MPI 1
1
Mounting Plate – 240 x 240 mm
795-002
MPI 2
1
Mounting Plate – 240 x 390 mm
795-003
MPI 3
1
Mounting Plate – 240 x 540 mm
795-004
MPI 4
1
DIN Rail - 216 mm Surface Mounted
562-035
SMTS35/216
1
Hinge Kit Set
190-005
HK2
1
Mounting Tab Kit (metal)
793-004
MT2
1
Please refer to pages 106-113 for additional accessories and detailed information.
AK 70 – Polystyrene – 900x300mm (35.43x11.81in.)
Standard Features
Protection Level:
IP65
Technical:
Knockout Sidewalls and Installed Double
Membrane Seals
Tinted Transparent Door
Multiple Enclosure Combination Option
Enclosure Material:
Polystyrene
Door Material:
Polycarbonate
Gasket Material:
Polyurethane
Temperature Range:
-40°C to 70°C (-40°F to 158°F)
Color:
Light Gray
Included Accessories: (5) DIN Rails, 25 Pole Ground/Neutral Terminal
Strip, Cable Shield, Filler Strips, (5) Label Strips,
Accessory Case
(15) M20 Double Membrane Seals
(2) M25 Double Membrane Seals
(1) M32 Double Membrane Seals
(1) M40 Entry Spout
Accessories:
See section below
Please refer to page 123 for Knockout details.


Similar Part No. - 735-470

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
735-405 ALPHAWIRE-735-405 Datasheet
114Kb / 2P
   AK05 ??Polystyrene and Polycarbonate - 125 x 200 mm
logo
List of Unclassifed Man...
735-409 ETC2-735-409 Datasheet
279Kb / 4P
   IP 65 mini distribution box
logo
Oscilent Corporation
735-450-AU OSCILENT-735-450-AU Datasheet
137Kb / 2P
   450 KHz 4 Element
735-450-AU OSCILENT-735-450-AU Datasheet
137Kb / 2P
   450 KHz 4 Element
735-450-BU OSCILENT-735-450-BU Datasheet
137Kb / 2P
   450 KHz 4 Element
More results

Similar Description - 735-470

ManufacturerPart #DatasheetDescription
logo
Altech corporation
AK14 ALTECH-AK14 Datasheet
210Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE AK 14
AK12 ALTECH-AK12 Datasheet
177Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE AK 12
AK28 ALTECH-AK28 Datasheet
251Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE AK 28
AK70 ALTECH-AK70 Datasheet
384Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE AK 70
AK561 ALTECH-AK561 Datasheet
391Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE AK 561
AK281 ALTECH-AK281 Datasheet
313Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE AK 281
AK421 ALTECH-AK421 Datasheet
352Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE AK 421
AK09 ALTECH-AK09 Datasheet
180Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE AK 09
AK42 ALTECH-AK42 Datasheet
298Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE AK 42
AK56 ALTECH-AK56 Datasheet
319Kb / 1P
   POLYSTYRENE/ POLYCARBONATE ENCLOSURE AK 56
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com