Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E931.97 Datasheet(PDF) 6 Page - ELMOS Semiconductor AG

Part # E931.97
Description  PIR CONTROLLER INTEGRATED CIRCUIT
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELMOS [ELMOS Semiconductor AG]
Direct Link  http://www.elmos.de
Logo ELMOS - ELMOS Semiconductor AG

E931.97 Datasheet(HTML) 6 Page - ELMOS Semiconductor AG

  E931.97 Datasheet HTML 1Page - ELMOS Semiconductor AG E931.97 Datasheet HTML 2Page - ELMOS Semiconductor AG E931.97 Datasheet HTML 3Page - ELMOS Semiconductor AG E931.97 Datasheet HTML 4Page - ELMOS Semiconductor AG E931.97 Datasheet HTML 5Page - ELMOS Semiconductor AG E931.97 Datasheet HTML 6Page - ELMOS Semiconductor AG E931.97 Datasheet HTML 7Page - ELMOS Semiconductor AG  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6/7
ELMOS Semiconductor AG
Data Sheet
QM-No.: 25DS0070E.00
PRELIMINARY INFORMATION - JUL 28, 2011
This document contains information on a pre-production product. ELMOS Semiconductor AG reserves the right to change specifications and information herein without notice.
PIR CONTROLLER INTEGRATED CIRCUIT
E931.97
Table 6: Pin Out
Contact Information___________________________________________
Microsystems On Silicon (PTY) Ltd.
Pretoria, South Africa
Tel: +27 (12) 348 8367
Fax: +27 (12) 348 1790
Email: sales@mos.co.za
Visit our website for the latest information
Pin Name
Pin Number
Description
VDD
1, 9
Supply voltage, shunt regulator
REL
2
REL Output (push-pull)
LED
3
LED Output (push-pull)
VSS
4
Negative supply voltage
ONTIME
5
On time selection input
SENS
6
Sensitivity selection input
OEN
7
(> VTHRH <= VDD) : REL output is enabled
(>= VSS < VTHRL) : REL output is disabled
N.C.
8, 10
Not connected
PIRIN
11
PIR sensor input
NPIRIN
12
Negative PIR sensor input
VSS
13
Negative supply voltage
ENVREG
14
Regulator Enable, connect to VDD to enable regulator, Connect to VSS to disable
regulator for low current battery based applications, where VDD will be less than
3.3V.


Similar Part No. - E931.97

ManufacturerPart #DatasheetDescription
logo
ELMOS Semiconductor AG
E931.98 ELMOS-E931.98 Datasheet
207Kb / 2P
   PIR CONTROLLER IC FOR LOAD SWITCH
More results

Similar Description - E931.97

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT8072 ETC-WT8072 Datasheet
53Kb / 5P
   PIR CONTROLLER
M7610 ETC-M7610 Datasheet
106Kb / 3P
   PIR CONTROLLER
logo
Silvan Chip Electronics...
BISS0001 SILVAN-BISS0001 Datasheet
168Kb / 2P
   PIR CONTROLLER
CS9803 SILVAN-CS9803 Datasheet
170Kb / 3P
   PIR CONTROLLER
LP0001 SILVAN-LP0001 Datasheet
85Kb / 2P
   PIR CONTROLLER
logo
List of Unclassifed Man...
M7612 ETC2-M7612 Datasheet
140Kb / 9P
   PIR CONTROLLER
logo
Silvan Chip Electronics...
LP8072C SILVAN-LP8072C Datasheet
114Kb / 3P
   PIR CONTROLLER
logo
OptoSupply Internationa...
OE0422 OPTOSUPPLY-OE0422 Datasheet
64Kb / 1P
   PIR intelligent controller
logo
List of Unclassifed Man...
M7616 ETC2-M7616 Datasheet
179Kb / 4P
   DC PIR CONTROLLER
logo
Pericom Semiconductor C...
PT8A263 PERICOM-PT8A263 Datasheet
346Kb / 11P
   PIR Alarm Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com