Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

183J12 Datasheet(PDF) 1 Page - Hammond Manufacturing Ltd.

Part # 183J12
Description  Low Voltage - P.C. Board Mount (183 Series)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMMOND [Hammond Manufacturing Ltd.]
Direct Link  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.

183J12 Datasheet(HTML) 1 Page - Hammond Manufacturing Ltd.

  183J12 Datasheet HTML 1Page - Hammond Manufacturing Ltd. 183J12 Datasheet HTML 2Page - Hammond Manufacturing Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
16
EUROPE
Basingstoke, UK 01256 812812
AUSTRALIA
Queenstown, Australia 61-8-8240-2244
CANADA
Guelph, Ontario (519) 822-2960
St. Laurent, Quebec (514) 343-9010
USA
Cheektowaga, NY (716) 630-7030
©
www.hammondmfg.com
Low Voltage - P.C. Board Mount (183 Series)
LOW VOLTAGE - P.C. BOARD MOUNT
UNIVERSAL
14 output voltages to choose from (5 - 36 VAC R.M.S.)
Six VA size models available from - 2.5 to 56VA
Universal operation on 50/60 Hz current, 115 or 230V dual primary
Low profile, split bobbin with top shroud design.
Dual winding secondaries, non-concentrically wound
Low primary to secondary coupling - no electrostatic shield required.
High insulation - Hipot of 4,000V RMS.
Class F insulation - 155 degrees C.
Two hole mounting on 2.5, 5, 10 and 20VA sizes, four hole mounting
on 30 and 56VA size (mounting screws not provided).
P.C. board mount with industry standard pin spacing.
CSA certified (# LR3902) and UL recognized (# E50394).
183 Series - Drawing & Schematic
Mounting Hole Drawing
Dimension Table
Part No.
Dual Pri.
115/230V
Size
VA
Secondary (RMS)
Series
Parallel
183E10
2.5 10V C.T. @ .25A
5V @ .5A
183F10
5
10V C.T. @ .5A
5V @ 1A
183G10
10
10V C.T. @ 1A
5V @ 2A
183H10
20
10V C.T. @ 2A
5V @ 4A
183J10
30
10V C.T. @ 3A
5V @ 6A
183K10
56
10V C.T. @ 5.6A
5V @ 11.2A
183E12
2.5 12.6V C.T. @ .2A
6.3V @ .4A
183F12
5
12.6V C.T. @ .4A
6.3V @ .8A
183G12
10
12.6V C.T. @ .8A
6.3V @ 1.6A
183H12
20
12.6V C.T. @ 1.6A 6.3V @ 3.2A
183J12
30
12.6V C.T. @ 2.4A 6.3V @ 4.8A
183K12
56
12.6V C.T. @ 4.4A 6.3V @ 8.8A
183E16
2.5 16V C.T. @ .15A
8V @ .3A
183F16
5
16V C.T. @ .31A
8V @ .62A
183G16
10
16V C.T. @ .625A
8V @ 1.25A
183H16
20
16V C.T. @ 1.25A
8V @ 2.5A
183J16
30
16V C.T. @ 1.9A
8V @ 3.8A
183K16
56
16V C.T. @ 3.5A
8V @ 7A
183E20
2.5 20V C.T. @ .12A
10V @ .24A
183F20
5
20V C.T. @ .25A
10V @ .5A
183G20
10
20V C.T. @ .5A
10V @ 1A
183H20
20
20V C.T. @ 1A
10V @ 2A
183J20
30
20V C.T. @ 1.5A
10V @ 3A
183K20
56
20V C.T. @ 2.8A
10V @ 5.6A
183E24
2.5 24V C.T. @ .1A
12V @ .2A
183F24
5
24V C.T. @ .21A
12V @ .42A
183G24
10
24V C.T. @ .42A
12V @ .84A
183H24
20
24V C.T. @ .83A
12V @ 1.66A
183J24
30
24V C.T. @ 1.25A
12V @ 2.5A
183K24
56
24V C.T. @ 2.33A
12V @ 4.66A
183E28
2.5 28V C.T. @ .09A
14V @ .18A
183F28
5
28V C.T. @ .18A
14V @ .36A
183G28
10
28V C.T. @ .36A
14V @ .72A
183H28
20
28V C.T. @ .72A
14V @ 1.44A
183J28
30
28V C.T. @ 1.06A
14V @ 2.12A
183K28
56
28V C.T. @ 2A
14V @ 4A
183E36
2.5 36V C.T. @ .07A
18V @ .14A
183F36
5
36V C.T. @ .14A
18V @ .28A
183G36
10
36V C.T. @ .28A
18V @ .56A
183H36
20
36V C.T. @ .56A
18V @ 1.12A
183J36
30
36V C.T. @ .82A
18V @ 1.64A
183K36
56
36V C.T. @ 1.56A
18V @ 3.12A
(VA)
Size
Dimensions (Inches)
Pin
Size
(square)
Mtg.
Screw
Lbs.
L
W
H
A
B
C
M
N
P
2.5
1 5/8
1 7/16
1 1/8
.20
.25
1.00
1 1/16
--
--
0.025”
#4
0.17
5
1 5/8
1 7/16
1 3/8
.20
.40
1.00
1 1/16
--
--
0.025”
#4
0.37
10
1 7/8
1 9/16
1 3/8
.20
.40
1.14
1 1/4
--
--
0.036”
#4
0.53
20
2 1/4
1 7/8
1 5/8
.40
.40
1.46
1 1/2
--
--
0.036”
#4
0.90
30
2 5/8
2 3/16
1 9/16
.55
.28
1.68
--
1 3/4
2 3/16
0.045”
#6
1.15
56
3
2 1/2
1 13/16
.60
.30
1.90
--
2
2 1/2
0.045”
#6
1.70


Similar Part No. - 183J12

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
183J12 HAMMOND-183J12 Datasheet
293Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
More results

Similar Description - 183J12

ManufacturerPart #DatasheetDescription
logo
Hammond Manufacturing L...
227T HAMMOND-227T Datasheet
278Kb / 1P
   Low Voltage - P.C. Board Mount (226-228 Series)
162D12 HAMMOND-162D12 Datasheet
260Kb / 2P
   LOW VOLTAGE P.C. BOARD MOUNT LOW PROFILE 162/164 SERIES
145J HAMMOND-145J Datasheet
376Kb / 2P
   LOW PROFILE - P.C. BOARD MOUNT AUDIO TRANSFORMERS
183J12 HAMMOND-183J12 Datasheet
293Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
183G16 HAMMOND-183G16 Datasheet
293Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
183E10 HAMMOND-183E10 Datasheet
294Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
183G10 HAMMOND-183G10 Datasheet
293Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
183E36 HAMMOND-183E36 Datasheet
293Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
183K20 HAMMOND-183K20 Datasheet
293Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
183H10 HAMMOND-183H10 Datasheet
293Kb / 1P
   Low Voltage P.C. Board Mounted Power Transformer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com