Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

28B1122-300 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 28B1122-300
Description  Electro-Magnetic Interference Solutions
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

28B1122-300 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 28B1122-300 Datasheet HTML 2Page - List of Unclassifed Manufacturers 28B1122-300 Datasheet HTML 3Page - List of Unclassifed Manufacturers 28B1122-300 Datasheet HTML 4Page - List of Unclassifed Manufacturers 28B1122-300 Datasheet HTML 5Page - List of Unclassifed Manufacturers 28B1122-300 Datasheet HTML 6Page - List of Unclassifed Manufacturers 28B1122-300 Datasheet HTML 7Page - List of Unclassifed Manufacturers 28B1122-300 Datasheet HTML 8Page - List of Unclassifed Manufacturers 28B1122-300 Datasheet HTML 9Page - List of Unclassifed Manufacturers 28B1122-300 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image

High Frequency Ferrite EMI Cores
Split, Snap-On Ferrite Cores in Plastic Cases
00 MHz to  GHz Optimized
All impedance values for high
frequency cores are NET; NET
impedance is impedance of the
ferrite core only. All impedance
contribution from the test wire and
fixtures has been removed.
For retrofit and post-assembly operations a selection of high frequency EMI “split” cores are offered. Similar in performance
to one piece cylindrical core designs, these split ferrite cores provide excellent common and differential mode high
frequency EMI suppression on round cable and wire assemblies. Black plastic snap-on cases provide secure closure of
the split cores onto the cable or wire bundle.
C
A
B
Figure 
D
Figure 1
- 0A2 part number suffix designates black plastic case. Additional colors may be available, please inquire with Laird Technologies’ customer service.
Part
Number
Fig #
PLASTIC CASE DIMENSIONS
mm
(inches)
Maximum
Cable
Diameter
mm
(inches)
Net Impedance ( Z ) in Ohms (
Ω )
Laird
Technologies’
Solid Cylindrical
Core Similar Parts
(for reference)
A
B
C
D
@ 00
MHz
@ 00
MHz
@ 800
MHz
@ 1
GHz
HFA100049-0A2
1
13.72
(0.540)
5.44
(0.214)
30.56
(1.203)
13.72
(0.540)
4.88
(0.192)
133
152
168
162
HFB095051-200
HFA150066-0A2
2
18.15
(0.715)
7.05
(0.278)
32.50
(1.280)
18.90
(0.744)
6.60
(0.260)
274
350
340
256
HFB143064-300
HFA150068-0A2
1
21.00
(0.827)
6.80
(0.268)
41.70
(1.642)
21.00
(0.827)
6.76
(0.266)
275
340
281
200
HFB150070-200
HFA163090-0A2
1
19.10
(0.752)
9.09
(0.358)
40.36
(1.589)
20.80
(0.819)
9.01
(0.355)
210
260
262
200
HFB160093-300
HFA187102-0A2
2
22.88
(0.877)
10.00
(0.394)
32.77
(1.290)
21.84
(0.860)
10.16
(0.400)
220
290
281
210
HFB187102-100
HFA259131-0A2
2
29.00
(1.142)
13.00
(0.512)
32.50
(1.280)
29.62
(1.166)
13.06
(0.514)
250
315
272
200
HFB259128-100
Please visit www.Lairdtech.com for the most up to date information.
All dimensions & impedance values can be sorted and compared on
www.Lairdtech.com Custom parts are available.
PART NUMBERING SYSTEM EXAMPLE
HF
A
10009
-0
A

Material
Type
Product
Code
Part Size Code
(mm)
Selected Dimension
Code
(Usually Length)
Additional Part
Description
Plastic Case
Color Code


Similar Part No. - 28B1122-300

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
28B1122-300 LSTD-28B1122-300 Datasheet
95Kb / 1P
   this print is the property of laird tech
28B1122-300 LSTD-28B1122-300 Datasheet
1Mb / 38P
   Ferrite EMI Cable Cores
2017
More results

Similar Description - 28B1122-300

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HC0901A JLWORLD-HC0901A Datasheet
54Kb / 1P
   Electro-Magnetic Sound Generators
HC0901B JLWORLD-HC0901B Datasheet
470Kb / 1P
   Electro-Magnetic Sound Generators
HC12G-3P JLWORLD-HC12G-3P Datasheet
415Kb / 1P
   Electro-Magnetic Sound Generators
HCM1601X JLWORLD-HCM1601X Datasheet
91Kb / 1P
   Electro-Magnetic Sound Generators
HCS0503C JLWORLD-HCS0503C Datasheet
46Kb / 1P
   Electro-Magnetic Sound Generators
HCS0901F JLWORLD-HCS0901F Datasheet
54Kb / 1P
   Electro-Magnetic Sound Generators
HCS0901G JLWORLD-HCS0901G Datasheet
55Kb / 1P
   Electro-Magnetic Sound Generators
HC12G-1P JLWORLD-HC12G-1P Datasheet
63Kb / 1P
   Electro-Magnetic Sound Generators
HCM1801 JLWORLD-HCM1801 Datasheet
88Kb / 1P
   Electro-Magnetic Sound Generators
HCE2306AX JLWORLD-HCE2306AX Datasheet
89Kb / 1P
   Electro-Magnetic Sound Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com