Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

28B0773-050 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 28B0773-050
Description  Electro-Magnetic Interference Solutions
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

28B0773-050 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button 28B0773-050 Datasheet HTML 4Page - List of Unclassifed Manufacturers 28B0773-050 Datasheet HTML 5Page - List of Unclassifed Manufacturers 28B0773-050 Datasheet HTML 6Page - List of Unclassifed Manufacturers 28B0773-050 Datasheet HTML 7Page - List of Unclassifed Manufacturers 28B0773-050 Datasheet HTML 8Page - List of Unclassifed Manufacturers 28B0773-050 Datasheet HTML 9Page - List of Unclassifed Manufacturers 28B0773-050 Datasheet HTML 10Page - List of Unclassifed Manufacturers 28B0773-050 Datasheet HTML 11Page - List of Unclassifed Manufacturers 28B0773-050 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
A
B
C
Additional wire turns multiply impedance
Part
Number
DIMENSIONS
mm
(inches)
Typical Impedance ( Z ) in Ohms (
Ω )
A
B
C
@  MHz
@ 100 MHz
@ 00 MHz
28B0473-000
12.00
(0.472)
3.55
(0.140)
10.00
(0.394)
101
195
320
28B0473-200
12.00
(0.472)
3.55
(0.140)
25.00
(0.984)
240
424
558
28B0485-000
12.32
(0.485)
4.88
(0.192)
25.40
(1.000)
170
320
450
28B0500-100
12.70
(0.500)
7.92
(0.312)
6.35
(0.250)
33
83
200
28B0500-300
12.70
(0.500)
7.92
(0.312)
12.70
(0.500)
54
118
230
28B0562-000
14.27
(0.562)
6.35
(0.250)
10.16
(0.400)
69
145
270
28B0562-100
14.27
(0.562)
6.35
(0.250)
13.46
(0.530)
89
184
303
28B0562-200
14.27
(0.562)
6.35
(0.250)
28.58
(1.125)
177
317
470
28B0562-300
14.27
(0.562)
6.35
(0.250)
28.32
(1.115)
150
270
420
28B0563-000
14.27
(0.562)
7.26
(0.286)
15.24
(0.600)
85
173
295
28B0563-100
14.27
(0.562)
7.26
(0.286)
20.30
(0.800)
109
217
333
28B0563-200
14.27
(0.562)
7.26
(0.286)
28.57
(1.125)
149
287
406
28B0570-000
14.48
(0.570)
8.51
(0.335)
5.51
(0.217)
32
82
200
28B0590-000
14.99
(0.590)
6.99
(0.275)
27.94
(1.100)
170
300
450
28B0591-200
15.00
(0.591)
5.90
(0.232)
35.00
(1.378)
250
450
580
28B0592-000
15.00
(0.591)
4.50
(0.177)
40.00
(1.575)
361
653
627
28B0616-000
15.65
(0.616)
6.99
(0.275)
28.58
(1.125)
170
310
450
28B0625-000
15.88
(0.625)
7.87
(0.310)
14.27
(0.563)
79
163
273
28B0625-100
15.88
(0.625)
7.87
(0.310)
28.58
(1.125)
150
280
400
28B0631-000
16.00
(0.630)
9.25
(0.364)
11.99
(0.472)
60
130
250
28B0631-100
16.00
(0.630)
9.25
(0.364)
27.99
(1.102)
124
243
370
28B0672-000
17.07
(0.672)
8.76
(0.345)
25.40
(1.000)
130
245
360
28B0686-000
17.42
(0.686)
9.52
(0.375)
6.35
(0.250)
39
91
214
28B0686-100
17.42
(0.686)
9.52
(0.375)
12.70
(0.500)
66
139
265
28B0686-200
17.42
(0.686)
9.53
(0.375)
28.58
(1.125)
124
242
390
Broadband EMI Ferrite Cylindrical Cores


Similar Part No. - 28B0773-050

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
28B0773-050 LSTD-28B0773-050 Datasheet
144Kb / 1P
   this print is the property of laird tech
More results

Similar Description - 28B0773-050

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HC0901A JLWORLD-HC0901A Datasheet
54Kb / 1P
   Electro-Magnetic Sound Generators
HC0901B JLWORLD-HC0901B Datasheet
470Kb / 1P
   Electro-Magnetic Sound Generators
HC12G-3P JLWORLD-HC12G-3P Datasheet
415Kb / 1P
   Electro-Magnetic Sound Generators
HCM1601X JLWORLD-HCM1601X Datasheet
91Kb / 1P
   Electro-Magnetic Sound Generators
HCS0503C JLWORLD-HCS0503C Datasheet
46Kb / 1P
   Electro-Magnetic Sound Generators
HCS0901F JLWORLD-HCS0901F Datasheet
54Kb / 1P
   Electro-Magnetic Sound Generators
HCS0901G JLWORLD-HCS0901G Datasheet
55Kb / 1P
   Electro-Magnetic Sound Generators
HC12G-1P JLWORLD-HC12G-1P Datasheet
63Kb / 1P
   Electro-Magnetic Sound Generators
HCM1801 JLWORLD-HCM1801 Datasheet
88Kb / 1P
   Electro-Magnetic Sound Generators
HCE2306AX JLWORLD-HCE2306AX Datasheet
89Kb / 1P
   Electro-Magnetic Sound Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com