Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

170M4189 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 170M4189
Description  Square Body - DIN 43 653
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

170M4189 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  170M4189 Datasheet HTML 1Page - List of Unclassifed Manufacturers 170M4189 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Form No.
Page 1 of 2
BIF Doc #720029
Bussmann®
7-11-01
SB01191
Square Body – DIN 43 653
1250V/1300V (IEC/U.L.)
50-1400A
Electrical Characteristics
Ordering Information
Curves
-TN/110
Rated
I2t (A2S)
-/110
Type T
Carton
Current
Clearing
Clearing
Watts
Visual
Indicator
Carton
Weight
Size
RMS-Amps
Pre-arc
at 1000V
at 1250V
Loss
Indicator
for Micro
Qty.
(kg)
BIF #
50
135
815
1100
15
170M3138
170M3188
63
215
1300
1750
20
170M3139
170M3189
80
420
2500
3350
25
170M3140
170M3190
100
750
4450
5950
30
170M3141
170M3191
125
1450
9000
11500
35
170M3142
170M3192
1*
160
2600
16000
21000
40
170M3143
170M3193
5
1.90
17056630
200
5150
31000
41000
45
170M3144
170M3194
250
9200
54500
73000
55
170M3145
170M3195
315
18500
115000
150000
60
170M3146
170M3196
350
27000
165000
220000
65
170M3147
170M3197
400
53000
265000
335000
70
170M3148
170M3198
160
1900
11500
15500
45
170M4138
170M4188
200
3800
22500
30000
50
170M4139
170M4189
250
7750
46000
61500
60
170M4140
170M4190
315
15000
90000
120000
65
170M4141
170M4191
1
350
20000
125000
165000
70
170M4142
170M4192
400
29500
175000
235000
75
170M4143
170M4193
2
1.18
17056632
450
42000
250000
335000
80
170M4144
170M4194
500
69500
340000
435000
85
170M4145
170M4195
550
95000
465000
590000
95
170M4146
170M4196
†630
130000
660000
100
170M4147
170M4197
250
6500
38500
51500
65
170M5138
170M5188
280
9350
55500
74500
70
170M5139
170M5189
315
13000
77500
105000
75
170M5140
170M5190
350
16500
97500
135000
80
170M5141
170M5191
400
23000
140000
180000
85
170M5142
170M5192
450
34000
205000
270000
90
170M5143
170M5193
2
500
48000
285000
380000
95
170M5144
170M5194
2
1.58
17056634
550
62000
370000
495000
100
170M5145
170M5195
630
115000
575000
730000
110
170M5146
170M5196
700
160000
795000
1050000
115
170M5147
170M5197
800
245000
1200000
1550000
120
170M5148
170M5198
†900
360000
1750000
125
170M5149
170M5199
†1000
480000
2350000
135
170M5150
170M5200
315
9500
58000
77500
85
170M6138
170M6188
350
13500
81500
110000
90
170M6139
170M6189
400
19500
120000
160000
95
170M6140
170M6190
450
31000
185000
245000
100
170M6141
170M6191
500
39000
235000
310000
105
170M6142
170M6192
550
55000
325000
435000
110
170M6143
170M6193
3
630
83500
495000
665000
115
170M6144
170M6194
700
115000
705000
940000
120
170M6145
170M6195
1
1.23
17056636
‡800
205000
995000
1300000
125
170M6146
170M6196
‡900
305000
1500000
1900000
130
170M6147
170M6197
‡1000
450000
2150000
2750000
135
170M6148
170M6198
‡1100
575000
2800000
3600000
140
170M6149
170M6199
†1250
810000
3950000
145
170M6150
170M6200
†1400
1250000
6000000
150
170M6151
170M6201
Interrupting rating 100kA RMS Symmetrical.
1 kg = 2.2 lbs.
1 lb = 0.45 kg
Watts loss provided at rated current.
Rated voltage (IEC) †1100V ‡1250V (Consult Bussmann for U.L. Recognition/ CSA Component Acceptance status.)
Microswitch indicator ordered separately.
®
R


Similar Part No. - 170M4189

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170M4108 COOPER-170M4108 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M4108 COOPER-170M4108 Datasheet
47Kb / 2P
   Square Body DIN 43 653 690V/700V IEC/UL 40-2000A
170M4109 COOPER-170M4109 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M4109 COOPER-170M4109 Datasheet
47Kb / 2P
   Square Body DIN 43 653 690V/700V IEC/UL 40-2000A
170M4110 COOPER-170M4110 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
More results

Similar Description - 170M4189

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
170M3166 COOPER-170M3166 Datasheet
48Kb / 2P
   Square Body- DIN 43 653
353907 COOPER-353907 Datasheet
51Kb / 2P
   Square Body ??DIN 43 653
170M3016 COOPER-170M3016 Datasheet
48Kb / 2P
   Square Body-DIN 43 653
170M5247 COOPER-170M5247 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653
170M3066 COOPER-170M3066 Datasheet
48Kb / 2P
   Square Body-DIN 43 653
170M1308 COOPER-170M1308 Datasheet
46Kb / 2P
   Square Body ??DIN 43 653 690V (IEC/U.L.)
170M3108 COOPER-170M3108 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3008 COOPER-170M3008 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V (IEC/U.L.)
170M3238 COOPER-170M3238 Datasheet
47Kb / 2P
   Square Body ??DIN 43 653 1250V/1300V (IEC/U.L.)
170M3208 COOPER-170M3208 Datasheet
48Kb / 2P
   Square Body ??DIN 43 653 690V/700V IEC/UL40-2000A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com