Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA5130 Datasheet(PDF) 3 Page - Sanken electric

Part # SMA5130
Description  Transistor and MOS FET Arrays
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA5130 Datasheet(HTML) 3 Page - Sanken electric

  SMA5130 Datasheet HTML 1Page - Sanken electric SMA5130 Datasheet HTML 2Page - Sanken electric SMA5130 Datasheet HTML 3Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
172
Transistors
Package Type (Dimensions)
• SIP 8 (STA8Pin)
• SIP 10 (STA10Pin)
• SIP 12 (SMA12Pin)
• SIP 15 (SMA15Pin)
• SIP 12 with Fin (SLA12Pin)
• SIP 15 with Fin (SLA15Pin)
• SIP 15 with Fin (SLA15Pin)
1
C1.5±0.5
7 × P2.54 = 17.78
Pin No.
1.0±0.25
0.5±0.15
(2.54)
20.4 max
2345678
31.0±0.2
1.46±0.15
4.0±0.2
2.5±0.2
1.2±0.1
27.94
2.54
a
b
0.85–0.1
+0.2
0.55–0.1
+0.2
a: Part Number
b: Lot No.
31.5max
31.0±0.2
24.4±0.2
a
b
Ellipse
3.2±0.15 × 3.8
4.8±0.2
1.7±0.1
2.2±0.7
1.2±0.15
1.45±0.15
0.55–0.1
+0.2
0.85–0.1
+0.2
12
11 × P2.54±0.7 = 27.94±1.0
Pin1
a: Part Number
b: Lot No.
3.2±0.15
φ
31.3±0.2
4.8±0.2
1.7±0.1
2.45±0.2
31.0±0.2
24.4±0.2
16.4±0.2
1.15–0.1
+0.2
0.55–0.1
+0.2
0.65–0.1
+0.2
3.2±0.15
φ
3.2±0.15 × 3.8
φ
14 × P2.03±
0.7=28.42±1.0
R-End
4.0±0.7
**
*
1234 5 6 7 8 9 10 11 12 13 14 15
31.0±0.2
4.0±0.2
2.5±0.2
a
b
1.15–0.1
+0.2
0.65–0.1
+0.2
14 × P2.03
±0.7= 28.42±1.0
**
1234 5 6 7 8 9 10 11 12 13 14 15
0.55–0.1
+0.2
R-End
4.0±0.7
*
(Unit:mm)
0.5±0.15
C1.5±0.5
1.0±0.25
(2.54)
9 × 2.54 = 22.86±0.25
25.25±0.2
a
b
1
E
2
B
3
C
4
B
5
C
6
B
7
C
8
B
9
C
10
E
a: Part Number
b: Lot No.
31.0±0.2
24.4±0.2
16.4±0.2
3.2±0.15
× 3.8
3.2±0.15
20
× P1.43±0.5=28.6±1.0
31.3±0.2
4±0.7
4–(R1)
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
0.65–0.1
+0.2
0.55–0.1
2.45±0.2
1.7±0.1
4.8±0.2
+0.2
φ
φ
a: Part Number
b: Lot No.
a
b
Gate burr


Similar Part No. - SMA5130

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
SMA513 MACOM-SMA513 Datasheet
98Kb / 1P
   10 TO 500 MHz TO-8 CASCADABLE AMPLIFIER
SMA513 MACOM-SMA513 Datasheet
372Kb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
M/A-COM Technology Solu...
SMA513 MA-COM-SMA513 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 500 MHz
logo
Sanken electric
SMA5131 SANKEN-SMA5131 Datasheet
120Kb / 3P
   Transistor and MOS FET Arrays
SMA5132 SANKEN-SMA5132 Datasheet
120Kb / 3P
   Transistor and MOS FET Arrays
More results

Similar Description - SMA5130

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SMA5131 SANKEN-SMA5131 Datasheet
120Kb / 3P
   Transistor and MOS FET Arrays
SLA5212 SANKEN-SLA5212 Datasheet
120Kb / 3P
   Transistor and MOS FET Arrays
SMA5132 SANKEN-SMA5132 Datasheet
120Kb / 3P
   Transistor and MOS FET Arrays
SLA5096 SANKEN-SLA5096 Datasheet
120Kb / 3P
   Transistor and MOS FET Arrays
SMA5133 SANKEN-SMA5133 Datasheet
120Kb / 3P
   Transistor and MOS FET Arrays
SLA5201 SANKEN-SLA5201 Datasheet
120Kb / 3P
   Transistor and MOS FET Arrays
logo
List of Unclassifed Man...
VQ7254 ETC1-VQ7254 Datasheet
236Kb / 2P
   N-and P-Channel Enhancement -Mode MOS Transistor Arrays
logo
Panasonic Semiconductor
AN90C00 PANASONIC-AN90C00 Datasheet
139Kb / 5P
   TRANSISTOR ARRAYS
AN90B00 PANASONIC-AN90B00 Datasheet
268Kb / 7P
   TRANSISTOR ARRAYS
logo
NEC
UPA2791GR NEC-UPA2791GR Datasheet
248Kb / 12P
   MOS FIELD EFFECT TRANSISTOR SWITCHING N- AND P-CHANNEL POWER MOS FET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com