Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

28B0453-000 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # 28B0453-000
Description  Electro-Magnetic Interference Solutions
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

28B0453-000 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  28B0453-000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 28B0453-000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 28B0453-000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 28B0453-000 Datasheet HTML 4Page - List of Unclassifed Manufacturers 28B0453-000 Datasheet HTML 5Page - List of Unclassifed Manufacturers 28B0453-000 Datasheet HTML 6Page - List of Unclassifed Manufacturers 28B0453-000 Datasheet HTML 7Page - List of Unclassifed Manufacturers 28B0453-000 Datasheet HTML 8Page - List of Unclassifed Manufacturers 28B0453-000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image

FERRITE MATERIAL COMPARISON
LF, 8, HF Material Impedance vs Frequency ( 00 KHz -  GHz )
Frequency ( MHz )
0.3
0.5
1
5
10
50
100
500
1000
2000
Impedance Materials for Cable & Wiring Harness Cores
LF Low Frequency
8 Broadband High Performance
HF High Frequency
LF
8
HF
· Select the appropriate ferrite material for the EMI frequency range to be attenuated (refer to cable core material impedance vs.
frequency chart above).
· Ferrite material composition affects core performance most. High performance material is best. Cheap, low performance materials
require the use of larger, heavier cores.
· Shape (design) and mass of the ferrite core significantly affect impedance.
· Don’t over size. Use high performance ferrite material and select the smallest core that will do the job. High performance material allows
the use of smaller, lighter and lower cost cores.
· Select a ferrite core that fits over the cable’s outside dimensions. Core should slide easily over the cable during installation.
· When possible, install a cable core over wires in a common-mode configuration (out and back lines inside the same ferrite cable
core). A differential cable pair inside the same core will make the ferrite core a common mode choke that is not susceptible to
saturation from very high currents.
· Install the ferrite core near the noise source
· Additional turns through a core will provide multiple amounts of peak impedance.
Example: Two wire turns provide 4 times the impedance of one turn (pass through) the ferrite core. Also, with each added turn, the peak
impedance shifts to a slightly lower frequency.
· Two piece split cores are available. One-piece cylindrical or flat ribbon ferrite core shapes are usually preferable but, split cores can be
used in applications where cores cannot slide over cable ends and connectors. Some split cores are available with snap-on plastic
cases or metal clips.
· Side by side impedance testing of ferrite cores is the best way to compare performance of different cores.
Ferrite core impedance measurement equipment and test methods are not standardized in the industry. Every ferrite company has
their own test methods. Catalog (web site) impedance data cannot be accurately compared.
DESIGN & SELECTION “RULES OF THUMB”
Optimized, high performance, low cost custom part designs are available.


Similar Part No. - 28B0453-000

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
28B0453-000 LSTD-28B0453-000 Datasheet
1Mb / 38P
   Ferrite EMI Cable Cores
2017
More results

Similar Description - 28B0453-000

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HC0901A JLWORLD-HC0901A Datasheet
54Kb / 1P
   Electro-Magnetic Sound Generators
HC0901B JLWORLD-HC0901B Datasheet
470Kb / 1P
   Electro-Magnetic Sound Generators
HC12G-3P JLWORLD-HC12G-3P Datasheet
415Kb / 1P
   Electro-Magnetic Sound Generators
HCM1601X JLWORLD-HCM1601X Datasheet
91Kb / 1P
   Electro-Magnetic Sound Generators
HCS0503C JLWORLD-HCS0503C Datasheet
46Kb / 1P
   Electro-Magnetic Sound Generators
HCS0901F JLWORLD-HCS0901F Datasheet
54Kb / 1P
   Electro-Magnetic Sound Generators
HCS0901G JLWORLD-HCS0901G Datasheet
55Kb / 1P
   Electro-Magnetic Sound Generators
HC12G-1P JLWORLD-HC12G-1P Datasheet
63Kb / 1P
   Electro-Magnetic Sound Generators
HCM1801 JLWORLD-HCM1801 Datasheet
88Kb / 1P
   Electro-Magnetic Sound Generators
HCE2306AX JLWORLD-HCE2306AX Datasheet
89Kb / 1P
   Electro-Magnetic Sound Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com