Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30-251BLK Datasheet(PDF) 4 Page - Grayhill, Inc

Part # 30-251BLK
Description  Butt Contact Pushbutton Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

30-251BLK Datasheet(HTML) 4 Page - Grayhill, Inc

  30-251BLK Datasheet HTML 1Page - Grayhill, Inc 30-251BLK Datasheet HTML 2Page - Grayhill, Inc 30-251BLK Datasheet HTML 3Page - Grayhill, Inc 30-251BLK Datasheet HTML 4Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Butt Contact Pushbutton Switches
DIMENSIONS In Inches (and millimeters)
Normally Closed–SPST With
Push-Pull
30-32
ACCESSORIES
Button Cap and Guard
The button cap is available in 3 colors: part
number 30B1012-5 is red; part number
30B1012-8 is white; and part number 30B1012-
9 is black. It may be fastened to the button with
adhesive. It may be used with the following
Series 30 switches: 30-1, 30-1UL, 30-2, 30-
2UL, 30-3, 30-3UL, 30-15, 30-37, 30-601 BLK,
and 30-601 RED.
The button guard, part number 10C1015-1 is
made to be used with 15/32" (11,91) inch
diameter switches to prevent unintentional
actuation. It may be used with the following
Series 30 switches: 30-16 BLK, 30-16 RED,
30-17 BLK, 30-17 RED, 30-32 BLK, and 30-32
RED
For the dimensions, materials and finishes of
the button cap and guard, see page E-36.
Decorative Mounting Nuts
Part Number 30C1023-1 is made for switches
with 1/4" (6,35) inch diameter bushings. It may
be used with the following Series 30 switches:
30-1, 30-1 UL, 30-2, 30-2 UL, 30-3, 30-6, 30-15,
30-37, 30-251 BLK, 30-251 RED, 30-252 BLK,
30-252 RED, 30-601 BLK and 30-601 RED.
Part Number 07C1040-1 is made for switches
with 15/32" (11,91) inch diameter bushings. It
may be used with the following Series 30 switches:
30-16 BLK, 30-16 RED, 30-17 BLK, 30-17 RED,
30-32 BLK and 30-32 RED.
For the dimensions, materials and finishes of
these decorative mounting nuts, see page
E-36.
STANDARD OPTIONS
Decorative mountings, see pages E-24 to E-26.
SPECIFICATIONS
Rating Criteria
For UL recognized switches, see individual
switch chart. File number is E35289.
Contact Resistance: 25 milliohms maximum
on a new switch
Voltage Breakdown: 1,000 Vac between
mutually insulated parts
Insulation Resistance: 1,000 megohms
minimum
Operating Temperature: -40° to +85°C
Mounting Torque: 2 inch-pounds
Switch Materials and Finishes
Mounting Nut and Cover Bushing: Brass, tin
zinc
Button
Color
Operations
at Rated
Load
Rating at
115 Vac
Resistive
Rating at
220 Vac
Resistive
1 Amp
1/2 Amp
100,000
30-32 RED
Red
30-32 BLK
Black
Mtg.
Hole
Total
Travel
Action
Actuating
Force (oz.)
Part
Number
Pull-to-Make
56 ± 16
Part
Description
Number
and Button Color
30-1*
N.O., Standard, Red
30-2*
N.C., Standard, Black
30-3*
N.O., Black
30-6*
N.C., Red
30-15
N.O., Overtravel, Red
30-16 BLK
Push to Make, Black
30-16 RED
Push to Make, Red
30-17 BLK
N.O., Positive Feel, Black
30-17 RED
N.O., Positive Feel, Red
30-32 BLK
Pull to Make, Black
30-32 RED
Pull to Make, Red
30-37 BLK
N.O., Overtravel, Black
30-251 BLK
N.O., Sealed, Black
30-251 RED
N.O., Sealed, Red
30-252 BLK
N.C., Sealed, Black
30-252 RED
N.C., Sealed, Red
30-601 BLK
N.O., Economy, Black
30-601 RED
N.O., Economy, Red
Accessory
Part Number
Description
30B1012-5
Accessory Cap, Red
30B1012-8
Accessory Cap, White
30B1012-9
Accessory Cap, Black
30C1023-1
Accessory Nut
07C1040-1
Accessory Nut
10C1015-1
Button Guard
Accessory Cap
30B1012-5
30B1012-8
30B1012-9
Button Guard
10C1015-1
Decorative Mounting Nuts
07C1040-1
30C1023-1
CIRCUITRY
ORDERING INFORMATION
See page E-36 for dimensions.
*Add “UL” suffix to part number for UL recognized
switches.
Available from your local Grayhill Distributor.
For prices and discounts, contact a local Sales
Office, an authorized local Distributor or Grayhill.
.145 ± .015
31/64"
(3,68 ± 0,38)
(12,30)
Base: Thermoset plastic
Button: Polyester for 30-16 and 30-32; Phenolic
for 30-17, 30-1UL, 30-2, 30-2UL, 30-3UL, 30-6
and 30-6UL; Polycarbonate for all others.
Shorting Bar: Brass with gold over nickel plating
for 30-601; brass with fine silver contact surface
for all others.
Terminals: Brass with gold over nickel plating
for 30-601; commercial brass with fine silver
contact surface and silver-plated for all others.
Spring: Tinned music wire
Button Cap: Nylon for 30-17; Polyethylene for
30-251 and 30-252.
Detent Balls: Carbon steel, nickel-plated
Terminal Type: Solder lug
O-Ring Seal: (30-251, 30-252) Nitrile per
MIL-P-5516
1.87 ± .005
(4,75 ± 0,13)
A
1.36
(34.5)
REF.
15/32-32
UNS-2A
THREAD
D
C
B
A = .493 ± .015
(12,52 ± 0,38)
B = .421 ± .015
(10,69 ± 0,38)
C = .225 ±.015
(5,72 ± 0,38)
D = .222 ± .020
(5,64 ± 0,51)
HEX NUT (2)
(SEE H)
H = HEX NUT
9/16 ± .010 (14,29 ± 0,25)
ACROSS FLATS
3/32 ± .010 (2,38 ± 0,25) THICK
LABEL*
.230 REF
(5.8)
*PART NUMBER
AND E.I.A. DATE
CODE LABEL
SPST N.O.
SPST N.C.
Pushbutton
46


Similar Part No. - 30-251BLK

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
30-200 GRAYHILL-30-200 Datasheet
255Kb / 1P
   Sealed, Front Panel Mounting
logo
Bel Fuse Inc.
30-200-LPI BEL-30-200-LPI Datasheet
1Mb / 3P
   Direct Plug-in Replacement for Original FlatHead??Design
logo
Anaren Microwave
30-200R-S ANAREN-30-200R-S Datasheet
233Kb / 2P
   BeO Ceramic
logo
Grayhill, Inc
30-201B-1S GRAYHILL-30-201B-1S Datasheet
273Kb / 1P
   Sealed, Front Panel Mounting
logo
Bud Industries, Inc.
30-2300 BUD-30-2300 Datasheet
86Kb / 1P
   SERIES 30 UPRIGHT CABINET RACK
More results

Similar Description - 30-251BLK

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
30-1UL GRAYHILL-30-1UL Datasheet
164Kb / 4P
   Butt Contact Pushbutton Switches
39-101 GRAYHILL-39-101 Datasheet
78Kb / 1P
   Butt Contact Pushbutton Switches
30-3UL GRAYHILL-30-3UL Datasheet
164Kb / 4P
   Butt Contact Pushbutton Switches
10-10 GRAYHILL-10-10 Datasheet
63Kb / 1P
   Wiping Contact Pushbutton Switches
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
   PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
   PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
   Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com