Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30-32BLK Datasheet(PDF) 2 Page - Grayhill, Inc

Part # 30-32BLK
Description  Butt Contact Pushbutton Switches
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GRAYHILL [Grayhill, Inc]
Direct Link  http://www.grayhill.com
Logo GRAYHILL - Grayhill, Inc

30-32BLK Datasheet(HTML) 2 Page - Grayhill, Inc

  30-32BLK Datasheet HTML 1Page - Grayhill, Inc 30-32BLK Datasheet HTML 2Page - Grayhill, Inc 30-32BLK Datasheet HTML 3Page - Grayhill, Inc 30-32BLK Datasheet HTML 4Page - Grayhill, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Grayhill, Inc. • 561 Hillgrove Avenue • LaGrange, Illinois
60525-5997 • USA • Phone: 708-354-1040 • Fax: 708-354-2820 • www.grayhill.com
Butt Contact Pushbutton Switches
A
1.091
(27,71)
REF.
.437
.010
(11,10
0,25)
ACROSS FLATS OF HEX
.505 (12,83) REF.
ACROSS CORNERS
D
C
B
A = .209
.015
(5,31
0,38)
B = .250
.010
(6,35
0,25)
C = .410 .015
(10,41
0,38)
D = .222
.020
(5,64
0,51)
E = .187 .010
(4,75
0,25)
F = .100
.010
(2.54
0,25)
F
T
SNAP ON CAP
E
.375 .010 DIA.
(9,53
0,25)
T = 1/4-32
UNEF-2A
THREAD
O = O RING
O
HEX MTG NUT
.312 (7,92)
ACROSS FLATS
.062 (1,57)
THICK
LABEL*
*PART NUMBER
AND E.I.A. DATE
CODE LABEL
.015 (0,38)
.186 REF.
(4.7)
Normally Open–SPST With
Sealed Bushing and Button
30-251*
Normally Closed–SPST With
Sealed Bushing and Button
30-252*
Mtg.
Hole
Total
Travel
Action
Button
Color
Operations
at Rated
Load
Rating at
115 Vac
Resistive
Rating at
220 Vac
Resistive
1 Amp
1/2 Amp
250,000
Actuating
Force (oz.)
Momentary
30 ± 8
*Complete
Part
Number
Mtg.
Hole
Total
Travel
Action
Button
Color
Operations
at Rated
Load
Rating at
115 Vac
Resistive
Rating at
220 Vac
Resistive
Actuating
Force (oz.)
Momentary
12 ± 4
*Complete
Part
Number
30-2
30-2UL
30-6
30-6UL
Normally Closed–SPST and UL Recognized
Normally Closed–SPST
Mtg.
Hole
Total
Travel
Action
Actuating
Force (oz.)
Button
Color
30-2
Black
30-6
Red
Part
Number
Operations
at Rated
Load
Rating at
115 Vac
Resistive
Rating at
220 Vac
Resistive
Momentary
8 ± 4
UL Recognized
Mtg.
Hole
Total
Travel
Action
Actuating
Force (oz.)
Button
Color
30-2UL
Black
30-6UL
Red
Part
Number
Operations
at Rated
Load
Rating at
120 Vac
Resistive
Rating at
220 Vac
Resistive
5 Amp
—–
6,000
Momentary
8 ± 4
DIMENSIONS In Inches (and millimeters)
1 Amp
1/2 Amp
1,000,000
.065 + .010/ - .015
17/64"
(1,65 + 0,25/ - 0,38)
(6,75)
.065 + .010/ - .015
17/64"
(1,65 + 0,25/ - 0,38)
(6,75)
30-251 RED
Red
30-251 BLK
Black
.062 ± .020
17/64"
(1,57 ± 0,51)
(6,75)
30-252 RED
Red
30-252 BLK
Black
.065 ± .010
17/64"
(1,65 ± 0,25)
(6,75)
1 Amp
1/2 Amp
250,000
.162
.005
(4,11
0,13) DIA.
A
1.005
(25,53)
REF.
1/4-32 UNEF-2A
THREAD
.375
.005
(9,53
0,13)
.230 REF.
(5.8)
D
C
B
A = .150
.015
(3,81
0,38)
B = .250
.010
(6,35
0,25)
C = .375
.015
(9,53
0,38)
D = .230
.020
(5,84
0,51)
HEX MOUNTING NUT
.375 (9,53) ACROSS FLATS
.109 (2,77) THICK
LABEL*
*PART NUMBER
AND E.I.A. DATE
CODE LABEL
A
1.104
(28,04)
REF.
T = 1/4-32
UNEF-2A
THREAD
O = O RING
.437
.010
(11,10
0,25)
ACROSS FLATS OF HEX.
.505 (12,83) REF.
ACROSS CORNERS
D
C
B
O
A = .209
.015
(5,31
0,38)
B = .250
.010
(6,35
0,25)
C = .415
.015
(10,54
0,38)
D = .230
.015
(5,84
0,38)
E = .187 .010
(4,75
0,25)
F = .100
.010
(2.54
0,25)
F
T
SNAP ON CAP
E
.375
.010 DIA.
(9,53
0,25)
HEX MTG NUT
.312 (7,92)
ACROSS FLATS
.062 (1,57)
THICK
LABEL*
.230 REF.
(5.8)
*PART NUMBER
AND E.I.A. DATE
CODE LABEL
Pushbutton
44


Similar Part No. - 30-32BLK

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
30-30-E-12-TR TI-30-30-E-12-TR Datasheet
6Mb / 1299P
[Old version datasheet]   This data sheet provides reference information for the TM4C123BE6PZ microcontroller, describing
logo
Bel Fuse Inc.
30-300-LPI BEL-30-300-LPI Datasheet
1Mb / 3P
   Direct Plug-in Replacement for Original FlatHead??Design
logo
Anaren Microwave
30-300R-S ANAREN-30-300R-S Datasheet
233Kb / 2P
   BeO Ceramic
logo
Grayhill, Inc
30-3UL GRAYHILL-30-3UL Datasheet
164Kb / 4P
   Butt Contact Pushbutton Switches
More results

Similar Description - 30-32BLK

ManufacturerPart #DatasheetDescription
logo
Grayhill, Inc
30-1UL GRAYHILL-30-1UL Datasheet
164Kb / 4P
   Butt Contact Pushbutton Switches
39-101 GRAYHILL-39-101 Datasheet
78Kb / 1P
   Butt Contact Pushbutton Switches
30-3UL GRAYHILL-30-3UL Datasheet
164Kb / 4P
   Butt Contact Pushbutton Switches
10-10 GRAYHILL-10-10 Datasheet
63Kb / 1P
   Wiping Contact Pushbutton Switches
logo
List of Unclassifed Man...
R13-502MA ETC2-R13-502MA Datasheet
107Kb / 4P
   Pushbutton Switches
logo
Copal Electronics
MSP COPAL-MSP Datasheet
607Kb / 1P
   Pushbutton Switches
logo
E-SWITCH
5500 E-SWITCH-5500 Datasheet
288Kb / 3P
   PUSHBUTTON SWITCHES
LC1257EENP E-SWITCH-LC1257EENP Datasheet
287Kb / 3P
   PUSHBUTTON SWITCHES
logo
Copal Electronics
FP_SERIES COPAL-FP_SERIES Datasheet
765Kb / 3P
   Pushbutton Switches
logo
C&K Components
F CK-COMPONENTS-F Datasheet
1Mb / 9P
   Pushbutton Switches
29 may 19
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com