Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2-747580-2 Datasheet(PDF) 11 Page - Tyco Electronics

Part # 2-747580-2
Description  HDP-20 Crimp Snap-In Contact Connectors
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

2-747580-2 Datasheet(HTML) 11 Page - Tyco Electronics

Back Button 2-747580-2 Datasheet HTML 7Page - Tyco Electronics 2-747580-2 Datasheet HTML 8Page - Tyco Electronics 2-747580-2 Datasheet HTML 9Page - Tyco Electronics 2-747580-2 Datasheet HTML 10Page - Tyco Electronics 2-747580-2 Datasheet HTML 11Page - Tyco Electronics 2-747580-2 Datasheet HTML 12Page - Tyco Electronics 2-747580-2 Datasheet HTML 13Page - Tyco Electronics 2-747580-2 Datasheet HTML 14Page - Tyco Electronics 2-747580-2 Datasheet HTML 15Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 66 page
background image
100
Catalog 82068
Dimensions are shown for
Dimensions are in inches and
Canada: +1 (905) 475-6222
UK: +44 (0) 800-267666
Revised 4-12
reference purposes only.
millimeters unless otherwise
Mexico/C. Am.: +52 (0) 55-1106-0800
France: +33 (0) 1-3420-8686
Specifications subject
specified.
Latin/S. Am.: +54 (0) 11-4733-2200
Netherlands: +31 (0) 73-6246-999
www.te.com
to change.
USA: +1 (800) 522-6752
Germany: +49 (0) 6251-133-1999
China: +86 (0) 400-820-6015
AMPLIMITE Subminiature D Connectors
Note: All part numbers are RoHS compliant.
HDP-20 Connector Contacts, Precision Formed
Contact Size 20 DF
Pin Diameter .040 [1.02]
Material and Finish:
Pin—Brass
Socket—Phosphor bronze
Plated
A—Select—Gold flash over nickel on
entire contact, with additional .000030
[0.00076] gold on mating end
B—Duplex—.000030 [0.00076] gold on
mating end, tin on termination end, with
entire contact nickel underplated
C—Gold flash over nickel on entire
contact
D—Duplex—Gold flash on mating end,
tin on termination end, with entire
contact nickel underplated
Related Product Data:
Performance Characteristics—
page 41
Connectors used with:
HDP—pages 92-97
Application Tooling—page 102
Technical Documents:
Product Specification—108-40005
Application Specifications—
114-10000
114-40030
Note: Instruction Sheets for TE Tooling
are packaged with the tooling. For
additional information call the Tooling
Assistance Center: 1-800-722-1111.
Insertion/Extraction Tool
No. 91285-1
Instruction Sheet—408-9404
Without Insulation Support
Pin
Socket
Pin
Socket
Wire Size
Contact
Hand Tools for Loose Form Contacts
Range
Finish
Contact Part Numbers
CERTI-CRIMP II
Applicators*
AWG
Ins. Dia.
(Plating
Pin
Socket
PRO-CRIMPER II
Hand Tool
for Strip Form
[mm2]
Max.
Code)
Strip Form Loose Form
Strip Form Loose Form
Hand Tool
(Color Code)
Contacts
A
66507-3
66507-9
66505-3
66505-9
.040
B
1658540-4 1658540-5
1658538-2
91503-1
466423-4***
1.02
C
66507-4
1-66507-0
66505-4
1-66505-0
58448-2
(Blue Dot)
466901-1***
28-24
D
1658540-1 1658540-2
1658538-3 1658538-1
0.08-0.2
.060
A
66682-2
66682-4
66683-2
66683-4
1.52
B
5066682-9
1-5066683-0
——
91549-1
466963-1***
D
5066682-6
5066683-7
(Black Dot)
A
745254-2
745254-6
745253-2
745253-6
26-22
.040
B
1658544-2 1658544-1
1658543-2 1658543-1
91525-1
0.15-0.4
1.27
C
745254-3
745254-7
745253-3
745253-7
(Yellow Dot)
466968-1***
D
1658544-3
1658543-3
A
66506-3
66506-9
66504-3
66504-9
24-20
.060
B
1658539-1 1658539-3
1658537-3 1658537-4
91503-1
466422-4***
0.2-0.6
1.52
C
66506-4
1-66506-0
66504-4
1-66504-0
58448-2
(Red Dot)
466900-1***
D
1658539-2 1658539-4
1658537-1 1658537-2
***For Part Nos. of Special Applicators and Applicators for other model machines, call the TE Tooling Assistance
Center at 1-800-722-1111.
***For use with AMP-O-LECTRIC Model “G” Terminating Machine.
***For use with AMP-O-MATIC Model II Stripper-Crimper Machine.
Hand Tools for
Wire Size
Contact
Contact Part Numbers
Loose Form Contacts
Range
Ins. Dia.
Finish
Pin
Socket
CERTI-CRIMP II
Applicators*
AWG
Max.
(Plating
Strip Form
Strip Form
Hand Tool
for Strip Form
[mm2]
Code)
(Color Code)
Contacts
28-24
.068
A
205310-2
205311-3
91548-1
466903-1***
0.08-0.2
1.73
(Blue Dot)
24-20
.068
A
205202-2
205201-3
91548-1
0.2-0.6
1.73
C
205202-6
205201-6
(Red Dot)
466902-1***
A
745229-2
745230-2
22-18
.068
B
1658541-1
1658542-2
91513-1
0.4-0.8
1.73
C
745229-5
745230-5
(Green Dot)
466996-1***
D—
1658542-1
Note: Wire insulation diameter is limited by the connector housing cavity and clearance for the
insertion/extraction tool.
***For Part Nos. of Special Applicators and Applicators for other model machines, call the TE Tooling Assistance
Center at 1-800-722-1111.
***For use with AMP-O-MATIC Model II Stripper-Crimper Machine.
With Insulation Support
Crimp Snap-In
Contacts


Similar Part No. - 2-747580-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
2-744002-7 TEC-2-744002-7 Datasheet
131Kb / 11P
   This ERGOCRIMP Die is suitable to crimp the following crimp contacts
2-744010-8 TEC-2-744010-8 Datasheet
127Kb / 11P
   This ERGOCRIMP Die is suitable to crimp the following crimp contacts
2-744010-9 TEC-2-744010-9 Datasheet
128Kb / 11P
   For further information, not included in this IS , and for technical assistance please contact
logo
Tyco Electronics
2-746610-0 MACOM-2-746610-0 Datasheet
129Kb / 1P
   KIT, AMP-LATCH DIP PLUG
2-746610-1 MACOM-2-746610-1 Datasheet
129Kb / 1P
   KIT, AMP-LATCH DIP PLUG
More results

Similar Description - 2-747580-2

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
5207953-3 TEC-5207953-3 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
Tyco Electronics
205203-8 MACOM-205203-8 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
3-747579-4 MACOM-3-747579-4 Datasheet
2Mb / 66P
   HDP-20 Crimp Snap-In Contact Connectors
logo
List of Unclassifed Man...
1-87309-4 ETC2-1-87309-4 Datasheet
235Kb / 1P
   contact, mod v crimp snap-in
logo
Tyco Electronics
1-102917-1 MACOM-1-102917-1 Datasheet
62Kb / 1P
   CONTACT, FEMALE, MOD IV, CRIMP SNAP-IN
1-102316-2 MACOM-1-102316-2 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
87666-5 MACOM-87666-5 Datasheet
94Kb / 1P
   CONTACT, FEMALE MOD IV, CRIMP SNAP-IN
6-102316-3 MACOM-6-102316-3 Datasheet
93Kb / 1P
   CONTACT, FEMALE, MOD IV CRIMP SNAP-IN
1-338315-2 MACOM-1-338315-2 Datasheet
165Kb / 1P
   HDP-20 SIZE 3
1-338314-2 MACOM-1-338314-2 Datasheet
159Kb / 1P
   HDP-20 SIZE 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com