Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFB157070-000 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # HFB157070-000
Description  Electro-Magnetic Interference Solutions
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

HFB157070-000 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button HFB157070-000 Datasheet HTML 6Page - List of Unclassifed Manufacturers HFB157070-000 Datasheet HTML 7Page - List of Unclassifed Manufacturers HFB157070-000 Datasheet HTML 8Page - List of Unclassifed Manufacturers HFB157070-000 Datasheet HTML 9Page - List of Unclassifed Manufacturers HFB157070-000 Datasheet HTML 10Page - List of Unclassifed Manufacturers HFB157070-000 Datasheet HTML 11Page - List of Unclassifed Manufacturers HFB157070-000 Datasheet HTML 12Page - List of Unclassifed Manufacturers HFB157070-000 Datasheet HTML 13Page - List of Unclassifed Manufacturers HFB157070-000 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
Broadband (28) round cable parts are sorted by inside diameter
on page 12 and sorted by impedance on page 13.
Broadband EMI Ferrite Split/Snap-On Cores
In Plastic Cases
For retrofit and post-assembly operations, Laird Technologies’ offers a selection of “split” cores. Similar in performance
to the one piece core designs, these split ferrite cores provide excellent common and differential mode EMI suppression
on round cable and wire assemblies. Black or white plastic snap-on cases provide secure closure of the split cores onto
the cable.
For Round Cables & Wiring Harnesses
- 0A0 = White Plastic Snap On Case
- 0A2 = Black Plastic Snap On Case
*
*
PART
NUMBER
Figure
#
on
page 11
PLASTIC CASE DIMENSIONS
mm
(inches)
Maximum
Cable
Diameter
mm
(inches)
Typical Impedance
( Z ) in Ohms (
Ω )
Laird
Technologies
Solid Cylindrical
Core Similar
Parts
(for reference)
A
B
C
D
@  MHz
@ 100 MHz @ 00 MHz
28A0350-0B2
1
13.00
(0.511)
3.50
(0.138)
25.20
(0.992)
11.50
(0.453)
.0
(0.18)
100
240
400
28B0472-090
28A0392-0A*
1
13.72
(0.540)
5.44
(0.214)
30.56
(12.03)
12.72
(0.540)
.
(0.18)
75
170
320
28B0375-300
28A0434-0A2
4
14.71
(0.579)
5.44
(0.214)
42.88
(1.688)
14.70
(0.579)
.0
(0.119)
111
277
449
28B0434-000
28A0592-0A2
4
18.75
(0.738)
5.04
(0.198)
53.39
(2.102)
18.75
(0.738)
.0
(0.1)
261
572
688
28B0592-000
28A0593-0A2
4
18.75
(0.738)
6.75
(0.266)
52.91
(2.083)
18.75
(0.738)
.0
(0.)
186
407
575
28B0591-200
28A0640-0A*
1
19.90
(0.783)
9.80
(0.346)
41.40
(1.630)
21.65
(0.819)
8.9
(0.)
105
240
390
28B0631-100
28A0807-0A2
4
24.82
(0.977)
10.00
(0.394)
55.91
(2.201)
24.82
(0.977)
10.00
(0.9)
160
348
514
28B0735-000
28A2024-0A*
2
29.00
(1.142)
13.00
(0.512)
32.50
(1.280)
29.62
(1.166)
1.8
(0.0)
130
280
440
28B1020-100
28A2025-0A*
2
18.15
(0.715)
7.05
(0.278)
32.50
(1.280)
18.90
(0.744)
.
(0.)
130
320
510
28B0562-200
28A2026-0A2
1
21.00
(0.827)
6.80
(0.268)
41.70
(1.642)
21.00
(0.827)
.
(0.)
95
270
460
28B0562-200
28A2029-0A*
2
22.28
(0.877)
10.00
(0.394)
32.77
(1.290)
21.84
(0.860)
9.9
(0.9)
95
250
420
28B0734-000
28A2432-0A2
3
19.20
(0.756)
8.20
(0.323)
19.90
(0.783)
23.10
(0.909)
8.0
(0.1)
62
160
300
28B0672-000
28A2736-0A2
1
19.70
(0.776)
9.00
(0.354)
35.10
(1.382)
18.00
(0.709)
8.90
(0.0)
120
220
360
28B0631-100
28A3039-0A2
3
24.55
(0.967)
10.20
(0.402)
13.60
(0.535)
28.50
(1.122)
10.1
(0.00)
55
130
250
28B0735-300
28A3851-0A2
1
30.00
(1.181)
13.00
(0.512)
33.70
(1.327)
30.00
(1.181)
1.8
(0.0)
150
260
410
28B1020-100
28A4155-0A2
3
28.80
(1.134)
13.60
(0.535)
15.40
(0.606)
33.20
(1.307)
1.
(0.)
50
120
230
28B0825-100
28A5131-0A2
5
56.64
(2.230)
19.50
(0.768)
45.00
(1.772)
56.63
(2.230)
.0
(1.000)
187
425
533
28B2000-100
28A5776-0A2
2
29.20
(1.150)
19.30
(0.760)
42.00
(1.654)
29.40
(1.157)
19.00
(0.8)
115
210
360
28B1250-000
8
A
00
-0
B
*0 (White Case)
* (Black Case)
Material
Type
Product
Code
Part Size Code
Selected Dimension
Code
(Usually Length)
Additional Part
Description
Plastic Case Color
Code
PART NUMBERING SYSTEM EXAMPLE
Broad Band High Performance Material is 8
High Frequency Material is HF


Similar Part No. - HFB157070-000

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
HFB157070-000 LSTD-HFB157070-000 Datasheet
99Kb / 1P
   this print is the property of laird tech
HFB157070-000 LSTD-HFB157070-000 Datasheet
1Mb / 38P
   Ferrite EMI Cable Cores
2017
More results

Similar Description - HFB157070-000

ManufacturerPart #DatasheetDescription
logo
JL World Company Limite...
HC0901A JLWORLD-HC0901A Datasheet
54Kb / 1P
   Electro-Magnetic Sound Generators
HC0901B JLWORLD-HC0901B Datasheet
470Kb / 1P
   Electro-Magnetic Sound Generators
HC12G-3P JLWORLD-HC12G-3P Datasheet
415Kb / 1P
   Electro-Magnetic Sound Generators
HCM1601X JLWORLD-HCM1601X Datasheet
91Kb / 1P
   Electro-Magnetic Sound Generators
HCS0503C JLWORLD-HCS0503C Datasheet
46Kb / 1P
   Electro-Magnetic Sound Generators
HCS0901F JLWORLD-HCS0901F Datasheet
54Kb / 1P
   Electro-Magnetic Sound Generators
HCS0901G JLWORLD-HCS0901G Datasheet
55Kb / 1P
   Electro-Magnetic Sound Generators
HC12G-1P JLWORLD-HC12G-1P Datasheet
63Kb / 1P
   Electro-Magnetic Sound Generators
HCM1801 JLWORLD-HCM1801 Datasheet
88Kb / 1P
   Electro-Magnetic Sound Generators
HCE2306AX JLWORLD-HCE2306AX Datasheet
89Kb / 1P
   Electro-Magnetic Sound Generators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com