Electronic Components Datasheet Search |
|
644020 Datasheet(PDF) 11 Page - Tyco Electronics |
|
644020 Datasheet(HTML) 11 Page - Tyco Electronics |
11 / 84 page 11 Product Facts I Connectors and headers for 2 through 28 positions; wire sizes of 22, 24, 26 and 28 AWG [0.4-0.08 mm2] I Wire-to-Post Connectors preloaded with dual beam contacts I Connectors and headers, except shrouded headers, are end-to-end stackable I Connector styles include both closed end and feed- thru connectors with locking ramps, with and without polarizing tabs I Molded ribs on housing do not allow reverse mating I Posted connectors for 2 through 19 positions I Connectors preloaded with IDC contacts I All contacts are slotted for insulation displacement (IDC) terminal technique I Contacts are lubricated for fretting corrosion protection I Benefits derived from the MTA-100 system include increased quality and ease of handling such as— I One-step assembly I No wire stripping I No contact damage I Reduced wiring errors I Simpler tooling I Simple maintenance and repair I Meets the material require- ments of Table 23.1 of UL1410 Standards for Television Receiver and Video Products (wire-to- post connectors only) I Recognized under the Component Program of Underwriters Laboratories Inc., File No. E28476 I Certified by Canadian Standards Association, File No. LR7189 R R Technical Documents Product Specification 108-1050 MTA-100 Connectors Application Specifications 114-1019 MTA-100 Connectors 114-1031 MTA-100 Ribbon Cable Assembly MTA-100 connectors accept discrete and ribbon cable wire sizes ranging from 22 – 28 AWG [0.4 – 0.08 mm2] with maximum insulation outside diameter of .060 [1.52] for terminat- ing single wire and .050 [1.27] for mass termination of wires. Tin plated solid, fused stranded, or stranded (7 strands) wire with PVC insulation can be used on 22 – 28 AWG [0.4 – 0.9 mm2] MTA-100 connectors and 19 stranded wire on 22–24 AWG [0.4– 0.2 mm2] MTA-100 connectors. Only Performance Data* Voltage Rating — 250 vac Current Rating — 5 amp max. Low-Level Resistance — 6 m max. initial Dielectric Withstanding Voltage — 750 vac/1 min. Insulation Resistance — 5000 M min. initial Operating Temperature — 55 C to 105 C Note: Refer to page 70 for approved wire listings. one wire to be terminated into an IDC contact slot. The wire-to-post connector housing material is flame retardant thermoplastic, either UL94V-2 or UL94V-0 rated. A full line of .100 [2.54] centerline headers com- pletes the system. Headers are available with straight or right-angle posts, in flat, polarized or friction lock styles. Headers are avail- able in 2 through 28 positions. Shrouded headers are available in 2 through 14 positions. *Refer to the Product Specification for additional electrical, mechanical and environmental performance tests and requirements. .100 [2.54] Centerline MTA-100 IDC Connectors and Headers MTA, CST-100 II, SL-156 and AMP Economy Power (EP) Connectors Catalog 82056 Dimensions are in inches and Dimensions are shown for USA: 1-800-522-6752 South America: 55-11-2103-6000 Revised 6-08 millimeters unless otherwise reference purposes only. Canada: 1-905-470-4425 Hong Kong: 852-2735-1628 specified. Values in brackets Specifications subject Mexico: 52-55-1106-0800 Japan: 81-44-844-8013 www.tycoelectronics.com are metric equivalents. to change. C. America: 57-1-254-4444 UK: 44-208-420-8341 |
Similar Part No. - 644020 |
|
Similar Description - 644020 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |