Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6127P-81-2E Datasheet(PDF) 1 Page - Ohmite Mfg. Co.

Part # 6127P-81-2E
Description  Thru-Bolts and Mounting Brackets
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

6127P-81-2E Datasheet(HTML) 1 Page - Ohmite Mfg. Co.

  6127P-81-2E Datasheet HTML 1Page - Ohmite Mfg. Co. 6127P-81-2E Datasheet HTML 2Page - Ohmite Mfg. Co. 6127P-81-2E Datasheet HTML 3Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
Mounting Hardware
For 200, 210, 270 and 280 Series
= Most popular Standard values
= Standard values
= Non-Standard values subject to minimum handling charge per item
Type
Dimensions
Slotted
A
B
C
D
E
F
G
H
6101—E 0.781"
0.75"
0.031"
0.438"
0.25"
6104—E 0.781"
0.75"
0.031"
0.438"
0.25"
6110—E 1"
1.125"
0.063"
0.813"
0.313"
Elongated
6120—E 1"
0.5"
0.031"
0.422"
0.219"
.438
.750
6126—E 1.5"
1.25"
0.063"
0.438"
0.281"
.563
.875
6127—E 1.5"
2"
1.25"
0.063"
0.438"
0.281"
.563
.875
6128—E 1.5"
2"
1.25"
0.063"
0.438"
0.281"
.563
.875
6129—E 1.5"
2"
1.25"
0.063"
0.438"
0.281"
.563
.875
Std.
Core
Bolt
Length Length
13/4"
21/4"
2"
21/2"
21/4"
23/4"
4"
43/4"
6"
65/8"
61/2"
7"
81/2"
91/8"
101/2
111/8
T H ru-BolT s and Moun T ing Bracke T s
Sturdy plated steel brackets, along with
thru-bolts, centering washers and insulat-
ing washers (included), allow for secure
mounting of 210 type and 270 type resis-
tors. Mounting brackets are available in
either slotted (one with end-slot/one with
side-slot) or elongated styles.
mica washer
E
.063"
1.588 mm
F
C
E
D
A
centering washer
Slotted type
F
C
E
H
Resistor length plus
.125" (3.175 mm)
G
mica washer
D
A
centering washer
B
Elongated type
ordering inf o r M aT ion
More detailed information at http://www.ohmite.com/techdata/lug-mounting.php
6104- E M-61/2-E
No. of
Resistors
1
2
3
1
2
3
1
2
3
1
2
3
1
1
Bracket
6101
6102
6103
6104
6105
6106
6110A
6111A
6112A
6110
6111
6112
6113B
6114
Core
Code
K
M
N
P
R
S
Std. Core Length
in.
mm
2
4
6
2
4
61/2
4
6
81/2
101/2
81/2
101/2
113/
119
119
119
170
170
170
252
252
252
375
4
12
15
20
6121-D-13/4-E
No. of
Resistors
1
2
1
2
3
4
1
2
3
4
Bracket
6120
6121
6122
6123
6124
6125
6126
6127
6128
6129
Core
Code
D
H
K
M
N
P
Standard Core
Length (in)
1
13/4
2
21/4
4
2
4
61/2
81/2
101/2
RoHS Compliant
Euro lug
Slotted
Elongated
RoHS Compliant
MounTing
Hardware


Similar Part No. - 6127P-81-2E

ManufacturerPart #DatasheetDescription
logo
Bi technologies
6127 BITECH-6127 Datasheet
495Kb / 3P
   Position Sensor
More results

Similar Description - 6127P-81-2E

ManufacturerPart #DatasheetDescription
logo
SICK AG
BEF-WN-DX50 SICK-BEF-WN-DX50 Datasheet
313Kb / 4P
   Mounting brackets and plates
BEF-3WNGBAST4 SICK-BEF-3WNGBAST4 Datasheet
311Kb / 4P
   Mounting brackets and plates
BEF-WK-EPA SICK-BEF-WK-EPA Datasheet
373Kb / 4P
   Mounting brackets and plates
logo
Omron Electronics LLC
E39S61 OMRON-E39S61 Datasheet
1Mb / 17P
   Mounting Brackets
logo
SICK AG
BEF-FL-ALUPBS-HLDR SICK-BEF-FL-ALUPBS-HLDR Datasheet
316Kb / 3P
   Mounting brackets
BEF-FL-304LFP-HLDR SICK-BEF-FL-304LFP-HLDR Datasheet
329Kb / 3P
   Mounting brackets
logo
Omron Electronics LLC
E39-RS5 OMRON-E39-RS5 Datasheet
1Mb / 19P
   Mounting Brackets
logo
Bud Industries, Inc.
CS-11230 BUD-CS-11230 Datasheet
57Kb / 1P
   SLIMCAB SERIES MOUNTING BRACKETS
logo
PANDUIT CORP.
S4F-C PANDUIT-S4F-C Datasheet
64Kb / 1P
   Panduct Snap-Clip Mounting Brackets
logo
Heyco.
1025 HEYCO-1025 Datasheet
102Kb / 1P
   Heyco-Flex™Mounting Brackets
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com