Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5CSXFC6D Datasheet(PDF) 6 Page - Altera Corporation

Part # 5CSXFC6D
Description  Key Advantages of Cyclone V Devices
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5CSXFC6D Datasheet(HTML) 6 Page - Altera Corporation

Back Button 5CSXFC6D Datasheet HTML 2Page - Altera Corporation 5CSXFC6D Datasheet HTML 3Page - Altera Corporation 5CSXFC6D Datasheet HTML 4Page - Altera Corporation 5CSXFC6D Datasheet HTML 5Page - Altera Corporation 5CSXFC6D Datasheet HTML 6Page - Altera Corporation 5CSXFC6D Datasheet HTML 7Page - Altera Corporation 5CSXFC6D Datasheet HTML 8Page - Altera Corporation 5CSXFC6D Datasheet HTML 9Page - Altera Corporation 5CSXFC6D Datasheet HTML 10Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
Related Information
I/O Features in Cyclone V Devices
Provides the number of LVDS channels in each device package.
Package Plan
Table 5: Package Plan for Cyclone V E Devices
F896
(31 mm)
F672
(27 mm)
F484
(23 mm)
U484
(19 mm)
F256
(17 mm)
U324
(15 mm)
M484
(15 mm)
M383
(13 mm)
Member Code
GPIO
GPIO
GPIO
GPIO
GPIO
GPIO
GPIO
GPIO
224
224
128
176
223
A2
224
224
128
176
223
A4
240
224
175
A5
480
336
240
240
240
A7
480
336
224
240
A9
Cyclone V GX
This section provides the available options, maximum resource counts, and package plan for the Cyclone V GX
devices.
The information in this section is correct at the time of publication. For the latest information and to get
more details, refer to the Altera Product Selector.
Related Information
Altera Product Selector
Provides the latest information about Altera products.
Available Options
The following figure shows sample ordering code and lists the options available for Cyclone V GX devices.
Cyclone V Device Overview
Altera Corporation
Send Feedback
CV-51001
Package Plan
6
2013.12.26


Similar Part No. - 5CSXFC6D

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
5CSXFC6D6F31C6N INTEL-5CSXFC6D6F31C6N Datasheet
945Kb / 93P
   Cyclone V Device Datasheet
5CSXFC6D6F31C7N INTEL-5CSXFC6D6F31C7N Datasheet
945Kb / 93P
   Cyclone V Device Datasheet
5CSXFC6D6F31C8N INTEL-5CSXFC6D6F31C8N Datasheet
945Kb / 93P
   Cyclone V Device Datasheet
5CSXFC6D6F31I7N INTEL-5CSXFC6D6F31I7N Datasheet
945Kb / 93P
   Cyclone V Device Datasheet
More results

Similar Description - 5CSXFC6D

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
5CGXFC7D6 ALTERA-5CGXFC7D6 Datasheet
497Kb / 35P
   Key Advantages of Cyclone V Devices
5AGXFB7K4F40I3N ALTERA-5AGXFB7K4F40I3N Datasheet
522Kb / 39P
   Key Advantages of Arria V Devices
logo
Cymbet Corporation
WP-72-08 CYMBET-WP-72-08 Datasheet
455Kb / 12P
   The 8 Key Competitive Advantages of Solid State Batteries
logo
Exar Corporation
AN-207 EXAR-AN-207 Datasheet
177Kb / 6P
   ADVANTAGES OF ENHANCED RECEIVER FAILSAFE FEATURES
logo
IXYS Corporation
AN-145 IXYS-AN-145 Datasheet
199Kb / 11P
   Advantages of Solid-State Relays
logo
List of Unclassifed Man...
W199AX-8 ETC2-W199AX-8 Datasheet
1Mb / 11P
   Advantages of the W199 Power Relay
logo
Altera Corporation
5CEBA2U19C8N ALTERA-5CEBA2U19C8N Datasheet
1Mb / 58P
   Cyclone V Device Datasheet
5CEFA7F23I7N ALTERA-5CEFA7F23I7N Datasheet
1Mb / 58P
   Cyclone V Device Datasheet
logo
Intel Corporation
5CSEBA6U23I7 INTEL-5CSEBA6U23I7 Datasheet
402Kb / 37P
   Cyclone V Device Overview
February 2012 1.2
CV-51002 INTEL-CV-51002 Datasheet
945Kb / 93P
   Cyclone V Device Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com