Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

109P0824A201 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 109P0824A201
Description  DC Fan San Ace 80
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

109P0824A201 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  109P0824A201 Datasheet HTML 1Page - List of Unclassifed Manufacturers 109P0824A201 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
110
(Pa)
(CFM)
(m3/min)
→ 風量
0
0.20
0.25
0.15
0.10
0.05
0
1020
304050
0
1.5
1.0
0.5
60
40
50
20
30
10
(inch H2O)
13.8V/27.6V
12V/24V
10.2V/20.4V
(Pa)
(inch H2O)
(CFM)
(m3/min)
→ 風量
0
0.5
0.4
0.3
0.2
0.1
0 10 203040506070
0
2.0
1.0
0.5
1.5
120
100
80
60
40
20
13.2V/26.4V
12V/24V
6V/12V
109P0812A201
109P0824A201
109P0812H201
109P0824H201
(Pa)
(inch H2O)
(CFM)
(m3/min)
→ 風量
0
0.25
0.20
0.15
0.10
0.05
0 10 203040506070
0
2.0
1.5
1.0
0.5
70
60
50
40
30
20
10
53V
48V
43V
109P0848H201
(inch H2O)
(CFM)
(m3/min)
→ 風量
0
0.12
0.10
0.08
0.06
0.04
0.02
020
30
40
0
0.5
1.0
30
20
10
10
0
(Pa)
13.8V/27.6V
12V/24V
10.2V/20.4V
109P0812M201
109P0824M201
5
+1
0
φ1.6
φ
39.6
φ1.6
φ
75
4.3
±0.3
4-2
±0.5
82
±1
71.5
±0.3
4-
φ4.3±0.3
7
±0.5
85.5
±1
4-
φ10±0.5
71.5
±0.3
4-
φ4.3±0.3
10.5
±0.5
4-2
±0.5
φ1.6
φ1.6
φ101.2
φ75
5
+1
 0
4.3
±0.3
H speed
A speed
H speed
M speed
OptionsUnit : mm
Finger guards
Model:109-049C
Surfacetreatment:Nickel-chromeplating(silver)
Color
Outlet side
Resin finger guards
Model:109-1002G
Model:109-049E
:109-049H
Surfacetreatment:Nickel-chromeplating(silver)
:Cationelectropainting(black)
Color
Inlet side, Outlet side
Resin filter kits
Model:109-1002F13(13PPI)
,109-1002F20(20PPI)
:109-1002F30(30PPI)
,109-1002F40(40PPI)
Air Flow - Static Pressure Characteristics
Air Flow
Air Flow
Air Flow
Air Flow


Similar Part No. - 109P0824A201

ManufacturerPart #DatasheetDescription
logo
SANYO DENKI CO., LTD.
109P0824H601 SANYODENKI-109P0824H601 Datasheet
171Kb / 3P
   San Ace 80 9P
109P0824H701 SANYODENKI-109P0824H701 Datasheet
176Kb / 2P
   San Ace 80 9P type
109P0824M601 SANYODENKI-109P0824M601 Datasheet
171Kb / 3P
   San Ace 80 9P
109P0824M701 SANYODENKI-109P0824M701 Datasheet
176Kb / 2P
   San Ace 80 9P type
More results

Similar Description - 109P0824A201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9GA0812P7G001 ETC2-9GA0812P7G001 Datasheet
181Kb / 4P
   DC Fan San Ace 80
9GV0812P4K03 ETC2-9GV0812P4K03 Datasheet
180Kb / 4P
   DC Fan San Ace 80
9HV0812P1G001 ETC2-9HV0812P1G001 Datasheet
138Kb / 2P
   DC Fan San Ace 80
9GA0812P4J001 ETC2-9GA0812P4J001 Datasheet
198Kb / 4P
   DC Fan San Ace 80
9GA0812P6G001 ETC2-9GA0812P6G001 Datasheet
140Kb / 2P
   DC Fan San Ace 80
logo
SANYO DENKI CO., LTD.
9S0812H401 SANYODENKI-9S0812H401 Datasheet
215Kb / 2P
   DC Fan San Ace 80 9S type
9HV0812P1G601 SANYODENKI-9HV0812P1G601 Datasheet
204Kb / 3P
   DC Fan San Ace 80 9HV type
9HVA0812P1G001 SANYODENKI-9HVA0812P1G001 Datasheet
199Kb / 2P
   DC Fan San Ace 80 9HVA type
logo
List of Unclassifed Man...
9CRA0812P8G001 ETC2-9CRA0812P8G001 Datasheet
163Kb / 2P
   Counter Rotating Fan San Ace 80
9GE0412P3K03 ETC2-9GE0412P3K03 Datasheet
127Kb / 2P
   DC Fan San Ace 40
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com