Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

109P0505M701 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 109P0505M701
Description  DC Fan San Ace 52
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

109P0505M701 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  109P0505M701 Datasheet HTML 1Page - List of Unclassifed Manufacturers 109P0505M701 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
47
52
±0.5
42
±0.3
4-
φ3.7±0.3
(3)
(3)
+1
15 0
+50
300
0
(10)
リード線
AWG24
UL1007
回転方向
風吹出方向
取付用穴
51
42
±0.3
(24)
4-
φ3.7
Specifications The following nos. have pulse sensors and ribs.
Model No.
Rated Voltage Operating Voltage Range Rated Current Rated Input
Rated Speed
Max. Air Flow
Max. Static Pressure
SPL
Operating Temperature Expected Life
[V][V][A][W][min
-1
[m³/min]
[CFM][Pa][inchH²O][dB(A)][℃]
[h]
109P0505M701
5
4.5 to 5.5
0.15
0.75
3,700
0.205
7.24
21.4
0.086
22
20 to 70
60,000
109P0512A701
12
10.2 to 13.8
0.21
2.52
6,800
0.375
13.25
69.7
0.280
36
40,000
109P0512H701
7 to 13.8
0.10
1.20
4,600
0.255
9.00
31.9
0.128
27
60,000
109P0512M701
0.07
0.84
3,700
0.205
7.24
21.4
0.086
22
109P0524A701
24
14 to 27.6
0.11
2.64
6,800
0.375
13.24
69.7
0.280
36
20 to 60
40,000
109P0524H701
0.05
1.20
4,600
0.255
9.00
31.9
0.128
27
20 to 70
60,000
109P0524M701
0.04
0.96
3,700
0.205
7.24
21.4
0.086
22
DC Fan
15mm thick (GA type), 15mm thick
San Ace 52
General Specifications
Material……………………Frame: Plastics (Flammability: UL94V-0),
Impeller: Plastics (Flammability: UL94V-1)
Expected Life ……………Refer to specificationsL10:Survival rate:90% at 60,
rated voltage, and continuously run in a free air state
Lead Wire …………………
red
black or blue Sensor yellow
Storage Temperature …−30to 70℃(Non-condensing
DimensionsUnit : mm
Reference dimension of mounting holes and vent openingUnit : mm
Inlet side, Outlet side
Rotating Direction
Air Flow Direction
Mounting Hole
Lead Wire
52×52×15mm
Mass55g
52mmsq.
Available options: Without Sensor
Please inquire as the availability of these functions depend on the model. Lock Sensor


Similar Part No. - 109P0505M701

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
109P0405F3013 SANYO-109P0405F3013 Datasheet
145Kb / 5P
   San Ace 40
109P0405F302 SANYO-109P0405F302 Datasheet
87Kb / 3P
   DC Axial Fans
109P0405F601 SANYO-109P0405F601 Datasheet
125Kb / 2P
   San Ace 40
109P0405F602 SANYO-109P0405F602 Datasheet
87Kb / 3P
   DC Axial Fans
109P0405H3013 SANYO-109P0405H3013 Datasheet
145Kb / 5P
   San Ace 40
More results

Similar Description - 109P0505M701

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9GA0812P7G001 ETC2-9GA0812P7G001 Datasheet
181Kb / 4P
   DC Fan San Ace 80
9GE0412P3K03 ETC2-9GE0412P3K03 Datasheet
127Kb / 2P
   DC Fan San Ace 40
9GV0812P4K03 ETC2-9GV0812P4K03 Datasheet
180Kb / 4P
   DC Fan San Ace 80
9GV2048P0G201NOTE1 ETC2-9GV2048P0G201NOTE1 Datasheet
178Kb / 2P
   DC Fan San Ace 200
9HV0812P1G001 ETC2-9HV0812P1G001 Datasheet
138Kb / 2P
   DC Fan San Ace 80
109P0912J401 ETC-109P0912J401 Datasheet
148Kb / 2P
   DC Fan San Ace 92
9GA0812P4J001 ETC2-9GA0812P4J001 Datasheet
198Kb / 4P
   DC Fan San Ace 80
9GA0912P1H03 ETC2-9GA0912P1H03 Datasheet
159Kb / 2P
   DC Fan San Ace 92
109P0812A201 ETC-109P0812A201 Datasheet
123Kb / 2P
   DC Fan San Ace 80
9GA0812P6G001 ETC2-9GA0812P6G001 Datasheet
140Kb / 2P
   DC Fan San Ace 80
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com