Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

29351 Datasheet(PDF) 1 Page - Mallory performance club

Part # 29351
Description  ACTIVE POWER FILTER
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

29351 Datasheet(HTML) 1 Page - Mallory performance club

  29351 Datasheet HTML 1Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MALLORY IGNITION IS A DIVISION OF THE MR. GASKET PERFORMANCE GROUP
550 MALLORY WAY, CARSON CITY, NV 89701
(775) 882-6600
FAX (775) 887-4326
www.mrgasket.com
FORM 1359
(REV. C) 7/03
MADE IN U.S.A.
PRINTED IN U.S.A.
ACTIVE POWER FILTER
PART NO. 29351
Parts Included in this kit:
1 Active Power Filter
1 Velcro® Hook and Loop, 1" x1-1/2"
GENERAL INFORMATION
The Active Power Filter is designed for UNILITE® and MBI Ignition
Systems that experience failures with the ignition modules from voltage
spikes (voltage transients, power surges). Voltage spikes are associated
with “noisy” electrical systems from electrical defects such as worn
alternator brushes, corroded or oxidized electrical connections and similar
electrical problems. Voltage spikes are clamped and regulated by the
Active Power Filter from damaging the UNILITE
® Ignition Module.
NOTE: The Active Power Filter does not resolve failures with MBI
and UNILITE® Ignition Modules associated with: a) the absence of an
ignition ballast resistor in applications that require an ignition ballast
resistor; b) improper wiring.
INSTALLATION PROCEDURE
Step 1
Disconnect the distributor female connector from the distributor wire har-
ness male connector.
Step 2
Connect the distributor female connector to the Active Power Filter male
connector. See Figure 1.
Step 3
Connect the Active Power Filter female connector to the distributor wire har-
ness male connector. See Figure 1.
Step 4
Mount the Active Power Filter to the distributor housing with Velcro®.
ACTIVE
POWER
FILTER
Figure 1
INSTALLATION
INSTRUCTIONS
DISTRIBUTOR (TYPICAL)
ALL UNILITE® DISTRIBUTOR SERIES NOS. 37, 38, 45, 46, 47, 83, 86, 91, AND 93
ALL UNILITE® BREAKERLESS ELECTRONIC CONVERSION KITS
ALL MBI DISTRIBUTOR SERIES 42, 50, 57 AND 87
ALL MBI BREAKERLESS ELECTRONIC CONVERSION KITS
DISTRIBUTOR WIRE HARNESS
NOTE: THE DISTRIBUTOR WIRE HARNESS REMAINS
CONNECTED ACCORDING TO THE INSTRUCTIONS
SUPPLIED WITH YOUR IGNITION SYSTEM.
MALE
CONNECTOR
FEMALE
CONNECTOR
MALE
CONNECTOR
DISTRIBUTOR
FEMALE
CONNECTOR
(MOUNTING LOCATION SUGGESTION)


Similar Part No. - 29351

ManufacturerPart #DatasheetDescription
logo
Keystone Electronics Co...
29351 KEYSTONE-29351 Datasheet
130Kb / 1P
   MACHINE SCREW PAN PHILLIPS 10-32
More results

Similar Description - 29351

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UAF42 TI1-UAF42_14 Datasheet
273Kb / 14P
[Old version datasheet]   UNIVERSAL ACTIVE FILTER
UAF42 TI1-UAF42 Datasheet
273Kb / 13P
[Old version datasheet]   UNIVERSAL ACTIVE FILTER
logo
Burr-Brown (TI)
UAF42 BURR-BROWN-UAF42 Datasheet
149Kb / 6P
   UNIVERSAL ACTIVE FILTER
logo
Festo Corporation.
531922 FESTO-531922 Datasheet
80Kb / 1P
   Active carbon filter
3/10/22
553034 FESTO-553034 Datasheet
76Kb / 1P
   Active carbon filter
3/10/22
564038 FESTO-564038 Datasheet
76Kb / 1P
   Active carbon filter
3/10/22
logo
KR Electronics, Inc.
2376-6000 KR-2376-6000 Datasheet
18Kb / 2P
   Active Lowpass Filter
2355-120 KR-2355-120 Datasheet
16Kb / 1P
   Active Notch Filter
logo
Festo Corporation.
531926 FESTO-531926 Datasheet
79Kb / 1P
   Active carbon filter
3/10/22
529467 FESTO-529467 Datasheet
79Kb / 1P
   Active carbon filter
3/10/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com