Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RWS30A-48A Datasheet(PDF) 1 Page - TDK Electronics

Part # RWS30A-48A
Description  15W and 30W Single Output Industrial Power Supplies
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

RWS30A-48A Datasheet(HTML) 1 Page - TDK Electronics

  RWS30A-48A Datasheet HTML 1Page - TDK Electronics RWS30A-48A Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
118
1-800-526-2324 • www.us.tdk-lambda.com/lp/
Disclaimer: us.tdk-lambda.com/lp/legal.htm
RWS Series
Features
u 5 Year Warranty
u Low Profile
u Universal Input range
u Screw terminal connection
u DIN Rail mount bracket available
u Level B EMI
15W and 30W Single Output Industrial Power Supplies
Model
5V
12V
15V
24V
48V
Input Voltage range
-
85 - 265VAC (47-440Hz) 110-330VDC
Inrush Current (100 / 200VAC)
A
20 / 40
Temperature Coefficient
-
1% typical 0 - 50°C
Adjustment range
V
4.5-5.5
10.8-13.2
13.5-16.5
21.6-26.4
43.2-52.8
Line Regulation
mV
20
48
60
96
192
Load Regulation
mV
40
100
120
150
250
Ripple and Noise
mV
120
150
200
300
Overcurrent Protection
A
>105%
Overvoltage Protection
V
5.75-6.75
13.8-16.2
17.3-20.3
27.6-32.4
55.2-64.8
Efficiency (RWS15/RWS30) (1)
% typ
71/72
75/77
77/79
78/81
Hold Up Time (Typ)
ms
20ms (at 100VAC, nominal output, 25°C)
Operating Temperature
-
0 to+60°C, derate linearly to 60% load from 50°C to 60°C(2)
Storage Temperature
-
-30 to +85°C
Operating Humidity
-
30 - 90% RH (Non condensing)
Storage Humidity
-
10 - 95% RH (Non condensing)
Cooling
-
Convection
Withstand Voltage
-
Input to Chassis 2kVAC (20mA), Input to Output 3kVAC (20mA),
Output to Chassis 500VAC (100mA) for 1 min.
Isolation Resistance
-
>100M at 25°C & 70%RH, Output to Ground 500VDC
Vibration (non operating)
-
10 - 55Hz (1 minute sweep), 19.6m/s2 constant X, Y, Z 1 hour
Shock
-
< 196.1 m/s2
Safety Agency Approvals
-
UL1950, CSA950, EN60950, CE Mark (LVD), Built to meet DENTORI
Conducted & Radiated EMI
-
EN55011 / EN55022-B, FCC Class B
Recommended EMI Filter
-
RWS15A: MAW12R5-22, RWS30A: MAW1201-22
Weight (Typ)
g
RWS15A: 270, RWS30A: 310
Size (WxHxD)
mm
RWS15A: 35 x 97 x 98.5, RWS30A 35 x 97 x 121.5 (3)
Warranty
yrs
Five Years
Specifications
(1) At 100VAC, Maximum output power, and 25°C
(2) derate linearly to 50% load from 45°C to 60°C with cover fitted
(3) Refer to Outline Drawing
OBSOLETE


Similar Part No. - RWS30A-48A

ManufacturerPart #DatasheetDescription
logo
DENSEI-LAMBDA
RWS30A-48 LAMBDA-RWS30A-48 Datasheet
309Kb / 4P
   Single output 15W ~ 450W
More results

Similar Description - RWS30A-48A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWS150-24 ETC2-HWS150-24 Datasheet
1Mb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
   Single Output Industrial Power Supplies
JWS5028-A TDK-JWS5028-A Datasheet
183Kb / 2P
   Single Output Industrial Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
   Single Output Industrial Power Supplies
JFS0500 TDK-JFS0500 Datasheet
213Kb / 2P
   Single Output Industrial Power Supplies
HWS15A-150A TDK-HWS15A-150A Datasheet
2Mb / 6P
   Single Output Industrial Power Supplies
HWS6003 TDK-HWS6003 Datasheet
64Kb / 2P
   Single Output Industrial Power Supplies
logo
RSG Electronic Componen...
HWS300-1500 RSG-HWS300-1500 Datasheet
355Kb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
HWS1500-24-HD TDK-HWS1500-24-HD Datasheet
369Kb / 2P
   Single Output Industrial Power Supplies
logo
Mean Well Enterprises C...
DR-15 MEANWELL-DR-15_11 Datasheet
253Kb / 2P
   15W Single Output Industrial DIN Rail Power Supply
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com