Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S250D3 Datasheet(PDF) 1 Page - Digitron Semiconductors

Part # S250D3
Description  BIDIRECTIONAL TRIODE THYRISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors

S250D3 Datasheet(HTML) 1 Page - Digitron Semiconductors

  S250D3 Datasheet HTML 1Page - Digitron Semiconductors S250D3 Datasheet HTML 2Page - Digitron Semiconductors S250D3 Datasheet HTML 3Page - Digitron Semiconductors S250D3 Datasheet HTML 4Page - Digitron Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DIGITRON SEMICONDUCTORS
144 Market Street
Kenilworth NJ 07033 USA
phone +1.908.245-7200
fax +1.908.245-0555
sales@digitroncorp.com
www.digitroncorp.com
Rev. 20130213
SC250, SC251, SC250()3 SERIES
BIDIRECTIONAL TRIODE THYRISTOR
Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak repetitive off-state voltage
SC250B, SC251B, S250B3
SC250D, SC251D, S250D3
SC250E, SC251E, S250E3
SC250M, SC251M, S250M3
VDRM
200
400
500
600
Volts
Forward on-state current RMS
IT(RMS)
15
Amps
Peak forward surge current
(one cycle, sine wave, 60Hz)
ITSM
100
Amps
Circuit fusing considerations
(t = 1ms)
(t = 8.3ms)
I2t
20
41.5
A2s
Peak gate power
PGM
10
Watts
Average gate power
PG(AV)
0.5
Watts
Peak gate power (pulse width = 10µs)
IGM
2
Amps
Operating junction temperature range
TJ
-40 to +115
°C
Storage temperature range
Tstg
-40 to +125
°C
Stud torque
30
In. lb.
THERMAL CHARACTERISTICS
Characteristic
Symbol
Maximum
Unit
Thermal resistance, junction to case
SC250, SC251
SC250()3
R
ӨJC
2.0
2.3
°C/W
ELECTRICAL CHARACTERISTICS
(TC = 25°C unless otherwise noted. Values apply for either polarity of MT2. Characteristics referenced to MT1.)
Characteristic
Symbol
Min.
Typ.
Max.
Unit
Peak forward blocking current
(VD = rated VDRM, gate open)
TC = 25°C
TC = 115°C
IDRM
-
-
-
-
0.1
0.5
mA
Peak on-state voltage
(ITM = 21A peak, pulse width = 1ms, duty cycle ≤ 2%)
VT
-
-
1.65
Volts
Critical rate of rise of off-state voltage
(Rated VDRM, gate open, exponential waveform, TC = 115°C)
dv/dt
100
-
-
V/µs
Critical rate of rise of commutating off-state voltage (1)
(IT(RMS) = Rated RMS on state current, VD = VDRM, gate open,
commutating di/dt = 8A/ms)
SC250, SC251: TC = 84°C
SC250()3: TC = 78°C
dv/dt(c)
4
4
-
-
-
-
V/µs
Gate trigger current
(VD = 12V)
MT2(+), G(+); MT2(-), G(-); RL = 100Ω)
MT2(+), G(-);RL = 50Ω)
IGT
-
-
-
-
50
50
mA
Gate trigger current
(VD = 12V, TC = -40°C)
MT2(+), G(+); MT2(-), G(-); RL = 50Ω)
MT2(+), G(-);RL = 25Ω)
IGT
-
-
-
-
80
80
mA


Similar Part No. - S250D3

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
S250D NPM-S250D Datasheet
904Kb / 5P
   Linear Shaft Motor
S250D-1S NPM-S250D-1S Datasheet
904Kb / 5P
   Linear Shaft Motor
More results

Similar Description - S250D3

ManufacturerPart #DatasheetDescription
logo
American Microsemicondu...
AM-SJST60 AMMSEMI-AM-SJST60 Datasheet
537Kb / 2P
   Bidirectional Triode Thyristor (TRIAC)
logo
Comset Semiconductor
TIC226A COMSET-TIC226A_12 Datasheet
165Kb / 4P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
logo
Sanken electric
TMA36G-L SANKEN-TMA36G-L Datasheet
200Kb / 10P
   Triac (Bidirectional Triode Thyristor)
TMA12X SANKEN-TMA12X Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA16XP SANKEN-TMA16XP Datasheet
266Kb / 12P
   Triac (Bidirectional Triode Thyristor)
TMA166H-L SANKEN-TMA166H-L Datasheet
349Kb / 11P
   Triac (Bidirectional Triode Thyristor)
TMA206S-L SANKEN-TMA206S-L Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
logo
Comset Semiconductor
TIC225A COMSET-TIC225A Datasheet
211Kb / 3P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
TIC206A COMSET-TIC206A_12 Datasheet
164Kb / 4P
   SILICON BIDIRECTIONAL TRIODE THYRISTOR
logo
Sanken electric
TMA106S-L SANKEN-TMA106S-L Datasheet
275Kb / 12P
   Triac (Bidirectional Triode Thyristor)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com